Part Number Hot Search : 
6008B 15BSC 6008B C3225 1N5243B IRFL210 X24C45S PIC16C84
Product Description
Full Text Search
  LY2ZL2N Datasheet PDF File

For LY2ZL2N Found Datasheets File :: 1+       Page :: | <1> |   

    International Rectifier, Corp.
Omron Electronics, LLC
OMRON[Omron Electronics LLC]
http://
Part No. LY3 LY4N LY1 LY2 LY4S LY1-0 LY1-CR LY1-D LY1F LY1L4 LY1N LY1N-CR LY1N-D2 LY1S LY2-0 LY2-CR LY2-D LY2F LY2L4 LY2L4N LY2N LY2N-CR LY2N-D2 LY2S LY2Z LY2Z-0 LY2Z-CR LY2Z-D LY2ZF LY2ZL2 LY2ZL2N LY2ZN LY2ZN-CR LY2ZN-D2 LY2ZS LY3-0 LY3-D LY3F LY3L4 LY3N LY3S LY4 LY4-0 LY4-D LY4F LY4L4 LY4L4N LY4N-D2
Description    General Purpose Relay
Metal Oxide Resistor; Series:MP800; Resistance:0.020ohm; Resistance Tolerance: /- 5 %; Power Rating:20W; Temperature Coefficient:0 to 300 ppm/ C; Terminal Type:Radial Leaded; Package/Case:2-TO-220; Voltage Rating:300V 通用继电
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:50mA; Current, It av:40A; Forward Current:40A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 通用继电
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS06; Number of Contacts:10; Connector Shell Size:13; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 通用继电
General Purpose Relay 通用继电
RES 1206 475R 0.125W 1% 200V 100PPM/C
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:50mA; Current, It av:40A; Forward Current:40A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:25mA; Current, It av:6A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes
Power Thick Film Resistor; Series:MK; Resistance:2Mohm; Resistance Tolerance: 1%; Power Rating:0.75W; Operating Temperature Range:-55 C to C

File Size 434.97K  /  15 Page

View it Online

Download Datasheet

For LY2ZL2N Found Datasheets File :: 1+       Page :: | <1> |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



 
Price & Availability of LY2ZL2N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.77072691917419