Part Number Hot Search : 
EZ1086BC K4N32 SAB8726 MDS768 RA101 1R6U6T RF2367 2SB1026
Product Description
Full Text Search
  lvpecl-to-lvttl Datasheet PDF File

For lvpecl-to-lvttl Found Datasheets File :: 2216    Search Time::2ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ICST[Integrated Circuit Systems]
Part No. ICS843404AGT ICS843404 ICS843404AG ICS843404AGLF ICS843404AGLFT
OCR Text LVPECL AND LVDS CLOCK GENERATOR FEATURES * Three banks of outputs: one bank of two LVDS outputs and two banks of one LVPECL output * Selec...to generate 3.3V or 2.5V LVPECL levels * RMS phase jitter at 106.25MHz, using a 25.5MHz crystal (637...
Description LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR

File Size 232.50K  /  19 Page

View it Online

Download Datasheet





    ICS843002CY31 ICS843002CY-31LF ICS843002CY-31LFT ICS843002CY-31T

Integrated Circuit Systems
Part No. ICS843002CY31 ICS843002CY-31LF ICS843002CY-31LFT ICS843002CY-31T
OCR Text ...Two high frequency differential LVPECL outputs Output frequency: up to 700MHz * One LVCMOS/LVTTL VCXO PLL output with output enable * One Reference clock output with output enable * One LOCK detect output * Input mux supports 3 selectable i...
Description 700MHZ FEMTOCLOCKS VCXO BASED FREQUENCY TRANSLATOR AND JITTER ATTENUATOR

File Size 263.41K  /  27 Page

View it Online

Download Datasheet

    Optoway Technology Inc.
Optoway Technology, Inc.
Part No. NU-73H74H-RG NU-73H74H-PG
OCR Text ...Power Supply l RoHS Compliant l LVPECL Differential Inputs and Outputs l LVTTL TX Laser DC Bias Control l High Speed Laser DC-Bias Turn-on a...to reject incoming high power 1550 nm video signal, where the rejection ratio is over 40 dB. The tra...
Description 3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX20-U ONU Transceiver 3.3.25 Gbps310纳米突发模式德克萨斯 1.25 Gbps490纳米连续收发2X5 SFF封装,GE - PON的个1000BASE - PX20 - ü的ONU收发

File Size 154.28K  /  5 Page

View it Online

Download Datasheet

    843001CGI-23LFT 843001CGI-23T ICS843001I-23

Integrated Device Technology
Part No. 843001CGI-23LFT 843001CGI-23T ICS843001I-23
OCR Text ...emtoclock ? crystal/lvcmos-to- lvpecl/ lvcmos frequency synthesizer ics843001i-23 general description the ics843001i-23 is a highly versatile, low phase noise lvpecl/lvcmos synthesizer which can generate low jitter reference clocks for ...
Description FemtoClock? Crystal/LVCMOS-to-LVPECL/ LVCMOS Frequency Synthesizer

File Size 979.56K  /  24 Page

View it Online

Download Datasheet

    ICS843004 ICS843004AG ICS843004AGT

ICST[Integrated Circuit Systems]
Part No. ICS843004 ICS843004AG ICS843004AGT
OCR Text LVPECL FREQUENCY SYNTHESIZER FEATURES * Four 3.3V LVPECL outputs * Selectable crystal oscillator interface or LVCMOS/LVTTL single-ended in...to 85C ambient operating temperature GENERAL DESCRIPTION The ICS843004 is a 4 output LVPECL synt...
Description FEMTOCLOCKS LVCMOS/CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
FEMTOCLOCKS⑩ LVCMOS/CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER

File Size 288.06K  /  16 Page

View it Online

Download Datasheet

    V23818-N15-L656 V23818-N15-L653 V23818-N15-L616 INFINEONTECHNOLOGIESAG-V23818-N15-L653

Infineon Technologies AG
Part No. V23818-N15-L656 V23818-N15-L653 V23818-N15-L616 INFINEONTECHNOLOGIESAG-V23818-N15-L653
OCR Text ...ions Laser disable, LVTTL input LVPECL differential inputs and outputs For distance of up to 15 km on single mode fiber (SMF) Class 1 FDA and IEC laser safety compliant UL 94 V-0 certified Compliant with FCC (Class B) and EN 55022 File: ...
Description Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LCConnector, with Collar 纤巧单模1300波长多速率可达2.5 Gbit / s的收发器的LC⑩连x10钢钉,以
Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC Connector, with Collar

File Size 518.18K  /  20 Page

View it Online

Download Datasheet

    Infineon
Part No. AC/ACSDTTLEXT.TEMP ACACTTL2X5IR
OCR Text ...ator Laser disable, LVTTL input LVPECL differential inputs and outputs Suitable for multirate applications up to 155 Mbit/s - Fast Ethernet (FE) compatible Class 1 FDA and IEC laser safety compliant UL 94 V-0 certified Compliant with FCC (C...
Description Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 155 Mbit/s, 21/ 15 km,, 2x5, LC connector, with collar, -40C...85C
Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 155 Mbit/s, 21/ 15 km, 2x5, LC Connector, with collar

File Size 534.31K  /  17 Page

View it Online

Download Datasheet

    MC100EPT22 MC100EPT22D MC100EPT22DR2 ON0497

ONSEMI[ON Semiconductor]
Part No. MC100EPT22 MC100EPT22D MC100EPT22DR2 ON0497
OCR Text LVPECL Translator The MC100EPT22 is a dual LVTTL/LVCMOS to differential LVPECL translator. Because LVPECL (Positive ECL) levels are used only +3.3V and ground are required. The small outline 8-lead SOIC package and the single gate of the E...
Description From old datasheet system
Dual LVTTL/LVCMOS to Differential LVPECL Translator

File Size 65.77K  /  4 Page

View it Online

Download Datasheet

For lvpecl-to-lvttl Found Datasheets File :: 2216    Search Time::2ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of lvpecl-to-lvttl

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.605742931366