Part Number Hot Search : 
BGY587B GRM188R MIC44 DS2756 BYT77 5KE10A FN4547 LPC47N
Product Description
Full Text Search
  low-ohmic Datasheet PDF File

For low-ohmic Found Datasheets File :: 1271    Search Time::1.515ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    NXP Semiconductors N.V.
Part No. NX3L1T53GM
OCR Text low-ohmic single-pole double-throw analog switch suitable for use as an analog or digital 2:1 multip lexer/demultiplexer. it has a digital select input (s), two independent inputs/outputs (y0 and y1), a common input/output (z) and an act...
Description low-ohmic single-pole double-throw analog switch 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PQCC8

File Size 198.42K  /  24 Page

View it Online

Download Datasheet





    SCK1UF0124 SCK1UG0124 SCK1UJ0124 SCK1US0124 SAK1UF0124 SAH1UF0124 SBK1UF0124 SBH1UF0124 SCH1UF0124 SAK1US0124 SAH1US0124

Vishay Siliconix
Part No. SCK1UF0124 SCK1UG0124 SCK1UJ0124 SCK1US0124 SAK1UF0124 SAH1UF0124 SBK1UF0124 SBH1UF0124 SCH1UF0124 SAK1US0124 SAH1US0124 SBK1US0124 SBH1US0124 SCH1US0124 SAH1UJ0124 SAK1UJ0124 SBH1UJ0124 SBK1UJ0124 SCH1UJ0124
OCR Text Low ohmic value down to 0.05 * Tolerance down to 1 % * Stability 0.1 % < 2000 h at Pn at + 70 C * Low noise < 35 dB * Low TCR 100 ppm/C * Wirebondable This thin film chip resistor fits applications as force balance scales, E beam deflectio...
Description Current Sensing Bondable Chip Resistors

File Size 90.46K  /  3 Page

View it Online

Download Datasheet

    Vishay Intertechnology, Inc.
Part No. P0805Z7060LB P0805Z7231LB P0805Z7150LB P0805Z7151LB P0805Z7410LB P0805Z7320LB P0805Z7230LB P0805Z7232LB P0805Z7152LB P0805Z7062LB P0805Z7322LB P0805Z7321LB P0805Z7061LB
OCR Text ...3017 60 revision: 14-nov-08 for low noise and precision applications, superior stability, low temperature coefficient of resistance, and lo...ohmic range versus tolerance and tcr see detailed table page 2 * pb containing terminations are not ...
Description RESISTOR, THIN FILM, 0.2 W, 0.01 %, 5 ppm, 706 ohm, SURFACE MOUNT, 0805 CHIP
RESISTOR, THIN FILM, 0.2 W, 0.01 %, 5 ppm, 7230 ohm, SURFACE MOUNT, 0805 CHIP
RESISTOR, THIN FILM, 0.2 W, 0.01 %, 5 ppm, 715 ohm, SURFACE MOUNT, 0805 CHIP
RESISTOR, THIN FILM, 0.2 W, 0.01 %, 5 ppm, 7150 ohm, SURFACE MOUNT, 0805 CHIP
RESISTOR, THIN FILM, 0.2 W, 0.01 %, 5 ppm, 741 ohm, SURFACE MOUNT, 0805 CHIP
RESISTOR, THIN FILM, 0.2 W, 0.01 %, 5 ppm, 732 ohm, SURFACE MOUNT, 0805 CHIP
RESISTOR, THIN FILM, 0.2 W, 0.01 %, 5 ppm, 723 ohm, SURFACE MOUNT, 0805 CHIP
RESISTOR, THIN FILM, 0.2 W, 0.01 %, 5 ppm, 72300 ohm, SURFACE MOUNT, 0805 CHIP
RESISTOR, THIN FILM, 0.2 W, 0.01 %, 5 ppm, 71500 ohm, SURFACE MOUNT, 0805 CHIP
RESISTOR, THIN FILM, 0.2 W, 0.01 %, 5 ppm, 70600 ohm, SURFACE MOUNT, 0805 CHIP
RESISTOR, THIN FILM, 0.2 W, 0.01 %, 5 ppm, 73200 ohm, SURFACE MOUNT, 0805 CHIP
RESISTOR, THIN FILM, 0.2 W, 0.01 %, 5 ppm, 7320 ohm, SURFACE MOUNT, 0805 CHIP
RESISTOR, THIN FILM, 0.2 W, 0.01 %, 5 ppm, 7060 ohm, SURFACE MOUNT, 0805 CHIP

File Size 135.13K  /  5 Page

View it Online

Download Datasheet

    Vishay Intertechnology, Inc.
Part No. RCME0224301BYS14 RCME0224300FYS14 RCME0224300BYS14 RCME0224300DYS14 RCME0224300FYS03 RCME0224301DYS03 RCME0224301BYS03
OCR Text low temperature coefficient, high precision www.vishay.com for technical questions, contact: sfer@vishay.com document number: 52010 174 r...ohmic range 100 to 750 k resistance tolerance 0.1 %, 0.2 %, 0.5 %, 1 % nominal temperature c...
Description RESISTOR, METAL FILM, 0.125 W, 0.1 %, 10 ppm, 24300 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT
RESISTOR, METAL FILM, 0.125 W, 1 %, 10 ppm, 2430 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT
RESISTOR, METAL FILM, 0.125 W, 0.1 %, 10 ppm, 2430 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT
RESISTOR, METAL FILM, 0.125 W, 0.5 %, 10 ppm, 2430 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT
RESISTOR, METAL FILM, 0.125 W, 0.5 %, 10 ppm, 24300 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT

File Size 212.34K  /  4 Page

View it Online

Download Datasheet

    Vishay Intertechnology, Inc.
Part No. P0505Y3003GB P0402Y3903GN P0805E14R0BB
OCR Text ...3017 60 revision: 15-mar-10 for low noise and precision applications, superior stability, low temperature coefficient of resistance, and lo...ohmic value range thin film chip resistors vishay sfernice document number: 53017 for technical qu...
Description RESISTOR, THIN FILM, 0.125 W, 2 %, 10 ppm, 300000 ohm, SURFACE MOUNT, 0505 CHIP
RESISTOR, THIN FILM, 0.063 W, 2 %, 10 ppm, 390000 ohm, SURFACE MOUNT, 0402 CHIP, GREEN
RESISTOR, THIN FILM, 0.2 W, 0.1 %, 25 ppm, 14 ohm, SURFACE MOUNT, 0805 CHIP

File Size 159.58K  /  10 Page

View it Online

Download Datasheet

    KSY44 Q62705-K265

Siemens Semiconductor G...
SIEMENS[Siemens Semiconductor Group]
SIEMENS AG
Part No. KSY44 Q62705-K265
OCR Text ...mperature Small linearity error Low offset voltage Low TC of sensitivity Specified TC of offset voltage Low inductive zero component Package...Ohmic offset voltage I1 = I1N, B = 0 T Linearity of Hall voltage B = 0...0.5 T B = 0...1.0 T Input r...
Description    Hall Sensor Preliminary Data
Hall Sensor Preliminary Data 霍尔传感器的初步数据

File Size 65.66K  /  3 Page

View it Online

Download Datasheet

    TEA1202 TEA1202TS

PHILIPS[Philips Semiconductors]
Part No. TEA1202 TEA1202TS
OCR Text ...te DC/DC converter circuit, two Low DropOut voltage regulators (LDOs) and a battery low detector * Configurable for 1, 2 or 3-cell Nickel-Ca...ohmic power switches * Stable LDO performance with ceramic capacitors * Stand-alone low battery dete...
Description Battery power unit

File Size 114.38K  /  24 Page

View it Online

Download Datasheet

    Vishay
Part No. PHR
OCR Text ...hours: 0.15% under pn ? low temperature coeffcient down to ? 10ppm/c ? very low noise and voltage coeffcient ? resistance range:...ohmic value tolerance termination phr = hi rel chip 0603 y = ? 10ppm/c the first three d...
Description Very High Precision, Very High Stability, Thin Film Chip Resistors

File Size 82.55K  /  2 Page

View it Online

Download Datasheet

    INFINEON
Part No. KSY44
OCR Text ...mperature Small linearity error Low offset voltage Low TC of sensitivity Specified TC of offset voltage Low inductive zero component Package...Ohmic offset voltage I1 = I1N, B = 0 T Linearity of Hall voltage B = 0...0.5 T B = 0...1.0 T Inp...
Description Hall Sensor

File Size 70.45K  /  3 Page

View it Online

Download Datasheet

    IRHMS57264SE

IRF[International Rectifier]
Part No. IRHMS57264SE
OCR Text low-ohmic TO-254AA) Product Summary Part Number IRHMS57264SE Radiation Level 100K Rads (Si) RDS(on) 0.061 IRHMS57264SE JANSR2N7477T1 250V, N-CHANNEL REF: MIL-PRF-19500/685 5 TECHNOLOGY ID QPL Part Number 37A JANSR2N7477T1...
Description RADIATION HARDENED POWER MOSFET THRU-HOLE (low-ohmic TO-254AA) 250V, N-CHANNEL

File Size 180.92K  /  8 Page

View it Online

Download Datasheet

For low-ohmic Found Datasheets File :: 1271    Search Time::1.515ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of low-ohmic

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.73934102058411