Part Number Hot Search : 
IMB9A 600000 2SA1103 5KE27C AMS255BM U4083 1S133M D7412
Product Description
Full Text Search
  linux Datasheet PDF File

For linux Found Datasheets File :: 1482    Search Time::2.14ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    UNO-2052E UNO-2052E-IDA0E

Advantech Co., Ltd.
http://
Part No. UNO-2052E UNO-2052E-IDA0E
OCR Text ...0, Windows XP Embedded SP2, and linux ready solution Fanless and no internal cabling design Introduction The Advantech UNO-2052E is a X86-grade platform that offers dual CAN 2.0B interfaces. Combined with CAN 2.0B interfaces, the UNO-2...
Description AMD GX2 UNO with 2 x CAN, LAN

File Size 66.70K  /  1 Page

View it Online

Download Datasheet





    UNO-2053E UNO-2053E-IDA0E

Advantech Co., Ltd.
http://
Part No. UNO-2053E UNO-2053E-IDA0E
OCR Text ...0, Windows XP Embedded SP2, and linux ready solution Fanless design with no internal cabling RoHS 2002/95/EC COMPLIANT Introduction The Advantech UNO-2053E is a X86-grade platform that offers dual LAN, dual USB and PC card inter...
Description AMD Geode GX Fanless Box PC with 2 x LAN, 2 x COM, Audio, PC Card

File Size 573.10K  /  1 Page

View it Online

Download Datasheet

    MCIMX25LPDK MCIMX25LPDKJ MCIMX25WPDKJ

Freescale Semiconductor, Inc
Part No. MCIMX25LPDK MCIMX25LPDKJ MCIMX25WPDKJ
OCR Text ...Board Support Package (BSP) for linux(R) and Windows Embedded 6.0 enables rapid (R) The i.MX25 PDK is preconfigured with your choice of linux(R) (MCIMX25LPDK) or Windows Embedded CE 6.0 (R) Design With the i.MX25 PDK, designers hav...
Description Freescale Product Development Kit (PDK) for the i.MX25 Applications Processor
Freescale Product Development Kit (PDK) for the i.MX25 Applications Processor

File Size 201.99K  /  2 Page

View it Online

Download Datasheet

    100LX

List of Unclassifed Manufacturers
Part No. 100LX
OCR Text linux Development The ETRAX 100LX with a powerful CPU, MMU (Memory Management Unit), integrated Ethernet (10/100), and many device interfaces, is a price competitive hardware option for designers of embedded linux appliances such as intern...
Description Network Device System-on-Chip

File Size 165.36K  /  2 Page

View it Online

Download Datasheet

    DB9-USB-F DB9-USB-M DB9-USB-RS232

Future Technology Devices International Ltd.
Part No. DB9-USB-F DB9-USB-M DB9-USB-RS232
OCR Text ...ws(R) WHQL-certified, Mac OS X, linux and Windows CE device drivers Installs as a standard Windows COM port Supports Windows Server 2008, 2003, Vista, XP 2000, linux, Mac OS X 128 byte transmit buffer, 256 byte receive buffer RS-232 data si...
Description DB9-USB-RS232 Module Male & Female

File Size 643.05K  /  27 Page

View it Online

Download Datasheet

    FT2232H

Future Technology Devices International Ltd.
Part No. FT2232H
OCR Text ... 4.2, 5.0, 5.2 and 6.0 Mac OS-X linux (2.6.9 or later) Royalty free D2XX Direct Drivers (USB Drivers + DLL S/W Interface) * * * * * * Windows 2000, Server 2003, Server 2008 Windows XP and XP 64-bit Windows Vista and Vista 64-bit Windows...
Description DUAL HIGH SPEED USB TO MULTIPURPOSE UART

File Size 1,647.22K  /  60 Page

View it Online

Download Datasheet

    EP731105 EP7311-CB-90 EP7311-CR-90 EP7311-IB-90 EP7311-CV

Cirrus Logic, Inc.
CIRRUS LOGIC INC
Part No. EP731105 EP7311-CB-90 EP7311-CR-90 EP7311-IB-90 EP7311-CV
OCR Text ...sticated operating systems like linux(R). (cont.) (cont.) BLOCK DIAGRAM Multimedia Codec Port Power Management EPB Bus Clocks & Timers ARM720T USER INTERFACE ICE-JTAG ARM7TDMI CPU Core Interrupts, PWM & GPIO SERIA...
Description High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface
Embedded Processors IC Ultra Low PWR Hi Perf SOC w/LCD 32-BIT, 90 MHz, RISC MICROCONTROLLER, PBGA256
32-Bit Microcontroller IC; Controller Family/Series:(ARM7); Memory Size, SRAM:48KB; Number of I/O Pins:27; Number of Timers 8/12/16/32 Bits:0 / 0 / 2 / 0; Number of PWM Channels:2; Clock Speed:74MHz; Interfaces:SSI, UART

File Size 603.94K  /  58 Page

View it Online

Download Datasheet

    ZL10310 ZL10310_GAC ZL10310DTV-SOC ZL10311 ZL10311_GAC ZL10311DTV-SOC ZL10311GAC ZL10310GAC

Zarlink Semiconductor Inc
Part No. ZL10310 ZL10310_GAC ZL10310DTV-SOC ZL10311 ZL10311_GAC ZL10311DTV-SOC ZL10311GAC ZL10310GAC
OCR Text ... Virtual memory system Complete linux-based Software Development Kit (SDK) IDE interface Inputs for external MPEG-2 Transport Streams, allowing support for external demodulators (e.g. Cable TV, Satellite TV) Conditional Access (CA) DVB-desc...
Description "DVB-T on-a-Chip" Digital Television System-On-a-Chip Processor with Integrated COFDM Demodulator, Dolby Digital Decoding and Macrovision
Digital television DVB-T-On-a-Chip processor.

File Size 339.84K  /  40 Page

View it Online

Download Datasheet

    FWIXP425AB FWIXP425AC FWIXP425AD GWIXP425ABT GWIXP425ACT GWIXP425ADT IXP425 KIXDP425AD

Intel, Corp.
Intel Corp.
INTEL[Intel Corporation]
Part No. FWIXP425AB FWIXP425AC FWIXP425AD GWIXP425ABT GWIXP425ACT GWIXP425ADT IXP425 KIXDP425AD
OCR Text ...system support for VxWorks* and linux* Commercial and Extended temperature options The Intel IXP425 network processor family meets the requirements of next-generation broadband applications by integrating a unique distributed processing arc...
Description Optimized for Broadband Applications 优化的宽带应
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:37; Connector Shell Size:28; Connecting Termination:Crimp; Circular Shell Style:Right Angle Plug; Body Style:Right Angle

File Size 271.48K  /  4 Page

View it Online

Download Datasheet

For linux Found Datasheets File :: 1482    Search Time::2.14ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of linux

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.94711089134216