Part Number Hot Search : 
AGQ2104H 69204 12150 TF155A HER20 D8051 0100100 FIN1019M
Product Description
Full Text Search
  lif Datasheet PDF File

For lif Found Datasheets File :: 602    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

   
Part No. HLW20R-2A7
OCR Text lif / through hole the most flexible solution features benefits 1.00 mm spacing for ffc / fpc / cic available in 4 to 32 positions right angle and vertical type kinked solder tails available the gas-tight, high pressure (gth) cont...
Description 20 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SOLDER

File Size 485.81K  /  2 Page

View it Online

Download Datasheet





    MAN6280

Fairchild Semiconductor
Part No. MAN6280
OCR Text ...pora tion. as used herein: 1. lif e suppor t de vices or systems are de vices or systems which, (a) are intended f or surgical implant into the body , or (b) suppor t or sustain lif e , and (c) whose f ailure to perf or ...
Description DOUBLE HETEROJUNCTION AlGaAs RED SUNLIGHT VIEWABLE DISPLAYS 14.2mm (0.56in)

File Size 520.25K  /  7 Page

View it Online

Download Datasheet

    MAN4740A MAN4705A MAN4640A MAN4710A MAN4630A MAN4410A MAN4440A MAN4610A

Fairchild Semiconductor
Part No. MAN4740A MAN4705A MAN4640A MAN4710A MAN4630A MAN4410A MAN4440A MAN4610A
OCR Text ...pora tion. as used herein: 1. lif e suppor t de vices or systems are de vices or systems which, (a) are intended f or surgical implant into the body , or (b) suppor t or sustain lif e , and (c) whose f ailure to perf or ...
Description 0.400-INCH SEVEN SEGMENT DISPLAYS

File Size 645.13K  /  8 Page

View it Online

Download Datasheet

    TDA9888 TDA9888TS TDA9889 TDA9889TS TDA9888TS/V1 TDA9889TS/V1

PHILIPS[Philips Semiconductors]
Part No. TDA9888 TDA9888TS TDA9889 TDA9889TS TDA9888TS/V1 TDA9889TS/V1
OCR Text ... REFERENCE DATA SYMBOL VP IP Vo(lif)(p-p) GIF(max) GIF(cr) fosc PARAMETER supply voltage supply current typical low IF operating output voltage (peak-to-peak value) maximum conversion gain IF gain control range synthesizer controlled oscill...
Description TDA9888TS; TDA9889TS; DVB selective AGC amplifier

File Size 119.46K  /  22 Page

View it Online

Download Datasheet

    FEDSM2000-11043

List of Unclassifed Manufacturers
N.A.
ETC
Electronic Theatre Controls, Inc.
Part No. FEDSM2000-11043
OCR Text ...ION Laser Induced Fluorescence (lif) is based on the use of a light source to excite a fluorescence substance (fluorophore or fluorescent dye) that subsequently emits light. The fluorescence substance is used as a tracer to determine charac...
Description DUAL EMISSION LASER INDUCED FLUORESCENCE TECHNIQUE (DElif) FOR OIL FILM THICKNESS AND TEMPERATURE MEASUREMENT

File Size 186.17K  /  8 Page

View it Online

Download Datasheet

    MAN6480

Fairchild Semiconductor
Part No. MAN6480
OCR Text ...pora tion. as used herein: 1. lif e suppor t de vices or systems are de vices or systems which, (a) are intended f or surgical implant into the body , or (b) suppor t or sustain lif e , and (c) whose f ailure to perf or ...
Description 0.560-INCH SEVEN SEGMENT DISPLAYS

File Size 520.69K  /  5 Page

View it Online

Download Datasheet

    Abracon, Corp.
Part No. AOCJY-40.00-F AOCJY-40.00-E AOCJYA-40.00-E AOCJYA-40.00-F
OCR Text ... s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . abra c on .c o m revised: 01.05.09 visit www.abracon.com for terms & conditions of sale ? cellular infrastructure ? radar systems ...
Description OCVCXO, CLOCK, 40 MHz, CMOS OUTPUT ROHS COMPLIANT PACKAGE-5

File Size 828.07K  /  3 Page

View it Online

Download Datasheet

    Samtec
Part No. SFM-110-02-L-S-A
OCR Text ...standard= 132g (1,29n) a vg.; lif= 90g (0,88n) a vg. inser tion for ce (sfm): (single contact only) standard= 2.5oz (0,69n) a vg.; lite= 2.0oz (0,56n) a vg.; lif= 1.4oz (0,39n) a vg. withdra wal for ce (sfm): (single contact only) s...
Description SOCKET

File Size 484.62K  /  1 Page

View it Online

Download Datasheet

    Samtec, Inc
Part No. SSD-115-G-05 ESD-115-G-05 SD-112-G-21C SS-133-G-2 SS-110-T-3
OCR Text ... ess series ?1a, ?1b or ?1c for lif specify ?21a, ?21b or ?21c (ss, hss, sd) add ? l suf? x for locking lead socket in end positions. requires style -2 or -22 and .035" .003 dia board hole. mates with: ts, td, hts, bbs, bbd, bbl...
Description PRECISION MACHINED SOCKET STRIPS

File Size 446.18K  /  1 Page

View it Online

Download Datasheet

    Infineon
Part No. TDA4362X SP4362XC
OCR Text ...cal oscillator Local oscillator lif time constant AF output lif input (blocked to LF GND) lif input active lif input (blocked to LF GND) AM output 2. LO force input ----------------------------------------------------------------- The r...
Description Dual Conversion AM Receiver
From old datasheet system

File Size 124.14K  /  14 Page

View it Online

Download Datasheet

For lif Found Datasheets File :: 602    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of lif

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.8282990455627