Part Number Hot Search : 
HEF4025B F20SC9 H11F2 74HC4066 BCM11 C2405 LA42052 43860
Product Description
Full Text Search
  leakagelow Datasheet PDF File

For leakagelow Found Datasheets File :: 1    Search Time::1.015ms    
Page :: | <1> |   

    XILINX[Xilinx, Inc]
Xilinx, Inc.
Part No. XC95288XV DS050 XC95288XV-7TQ144I XC95288XV-10CS280C XC95288XV-10CS280I XC95288XV-10FG256C XC95288XV-10FG256I XC95288XV-10PQ208C XC95288XV-10PQ208I XC95288XV-10TQ144C XC95288XV-10TQ144I XC95288XV-5CS280C XC95288XV-5FG256C XC95288XV-5FG256I XC95288XV-5PQ208C XC95288XV-5PQ208I XC95288XV-5TQ144C XC95288XV-5TQ144I XC95288XV-7CS280C XC95288XV-7CS280I XC95288XV-7FG256C XC95288XV-7FG256I XC95288XV-7PQ208C XC95288XV-7PQ208I XC95288XV-7TQ144C XC95288XV-5CS280I XILINXINC.-XC95288XV-5TQ144I XC95288XV-7FQ256C XC95288XV-10 XC95288XV-5 XC95288XV-SERIES
OCR Text ...tage for 1.8V outputs IIL Input leakagelow current Test Conditions IOH = -4.0 mA IOH = -1.0 mA IOH = -100 A IOL = 8.0 mA IOL = 1.0 mA IOL = 100 A VCC = 2.62V VCCIO = 3.6V VIN = GND or 3.6V VCC = 2.62V VCCIO = 3.6V VIN = GND or 3.6V VIN = GN...
Description High-Performance CPLD
From old datasheet system
Advance Product Specification
D-Subminiature Connector; Gender:Female; No. of Contacts:15; Contact Termination:Through Hole; D Sub Shell Size:DB15; Body Material:Steel; Body Plating:Zinc; Contact Plating:Gold Flash; Mounting Type:Through Hole RoHS Compliant: Yes
D-Subminiature Connector; Gender:Male; No. of Contacts:15; Contact Termination:Crimp; D Sub Shell Size:DB15; Body Material:Steel; Body Plating:Zinc; Contact Plating:Gold RoHS Compliant: Yes
LJT 10C 10#20 PIN PLUG
DSUB 15 M SOD FLOA G
Metal Connector Backshell; Enclosure Material:Steel; Connector Type:Right-Angle; Leaded Process Compatible:No; No. of Positions:25; Peak Reflow Compatible (260 C):No RoHS Compliant: No
DSUB B/S DB 90DEG METAL 1 FLASH PLD, 10 ns, PQFP144
DSUB B/S DB STRT METAL 1 FLASH PLD, 10 ns, PQFP208
Plastic Connector Backshell; Enclosure Material:Steel; Enclosure Color:Yellow; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No FLASH PLD, 10 ns, PQFP208

File Size 99.50K  /  12 Page

View it Online

Download Datasheet

For leakagelow Found Datasheets File :: 1    Search Time::1.015ms    
Page :: | <1> |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of leakagelow

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.27218508720398