|
|
|
Bourns, Inc. Bourns Electronic Solutions BOURNS INC Rohm Bourns Electronic Solut...
|
Part No. |
2205-H-RC 2202-V-RC 2218-H-RC 2215-V-RC 2208-H-RC 2220-RC 2210-RC 2205-V-RC 2215-RC 2211-V-RC 2221-H-RC 2213-RC 2219-RC 2207-RC 2205-RC 2222-H 2222-RC 2202-RC 2203-RC
|
Description |
Toroidal Inductor; Series:2200; Inductance:22uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial leaded; Current Rating:10.3A; DC Resistance Max:0.010ohm; leaded Process Compatible:Yes 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:12uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial leaded; Current Rating:12A; DC Resistance Max:0.008ohm; leaded Process Compatible:Yes 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial leaded; Current Rating:3.3A; DC Resistance Max:0.10ohm; leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial leaded; Current Rating:3.8A; DC Resistance Max:0.075ohm; leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:39uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial leaded; Current Rating:7.1A; DC Resistance Max:0.022ohm; leaded Process Compatible:Yes 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount Low cost Toroidal Inductor; Series:2200; Inductance:68uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial leaded; Current Rating:4.9A; DC Resistance Max:0.046ohm; leaded Process Compatible:Yes Toroidal Inductor; Series:2200; Inductance:560uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial leaded; Current Rating:2.2A; DC Resistance Max:0.21ohm; leaded Process Compatible:Yes
|
File Size |
101.70K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
Part No. |
2317-H-RC 2318-H-RC 2315-H-RC 2301-H-RC 2307-V-RC 2319-RC 2315-RC 2313-RC 2320-RC 2307-RC 2305-RC 2312-RC 2317-RC 2321-RC 2306-RC 2301-RC 2310-RC 2316-RC
|
Description |
Toroidal Inductor; Series:2300; Inductance:270uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial leaded; Current Rating:5.5A; DC Resistance Max:0.060ohm; leaded Process Compatible:Yes 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial leaded; Current Rating:5.2A; DC Resistance Max:0.067ohm; leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial leaded; Current Rating:4.8A; DC Resistance Max:0.078ohm; leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:10uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial leaded; Current Rating:20A; DC Resistance Max:0.005ohm; leaded Process Compatible:Yes 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:33uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial leaded; Current Rating:11.7A; DC Resistance Max:0.013ohm; leaded Process Compatible:Yes 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount
|
File Size |
101.75K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
BOURNS INC Bourns Electronic Solut...
|
Part No. |
1120-222K-RC 1120-1R2M-RC 1120-680K-RC 1120-681K-RC 1120-1R8M-RC 1120-331K-RC 1120-471K-RC 1120-152K-RC 1120-121K-RC 1120-122K-RC 1120-120K-RC 1120-102K-RC
|
Description |
RF Choke; Series:1120; Inductance:2.2mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.54ohm; leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:68uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial leaded; Core Material:Ferrite; Current Rating:4.8A; DC Resistance Max:0.053ohm; leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.430ohm; leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.8uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:330uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.305ohm; leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.355ohm; leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.5mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.26ohm; leaded Process Compatible:Yes; Body Material:Ferrite Very high current capacity
|
File Size |
422.46K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
BOURNS INC
|
Part No. |
1130-6R8M 1130-560K 1130-1R0M
|
Description |
leaded Choke; Series:1130; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial leaded; Core Material:Ferrite; Current Rating:21A; DC Resistance Max:0.004ohm; leaded Process Compatible:No 1 ELEMENT, 56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR leaded Choke; Series:1130; Inductance:1uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial leaded; Core Material:Ferrite; Current Rating:21A; DC Resistance Max:0.003ohm; leaded Process Compatible:No
|
File Size |
102.22K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
Part No. |
5704-RC 5705-RC 5711-RC 5717-RC 5706-RC 5707-RC 5709-RC 5712-RC 5714-RC 5715-RC 5719-RC 5731-RC 5730-RC 5728-RC 5713-RC 5729-RC 5721-RC 5710-RC
|
Description |
CHOKE RF HI CURR 275UH 15% RAD 1 ELEMENT, 275 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 450 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 50 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:500uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial leaded; Current Rating:4A; DC Resistance Max:0.12ohm; leaded Process Compatible:Yes 1 ELEMENT, 500 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:25uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial leaded; Current Rating:9A; DC Resistance Max:0.012ohm; leaded Process Compatible:Yes 1 ELEMENT, 25 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:75uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial leaded; Current Rating:5A; DC Resistance Max:0.04ohm; leaded Process Compatible:Yes 1 ELEMENT, 75 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 800 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:150uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial leaded; Current Rating:4.75A; DC Resistance Max:0.046ohm; leaded Process Compatible:Yes 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1250 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:1.6mH; Inductance Tolerance: /- 15 %; Terminal Type:Radial leaded; Current Rating:1.5A; DC Resistance Max:1.27ohm; leaded Process Compatible:Yes 1 ELEMENT, 1600 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors
|
File Size |
464.43K /
1 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|