Part Number Hot Search : 
0213630 1N4763AG TLWR8 00B0L EH680J03 1C102 680MCL LM239DG
Product Description
Full Text Search
  last Datasheet PDF File

For last Found Datasheets File :: 40380    Search Time::1.094ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2764A M27C64A-30C1TR M27C64A-30C1X M27C64A-30C6TR M27C64A-30C6X M27C64A-30F1TR M27C64A-30F1X M27C64A-30F6TR M27C64A-30F6

ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
意法半导
STMicroelectronics N.V.
Part No. 2764A M27C64A-30C1TR M27C64A-30C1X M27C64A-30C6TR M27C64A-30C6X M27C64A-30F1TR M27C64A-30F1X M27C64A-30F6TR M27C64A-30F6X M27C64A-20C1TR M27C64A-20C1X M27C64A-20C6TR M27C64A-20C6X M27C64A-25C1TR M27C64A-25F6X M27C64A-25F6TR M27C64A-15C6X M27C64A-15F1X M27C64A-15F6X M27C64A-15C1TR M27C64A-15F6TR M27C64A-15C6TR M27C64A-15F1TR M27C64A-20F1TR M27C64A-25F1X M27C64A-25F1TR M27C64A-25C1X M27C64A-25C6TR M27C64A-25C6X M27C64A-15C1X
OCR Text ...IFY YES P = 3ms Pulse by n FAIL last Addr NO ++ Addr YES CHECK ALL BYTES 1st: VCC = 6V 2nd: VCC = 4.2V AI01167 Programming When delivered (and after each erasure for UV EPROM), all bits of the M27C64A are in the "1" state. Data is in...
Description 64K (8K x 8) UV EPROM and OTP ROM 64K的(8K的8)紫外线EPROM和检察官办公室光

File Size 97.89K  /  11 Page

View it Online

Download Datasheet





    2SA2097

Toshiba Corporation
TOSHIBA[Toshiba Semiconductor]
Part No. 2SA2097
OCR Text ...pectively. Year of manufacture: last decimal digit of the year of manufacture 2 2002-08-21 2SA2097 IC - VCE -6 -60 mA -50 mA Common emitter Tc = 25C -30 mA -20 mA 3000 1000 500 300 100 50 30 10 5 3 Common emitter VCE = -2 V ...
Description High-Speed Swtching Applications DC-DC Converter Applications

File Size 119.11K  /  5 Page

View it Online

Download Datasheet

    74HCT165 74HC165 74HC165PW 74HC165D 74HC165DB 74HC165N 74HCT165D 74HCT165DB 74HCT165N 74HCT165PW 74HCT165U 74HC165NB

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. 74HCT165 74HC165 74HC165PW 74HC165D 74HC165DB 74HC165N 74HCT165D 74HCT165DB 74HCT165N 74HCT165PW 74HCT165U 74HC165NB
OCR Text ... (Q7 and Q7) available from the last stage. When the parallel load (PL) input is LOW, parallel data from the D0 to D7 inputs are loaded into the register asynchronously. 74HC/HCT165 When PL is HIGH, data enters the register serially a...
Description 74HC/HCT165; 8-bit parallel-in/serial-out shift register

File Size 72.98K  /  10 Page

View it Online

Download Datasheet

    80C51BH 80C51BHP D80C51 D87C51 P87C511 80C31BH 87C51

INTEL[Intel Corporation]
Part No. 80C51BH 80C51BHP D80C51 D87C51 P87C511 80C31BH 87C51
OCR Text ... that invoked Power Down is the last instruction executed The on-chip RAM and Special Function Registers retain their values until the Power Down mode is transmitted On the 87C51 BH either a hardware reset or an external interrupt can cause...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 272.93K  /  21 Page

View it Online

Download Datasheet

    80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP

XP Power, Ltd.
Intel Corp.
INTEL[Intel Corporation]
Panasonic Semiconductor
Part No. 80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP83C51FA 83C51FA AN83C51FA AP80C51FA BN83C51FA BP80C51FA TP80C51FA1
OCR Text ... that invoked Power Down is the last instruction executed The on-chip RAM and Special Function Registers retain their values if the Power Down mode is terminated with an interrupt On the 83C51FA either a hardware reset or external interrupt...
Description (193.00 k) 93.00十一
DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一
Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制
EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 190.31K  /  13 Page

View it Online

Download Datasheet

    80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB

INTEL[Intel Corporation]
Part No. 80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB
OCR Text ... that invoked Power Down is the last instruction executed The on-chip RAM and Special Function Registers retain their values until the Power Down mode is terminated 272337 - 4 C1 C2 e 30 pF g10 pF for Crystals For Ceramic Resonators con...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 300.18K  /  22 Page

View it Online

Download Datasheet

    93C46B 93C46B-EP 93C46B-ESM 93C46B-ESN 93C46B-EST 93C46B-IP 93C46B-ISM 93C46B-ISN 93C46B-IST 93C46B-P 93C46B-SM 93C46B-S

MICROCHIP[Microchip Technology]
Part No. 93C46B 93C46B-EP 93C46B-ESM 93C46B-ESN 93C46B-EST 93C46B-IP 93C46B-ISM 93C46B-ISN 93C46B-IST 93C46B-P 93C46B-SM 93C46B-SN 93C46B-ST 93C46
OCR Text ...n (i.e., clock in or out of the last required address or data bit) CLK and DI become don't care bits until a new START condition is detected. During power-up, all programming modes of operation are inhibited until Vcc has reached a level...
Description 256 Bit/1K 5.0V CMOS Serial EEPROM
1K 5.0V Microwire Serial EEPROM

File Size 91.28K  /  12 Page

View it Online

Download Datasheet

    AD5203 AD5203AN10 AD5203AN100 AD5203AR10 AD5203AR100 AD5203ARU10 AD5203ARU100 AD5203AR10-REEL

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5203 AD5203AN10 AD5203AN100 AD5203AR10 AD5203AR100 AD5203ARU10 AD5203ARU100 AD5203AR10-REEL
OCR Text ... the VR latch to be loaded, the last 6-bits are data. A serial data output pin at the opposite end of the serial register allows simple daisychaining in multiple VR applications without additional external decoding logic. DAC 4 SHDN ...
Description 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
4-Channel, 64-Position Digital Potentiometer 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
ECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85%
RECTIFIER SCHOTTKY SINGLE 3A 60V 80A-ifsm 0.74V-vf 0.5mA-ir DO-201AD 500/BULK
2-Channel/ 256-Position Digital Potentiometer
4-Channel 64-Position Digital Potentiometer

File Size 259.09K  /  12 Page

View it Online

Download Datasheet

For last Found Datasheets File :: 40380    Search Time::1.094ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of last

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.54765295982361