Part Number Hot Search : 
TDA73090 P4KE18A NPSS25 1N5247 SD125 A2010 8HRTZ SR4060P
Product Description
Full Text Search
  large-screen Datasheet PDF File

For large-screen Found Datasheets File :: 1087    Search Time::1.344ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ADV7172 ADV7172KST ADV7173 ADV7173KST

AD[Analog Devices]
Part No. ADV7172 ADV7172KST ADV7173 ADV7173KST
OCR Text ...ed to drive the device. 11 Only large DACs (DACs A, B, C) on per low power mode. 12 Total DAC current in Sleep Mode. 13 Total continuous current during Sleep Mode. Specifications subject to change without notice. REV. A -3- ADV7172...
Description Digital PAL/NTSC Video Encoder with Six DACs 10 Bits, Color Control and Enhanced Power Management

File Size 455.07K  /  59 Page

View it Online

Download Datasheet





    BCP56T1 BCP56T1SERIES

Motorola Mobility Holdings, Inc.
MOTOROLA[Motorola, Inc]
Part No. BCP56T1 BCP56T1SERIES
OCR Text ...circuit board, because it has a large surface area, absorbs the thermal energy more efficiently, then distributes this energy to the components. Because of this effect, the main body of a component may be up to 30 degrees cooler than the ad...
Description MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT 中功率NPN硅高当前的晶体管表面贴装

File Size 200.38K  /  6 Page

View it Online

Download Datasheet

    BCP68T1

Motorola Inc
MOTOROLA[Motorola, Inc]
Part No. BCP68T1
OCR Text ...circuit board, because it has a large surface area, absorbs the thermal energy more efficiently, then distributes this energy to the components. Because of this effect, the main body of a component may be up to 30 degrees cooler than the ad...
Description MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT

File Size 149.51K  /  6 Page

View it Online

Download Datasheet

    CXA2000 CXA2000Q

SONY[Sony Corporation]
Part No. CXA2000 CXA2000Q
OCR Text ... V protect signal input. When a large current (3mA) is drawn from this pin, the RGB outputs are all blanked and "1" is output to the status ...screen by 32H and top of picture zoomed. 1Fh = 0V 3Fh = +0.2V Scrolled toward bottom of screen by 32...
Description Y/C/RGB/D for PAL/NTSC Color TVs

File Size 691.10K  /  48 Page

View it Online

Download Datasheet

    CXA2076Q

SONY[Sony Corporation]
Part No. CXA2076Q
OCR Text ... V protect signal input. When a large current (3mA) is drawn from this pin, the RGB outputs are all blanked and "1" is output to the status ...screen by 32H and top of picture zoomed. 1Fh = 0V 3Fh = +0.2V Scrolled toward bottom of screen by 32...
Description Y/C/RGB/D for PAL/NTSC Color TVs

File Size 518.00K  /  48 Page

View it Online

Download Datasheet

    CXP85452 CXP85460

SONY[Sony Corporation]
Part No. CXP85452 CXP85460
OCR Text ...in. (Port F) 8-bit output port. Large current (12mA) N-ch open drain output. Lower 4 bits are mid-voltage drive (12V); upper 4 bits are 5V drive. (8 pins) 8-bit PWM output pin. (8 pins) PC0 to PC7 I/O PD0/INT2 PD1/SCK PD2/SO PD3/SI...
Description CMOS 8-bit Single Chip Microcomputer

File Size 254.46K  /  21 Page

View it Online

Download Datasheet

    CXP854P60

SONY[Sony Corporation]
Part No. CXP854P60
OCR Text ...(Port F) 8-bit output port with large current (12mA) N-ch open drain output. Lower 4 bits middle voltage tolerance (12V), upper 4 bits 5V su...Screen Display) timing Item Symbol Pin EXLC XLC HSYNC HSYNC VSYNC Condiiton (Ta = -10 to +75C, VD...
Description CMOS 8-bit Single-chip Microcomputer

File Size 368.31K  /  20 Page

View it Online

Download Datasheet

    DDP3310B

Micronas
ETC
Part No. DDP3310B
OCR Text ... amplitudes are sharpened while large AC amplitudes remain nearly unmodified. The dynamic range can be adjusted from -14 to +14 dB for small...screen (height or width too small) it is surrounded with black areas. These areas (and more) can be ...
Description Display and Deflection Processor

File Size 1,011.92K  /  60 Page

View it Online

Download Datasheet

    DTC114TE DTC114TE_D ON0280

Motorola, Inc.
Motorola Inc
ON Semi
MOTOROLA[Motorola, Inc]
Part No. DTC114TE DTC114TE_D ON0280
OCR Text ...circuit board, because it has a large surface area, absorbs the thermal energy more efficiently, then distributes this energy to the components. Because of this effect, the main body of a component may be up to 30 degrees cooler than the ad...
Description CASE 463-01/ STYLE 1 SOT-416/SC-90
CASE 463-01, STYLE 1 SOT-416/SC-90
CASE 463-1, STYLE 1 SOT-16/SC-0
From old datasheet system

File Size 91.91K  /  4 Page

View it Online

Download Datasheet

    DTC114YE DTC114YE_D ON0281

Motorola Inc
ON Semi
MOTOROLA[Motorola, Inc]
Part No. DTC114YE DTC114YE_D ON0281
OCR Text ...circuit board, because it has a large surface area, absorbs the thermal energy more efficiently, then distributes this energy to the components. Because of this effect, the main body of a component may be up to 30 degrees cooler than the ad...
Description CASE 463-01/ STYLE 1 SOT-416/SC-90
CASE 463-01, STYLE 1 SOT-416/SC-90
CASE 463-1, STYLE 1 SOT-16/SC-0
From old datasheet system

File Size 144.99K  /  6 Page

View it Online

Download Datasheet

For large-screen Found Datasheets File :: 1087    Search Time::1.344ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of large-screen

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3146190643311