Part Number Hot Search : 
MAX5942A 2SK4035 SDR3006 SMLJ60CA 85J4K5 ADP17210 31006 20PFI
Product Description
Full Text Search
  lamps leds Datasheet PDF File

For lamps leds Found Datasheets File :: 2932    Search Time::4.515ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Lumex, Inc.
Part No. PT501TWYG4-12V-T
OCR Text ...3k pt301 1/4" (6.4mm) panel led lamps with hardware available in black housing cir881 = 880nm ir bolt-on panel mount led lamps led/lens typ...leds available for special applications notes: ? led tronics, inc. ? phone: (310) 534-1505 fax:...
Description DUAL COLOR LED, YELLOW/GREEN

File Size 182.33K  /  2 Page

View it Online

Download Datasheet





    Everlight Electronics Co., Ltd.
Part No. 1003SYGD/S530-E2/F14-9/S1339
OCR Text lamps features : choice of various viewing angles available on tape and reel. reliable and robust pb free the ...leds down from the peak temperature. although the recommended soldering conditions are specified i...
Description SINGLE COLOR LED, BRILLIANT YELLOW GREEN, 5.71 mm 6.22 X 3.68 MM, ROHS COMPLIANT, PLASTIC PACKAGE-2

File Size 132.58K  /  7 Page

View it Online

Download Datasheet

    SPR-54MVW

ROHM
Part No. SPR-54MVW
OCR Text lamps two-color leds ( f 5.0 mm) spr-54 series the spr-54 series are f 5 mm, two-color leds with a high luminous efficiency. red and green elements are built into a single package, and these leds are suitable for a wide range of uses. fe...
Description LED lamps > Conventional LED lamps > Dual-color LED lamps

File Size 75.38K  /  3 Page

View it Online

Download Datasheet

    SPR-39MVW

ROHM
Part No. SPR-39MVW
OCR Text lamps two-color leds ( f 3.1 mm) spr-39 series the spr-39 series are f 3.1 mm, two-color leds with a high luminous efficiency. red and green elements are built into a single package, and these leds are suitable for a wide range of uses. ...
Description LED lamps > Conventional LED lamps > Dual-color LED lamps

File Size 76.35K  /  3 Page

View it Online

Download Datasheet

    SML-511UW SML-511WW SML-511DW

ROHM
http://
Part No. SML-511UW SML-511WW SML-511DW
OCR Text lamps 1/3 high brightness leds sml-511 series the sml-511 series are high brightness chip leds equipped with an algainp chip. the compact and leadless design of these leds allows for high mounting density. ! features 1) three colors : red, ...
Description LED lamps > Surface Mount LED lamps
High brightness leds

File Size 66.47K  /  3 Page

View it Online

Download Datasheet

    SML-310 SML-310DT SML-310FT SML-310LT SML-310PT SML-310VT SML-310YT SML-310MT

ROHM
Part No. SML-310 SML-310DT SML-310FT SML-310LT SML-310PT SML-310VT SML-310YT SML-310MT
OCR Text lamps small, chip leds sml-310 series the slm-310 series are small, chip leds. the compact and leadless design of these leds allows for high mounting density. ! features 1) four colors: red, orange, yellow and green. 2) rectangular and lead...
Description Small/ chip leds
LED lamps > Surface Mount LED lamps

File Size 85.81K  /  5 Page

View it Online

Download Datasheet

    SML-010DT SML-010FT SML-010LT SML-010MT SML-010PT SML-010YT SML-010MTT86 SML-010LTT86 SML-010 SML-010VTT86

ROHM
Part No. SML-010DT SML-010FT SML-010LT SML-010MT SML-010PT SML-010YT SML-010MTT86 SML-010LTT86 SML-010 SML-010VTT86
OCR Text lamps chip leds with reflectors sml-010 series the sml-010 series are high luminance chip leds with reflectors. the compact and leadless design of these leds allows for high mounting density. ! features 1) reflectors are used to achieve a h...
Description LED lamps > Surface Mount LED lamps
Chip leds with reflectors SML-010 Series
   Chip leds with reflectors

File Size 83.29K  /  5 Page

View it Online

Download Datasheet

    Everlight Electronics C...
Part No. A203B-SYG-S530-E2-15
OCR Text ...binations on the colors o f led lamps ?good lock and easy to assembly. ?stackable and easy to assembly stackable vertically and easy ...leds. cut the led lead frames at room temperature. cuttin g the lead frames at high temperature...
Description LAMP

File Size 229.59K  /  8 Page

View it Online

Download Datasheet

    Marl International Limi...
Part No. 698-501-75-1312 698-521-63 698-532-63 698-521-75 698-930-63 698-501-63 698-532-75
OCR Text ... 1 of 4 high performance panel lamps features specifications to order typical characteristics (ta = 25c) bs en iso 9001:2008 approved manuf...leds were neve r considered to be static sensitive devices, change s in manufacturing technology and...
Description high performance panel lamps

File Size 352.25K  /  4 Page

View it Online

Download Datasheet

For lamps leds Found Datasheets File :: 2932    Search Time::4.515ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of lamps leds

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.2590458393097