Part Number Hot Search : 
AMS1073 12120 TR3D336 1H104J 200BZC STS151RA A1851 DSPIC3
Product Description
Full Text Search
  l5991 Datasheet PDF File

For l5991 Found Datasheets File :: 14    Search Time::3.563ms    
Page :: | <1> | 2 |   

    L5991D L5991A L5991AD L5991

STMICROELECTRONICS[STMicroelectronics]
Part No. l5991D l5991A l5991AD l5991
OCR Text l5991 l5991A PRIMARY CONTROLLER WITH STANDBY CURRENT-MODE CONTROL PWM SWITCHING FREQUENCY UP TO 1MHz LOW START-UP CURRENT (< 120A) HIGH-CURRENT OUTPUT DRIVE SUITABLE FOR POWER MOSFET (1A) FULLY LATCHED PWM LOGIC WITH DOUBLE PULSE SUPPRE...
Description PRIMARY CONTROLLER WITH STANDBY

File Size 190.69K  /  19 Page

View it Online

Download Datasheet





    ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
Part No. l599101 l5991D l5991 l5991A l5991AD l5991D013TR l5991AD13TR
OCR Text l5991 l5991A PRIMARY CONTROLLER WITH STANDBY CURRENT-MODE CONTROL PWM SWITCHING FREQUENCY UP TO 1MHz LOW START-UP CURRENT (< 120A) HIGH-CURRENT OUTPUT DRIVE SUITABLE FOR POWER MOSFET (1A) FULLY LATCHED PWM LOGIC WITH DOUBLE PULSE SUPPRE...
Description PRIMARY CONTROLLER WITH STANDBY
PRIMARY CONTROLLER WITH STANDBY

File Size 412.23K  /  23 Page

View it Online

Download Datasheet

    STEVAL-ISA007V1

STMicroelectronics
Part No. STEVAL-ISA007V1
OCR Text l5991 and ESBT STC08DE150HV Preliminary Data Features 3-phase 150W auxiliary dual output SMPS Input: 400Vac +/- 20% Output voltage 1: 24V, 6.25A @ 90kHz Output voltage 2: 5V, 0.075A @ 90kHz Auxiliary output voltage: 15V, 0...
Description High power 3-phase auxiliary power supply evaluation board Based on l5991 and ESBT STC08DE150HV

File Size 114.45K  /  5 Page

View it Online

Download Datasheet

    SGS Thomson Microelectronics
Part No. AN1134
OCR Text ...ins AC-DC adapter, based on the l5991 current mode PWM controller. Evaluation results are also presented so as to underline the benefits offered by the l5991 in such a new generation of equipment that requires a superior efficiency in stand...
Description 45W AC-DC ADAPTER WITH STANDBY FUNCTION (l5991)

File Size 110.66K  /  9 Page

View it Online

Download Datasheet

    SGS Thomson Microelectronics
Part No. AN1049
OCR Text ...ded flyback converters with the l5991 pwm controller by claudio adragna the l5991 pwm controller is particularly suitable for smps of equipment that must comply with standards concerning energy saving. the device, optimized for flyback topo...
Description MINIMIZE POWER LOSSES OF LIGHTLY LOADED FLY BACK CONVERTERS WITH THE l5991 PWM CONTROLLERS

File Size 218.60K  /  24 Page

View it Online

Download Datasheet

    AN1686

STMicroelectronics
Part No. AN1686
OCR Text ...n 10 ? 100 ms. by c. adragna an l5991-based converter with temporary extra power capability in some applications the smps, normally supposed to deliver a certain amount of power, from time to time undergoes load peaks that can be even two o...
Description AN l5991-BASED CONVERTER WITH

File Size 89.61K  /  7 Page

View it Online

Download Datasheet

    AN1215

STMicroelectronics
Part No. AN1215
OCR Text l5991 and l5993 [1] [2] include a two-level overcurrent protection: the "pulse- by-pulse" (or "cycle-by-cycle") current limitation and the so-called "hiccup mode" operation. pulse-by-pulse current limitation ideally limits the peak primary ...
Description HOW TO HANDLE SHORT CIRCUIT CONDITIONS

File Size 60.76K  /  7 Page

View it Online

Download Datasheet

    SGS Thomson Microelectronics
Part No. AN1537
OCR Text l5991's standby function is a valuable help in reducing light-load input consumption of offline converters and making them compliant with energy saving standards such as energystar, energy2000 and others. this func- tion, optimized for flyb...
Description A SIMPLE TRICK ENHANCES l5991 STANDBY FUNCTION

File Size 252.42K  /  18 Page

View it Online

Download Datasheet

    L5991AD13TR

STMicroelectronics
Part No. l5991AD13TR
OCR Text l5991 l5991a primary controller with standby current-mode control pwm switching frequency up to 1mhz low start-up current (< 120 m a) high-current output drive suitable for power mosfet (1a) fully latched pwm logic with dou- ble pulse suppr...
Description PRIMARY CONTROLLER WITH STANDBY

File Size 416.40K  /  23 Page

View it Online

Download Datasheet

For l5991 Found Datasheets File :: 14    Search Time::3.563ms    
Page :: | <1> | 2 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of l5991

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.64899516105652