Part Number Hot Search : 
SK273 STRLPBF 300AC BZX83C 4836N MPS712 E1209 RB095
Product Description
Full Text Search
  kwh-meter Datasheet PDF File

For kwh-meter Found Datasheets File :: 62    Search Time::1.188ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 |   

    SA2005M

sames
Part No. SA2005M
OCR Text ...io (Counter Resolution) 100 (1P/KwH) 10 (10P/KwH) 1 (100P/KwH) Test Mode Rated (RA) The rated condition select pin allows the metering c...meter tamper conditions, which are indicated as follows: Method Phase Voltages Description One LED i...
Description IC,POWER METERING,DIP,24PIN,PLASTIC

File Size 350.83K  /  12 Page

View it Online

Download Datasheet





    PME-1210-AE

Advantech Co., Ltd.
Part No. PME-1210-AE
OCR Text ...ent ? display resolution 0.1 kwh (range from 0 to 9,999,999.9kwh) ? record resolution 0.01 kwh (range from 0 to 9,999,999.99kwh) ? k...meter id 0 ~ 254 reliability ? communication iec61000-4-4 1 kv ? surge test iec61000-4-5 4...
Description 1-phase Multifunction Power Meter

File Size 160.79K  /  1 Page

View it Online

Download Datasheet

    SA2007MSA SA2007M SA2007MPA

SAMES[Sames]
Part No. SA2007MSA SA2007M SA2007MPA
OCR Text ... which channel is been used for kWh metering. Earth loop tamper output. This output indicates an earth loop tamper condition. Direction outp...meter manufacturers to cater for a wide range of metering applications with minimal design changes. ...
Description Single Phase Power/Energy Metering IC with Tamper Detection

File Size 165.57K  /  10 Page

View it Online

Download Datasheet

    PME-1130-AE

Advantech Co., Ltd.
Part No. PME-1130-AE
OCR Text kwh energy meter specifcations voltage & current measurement ? voltage 80 ~ 350 v ac , 45 ~ 65 hz ? current 5 ma ~ 5 a overload protection (std. 5a ct) ? permanent voltage 1.2 x vin ? permanent current 2 x iin ? transient...
Description 3-phase KW & KWH Energy Meter

File Size 152.97K  /  1 Page

View it Online

Download Datasheet

    AN939

Microchip Technology Inc.
Part No. AN939
OCR Text ...voltage and current, as well as kWh, presented in a clear digital format on an LCD. Besides basic energy measurement, this design also inclu...meter. It is equivalent to 36,000 wattseconds (10 Wh x 60 x 60); this means that we increment the co...
Description Designing Energy Meters with the PIC16F873A

File Size 390.82K  /  18 Page

View it Online

Download Datasheet

    BL6533

SHANGHAI BELLING CO., LTD.
Part No. BL6533
OCR Text ... pulse constant 0 0 3200 imp/kwh 0 1 800 imp/kwh 1 0 1600 imp/kwh 1 1 6400 imp/kwh 61,62,63,64 nc unused ? ? ? ? ? pa...meter ic with lcd single phase energy meter ic with lcd single phase energy meter ic with lcd sin...
Description Single Phase, LCD, Energy Meter IC

File Size 292.30K  /  10 Page

View it Online

Download Datasheet

    Electronic Theatre Controls, Inc.
Part No. EM3-DINAV33DX EM3-DINAV83DX EM3-DINAV93DX EM3-DINAV33DO EM3-DINAV83DO EM3-DINAV93DO EM3-DINAV33CO EM3-DINAV33CR EM3-DINAV33CX EM3-DINAV83CO EM3-DINAV83CR EM3-DINAV83CX
OCR Text ...indicator for the indication of kwh or kvarh; one green led for the indication of power on; one red led blinking proportional- ly to the consumed energy . energy management energy meter with plug-in output modules type em3-din type selectio...
Description Energy Management Energy Meter with plug-in Output Modules

File Size 93.06K  /  4 Page

View it Online

Download Datasheet

    Electronic Theatre Controls, Inc.
Part No. EM4-DINAV53 EM4-DINAV13ADR EM4-DINAV13AOR EM4-DINAV13AXR EM4-DINAV13BDR EM4-DINAV13BOR EM4-DINAV13BXR EM4-DINAV13COR EM4-DINAV13CXR EM4-DINAV13DDR EM4-DINAV13CDR EM4-DINAV63DOR EM4-DINAV53CDR EM4-DINAV53DDR EM4-DINAV53ADR EM4-DINAV53BDR EM4-DINAV13DXR EM4-DINAV23DXR EM4-DINAV33DXR EM4-DINAV43DXR EM4-DINAV53DXR EM4-DINAV63DXR EM4-DINAV13DOR EM4-DINAV23DOR EM4-DINAV33DOR EM4-DINAV43DOR EM4-DINAV53DOR EM4-DINAV73DOR EM4-DINAV73DXR EM4-DINAV73ADR EM4-DINAV73AOR EM4-DINAV73AXR EM4-DINAV73BDR EM4-DINAV73BOR EM4-DINAV73BXR EM4-DINAV73CDR EM4-DINAV73COR EM4-DINAV73CXR EM4-DINAV73DDR EM4-DINAV83BDR EM4-DINAV83ADR EM4-DINAV53CXR EM4-DINAV23ADR EM4-DINAV23AOR EM4-DINAV53AOR EM4-DINAV43AOR EM4-DINAV23AXR EM4-DINAV23BDR EM4-DINAV23CDR EM4-DINAV23COR EM4-DINAV63AXR EM4-DINAV83AXR EM4-DINAV53AXR EM4-DINAV43DDR EM4-DINAV53BOR EM4-DINAV53COR EM4-DINAV43CXR EM4-DINAV23BXR EM4-DINAV83AOR EM4-DINAV43CDR EM4-DINAV43COR EM4-DINAV33AXR EM4-DINAV43ADR EM4-DINAV43AXR EM4-DINAV43BDR EM4-DINAV43BOR EM4-DINAV43BXR EM4-DINAV53BXR EM4-DINAV63AOR
OCR Text ...ng modes: ? two pulse outputs (kwh and kvarh); ? one alarm output (kw dmd) and one pulse output (kwh or kvarh) ? one output remotely c...meter ? b ack-lighted lcd display ? 3 1 / 2 dgt instantaneous variables read-out ? 8 dgt + 7 1 / 2 d...
Description Energy Management Energy Meter with plug-in Output Modules 能源管理电能表与插件输出模块

File Size 205.05K  /  8 Page

View it Online

Download Datasheet

    AS
Part No. ATT7021
OCR Text ... A (Ib = 5 A) Counter = 100 imp/kWh Meter constant = 3200 imp/kWh Shunt size = 350 100 imp/hour = 100/3600 sec = 0.027777 Hz Meter will be calibrated at Ib (5A) 5 A = 1.1 kW Power dissipation at Ib = 220 V Frequency on F1 (and F2) at Ib = 1...
Description User Manual

File Size 305.99K  /  8 Page

View it Online

Download Datasheet

    South African Micro-Electronic Systems
Part No. PM2005M PM2005P
OCR Text ... Only S7 closed 1 (100 pulse/kWh) Only S8 closed 100 (1 pulse/kWh) Only S9 closed 10 (10 pulse/kWh) S7, S8 and S9 open Test Mode DataS...meter).DataSheet4U.com CURRENT SENSOR INPUT RESISTORS Referring to figure 4 the resistors R1 and R2 ...
Description Evaluation Board For The SA2005M And SA2005P Energy Metering Ic

File Size 469.07K  /  12 Page

View it Online

Download Datasheet

For kwh-meter Found Datasheets File :: 62    Search Time::1.188ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of kwh-meter

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.5895149707794