Part Number Hot Search : 
3528B MAX66 MTD49X 50N06 55C10 SRA1660 1613TF ISL9228
Product Description
Full Text Search
  khz-2.5 Datasheet PDF File

For khz-2.5 Found Datasheets File :: 119352    Search Time::25.532ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2N6295

SEME-LAB[Seme LAB]
Part No. 2N6295
OCR Text ...10V f =0.1 MHz IC = 1.5A f =1.0 KHz VCE = 3V 4.0 -- IE = 0 VCE = 3.0V 120 300 pF -- *Pulse test tp =300s 2% Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: h...
Description DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTOR

File Size 14.63K  /  2 Page

View it Online

Download Datasheet





    2SA1083 2SA1084 2SA1085

HITACHI[Hitachi Semiconductor]
Part No. 2SA1083 2SA1084 2SA1085
OCR Text ...z VCE = -6V, IC = -10 mA, f = 1 kHz, Rg = 0, f = 1Hz Note: D 1. The 2SA1083, 2SA1084 and 2SA1085 are grouped by h FE as follows. E 400...2) -20 Typicaol Transfer Characteristics -10 VCE = -12 V Collector Current IC (mA) -5 -4 -3...
Description Silicon PNP Transistor
Silicon PNP Epitaxial

File Size 40.84K  /  8 Page

View it Online

Download Datasheet

    2SA1190 2SA1191

HITACHI[Hitachi Semiconductor]
Part No. 2SA1190 2SA1191
OCR Text ... I C = -0.1 mA, Rg = 10 k f = 1 kHz VCE = -6 V, I C = -0.1 mA, Rg = 10 k f = 10 Hz VCB = -6 V, I C = -10 mA, Rg = 0, f = 1 kHz -- 0.2 2.0 -- 0.2 2.0 dB Noise voltage reffered to input en -- 0.7 -- -- ...
Description Silicon PNP Epitaxial

File Size 44.42K  /  10 Page

View it Online

Download Datasheet

    2SA836

HITACHI[Hitachi Semiconductor]
Part No. 2SA836
OCR Text ....1mA, Rg = 10 k f = 10 Hz f = 1 kHz Note: C 1. The 2SA836 is grouped by hFE as follows. D 250 to 500 160 to 320 2 2SA836 Maximum Collector Dissipation Curve Collector power dissipation Pc (mW) 300 Typical Output Characterist...
Description Silicon PNP Epitaxial

File Size 31.87K  /  6 Page

View it Online

Download Datasheet

    2SA872 2SA872A

HITACHI[Hitachi Semiconductor]
Part No. 2SA872 2SA872A
OCR Text ... Hz I C = -50 A Rg = 50 k f = 1 kHz Typ -- -- -- -- -- -- -- 120 1.8 -- -90 -- -- DC current tarnsfer ratio hFE1* hFE2 Base to emit...2 2SA872, 2SA872A Maximum Collector Dissipation Curve Collector Power Dissipation PC (mW) 300 Co...
Description Silicon PNP Transistor
Silicon PNP Epitaxial

File Size 36.33K  /  7 Page

View it Online

Download Datasheet

    2SA893 2SA893A

HITACHI[Hitachi Semiconductor]
Part No. 2SA893 2SA893A
OCR Text ...V, I C = -50 A Rg = 50 k, f = 1 kHz Min -90 -- -- Typ -- -- -- -- -- -- 120 1.8 2 -120 -- -- -- 250 -- -- -- -- -- 120 1.8 2 DC current transfer ratio hFE* Base to emitter voltage VBE Collector to emitter saturation voltage 2...
Description Silicon PNP Epitaxial

File Size 23.37K  /  5 Page

View it Online

Download Datasheet

    2SD974

HITACHI[Hitachi Semiconductor]
Part No. 2SD974
OCR Text ...5 4 3 2 1 (20 V, 4 A) f = 15.75 kHz Ta = 25C 0.8 0.4 (60 V, 0.5 A) 50 100 150 Collector to Emitter Voltage VCE (V) 0 50 100 150 Ambient Temperature Ta (C) 0 Typical Output Characteristics 0.5 5 4 3 DC Current Transfer R...
Description Silicon NPN Epitaxial

File Size 28.76K  /  6 Page

View it Online

Download Datasheet

    2SD975

HITACHI[Hitachi Semiconductor]
Part No. 2SD975
OCR Text ...be 0.8 TC = 25C f = 15.75 kHz 3 2 1 0.4 (60 V, 0.5 A) 0 50 100 Ambient temperature Ta (C) 150 0 50 100 150 Collector to emitter voltage VCE (V) 2 1 mA 2SD975 Typical Output Characteristecs 4.0 6.0 4.0...
Description Silicon NPN Epitaxial

File Size 31.05K  /  6 Page

View it Online

Download Datasheet

    5962-89805012A 5962-8980501CA 5962-8980501IA AD536A AD536AJCHIPS AD536AJD AD536AJH AD536AJQ AD536AKD AD536AKH AD536AKQ A

AD[Analog Devices]
Analog Devices, Inc.
Part No. 5962-89805012A 5962-8980501CA 5962-8980501IA AD536A AD536AJCHIPS AD536AJD AD536AJH AD536AJQ AD536AKD AD536AKH AD536AKQ AD536ASCHIPS AD536ASD AD536ASE AD536ASH 5962-89805 AD536 AD883B AD536AKH_ AD536AKH/
OCR Text ...es RMS of AC and DC Signals 450 kHz Bandwidth: V rms > 100 mV 2 MHz Bandwidth: V rms > 1 V Signal Crest Factor of 7 for 1% Error dB Output with 60 dB Range Low Power: 1.2 mA Quiescent Current Single or Dual Supply Operation Monolithic Integ...
Description Complete Monolithic IC Which Performs True RMS-to-DC Conversion
Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3126; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug RoHS Compliant: No
JT 28C 26#20 2#16 SKT PLUG
Integrated Circuit True RMS-to-DC Converter RMS TO DC CONVERTER, 0.09 MHz, CDIP14
Integrated Circuit True RMS-to-DC Converter RMS TO DC CONVERTER, 0.09 MHz, MBCY10

File Size 149.33K  /  8 Page

View it Online

Download Datasheet

    74HCU04 74HCU04D 74HCU04N 74HCU04PW 74HCU04DB

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. 74HCU04 74HCU04D 74HCU04N 74HCU04PW 74HCU04DB
OCR Text ...ESONATOR (f < 1 MHz) FREQUENCY (kHz) 10 to 15.9 16 to 24.9 25 to 54.9 55 to 129.9 130 to 199.9 200 to 349.9 350 to 600 Note 1. All values gi...2) (3) (4) VCC = 2.0 V. VCC = 3.0 V. VCC = 4.0 V. VCC = 5.0 V. (5) VCC = 6.0 V. Fig.15 Typical in...
Description 74HCU04; Hex inverter

File Size 64.78K  /  7 Page

View it Online

Download Datasheet

For khz-2.5 Found Datasheets File :: 119352    Search Time::25.532ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of khz-2.5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
7.3135628700256