Part Number Hot Search : 
SMPJ112 MC340 SC942160 67401J 2N3719 LM358D SMLJ65A EL5221
Product Description
Full Text Search
  khz-2 Datasheet PDF File

For khz-2 Found Datasheets File :: 99459    Search Time::2.516ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    IS24C08-2 IS24C08-2G IS24C08-2GI IS24C08-2P IS24C08-2PI IS24C08-2Z IS24C08-2ZI IS24C08-3 IS24C08-3G IS24C08-3GI IS24C08-

ETC[ETC]
Part No. IS24C08-2 IS24C08-2G IS24C08-2GI IS24C08-2P IS24C08-2PI IS24C08-2Z IS24C08-2ZI IS24C08-3 IS24C08-3G IS24C08-3GI IS24C08-3P IS24C08-3PI IS24C08-3Z IS24C04-2 IS24C04-2G IS24C04-2GI IS24C04-2P IS24C04-2PI IS24C04-3 IS24C04-3G IS24C04-3GI IS24C04-3P IS24C04-3PI IS24C16-2 IS24C16-2G IS24C16-2GI IS24C16-2P IS24C16-2PI IS24C16-3 IS24C16-3G IS24C16-3GI IS24C16-3P IS24C16-3PI IS24C02-3G IS24C02-3GI IS24C01 IS24C01-2 IS24C01-2G IS24C01-2GI IS24C01-2P IS24C01-2PI IS24C01-2S IS24C01-2SI IS24C01-2Z IS24C01-2ZI IS24C01-3 IS24C01-3G IS24C01-3GI IS24C01-3P IS24C01-3PI IS24C01-3S IS24C01-3SI IS24C01-3Z IS24C01-3ZI IS24C08-3ZI 24C16
OCR Text ...C16-3: Vcc = 2.5V to 5.5V * 100 KHz (1.8V) and 400 KHz (5V) Compatibility * Hardware Data Protection -- Write Protect Pin * Sequential Read Feature * Filtered Inputs for Noise Suppression * 8-pin PDIP and 8-pin SOIC packages * 8-pin TSSOP (...
Description 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit2-WIRESERIALCMOSEEPROM
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM

File Size 84.07K  /  13 Page

View it Online

Download Datasheet





    Samsung
Part No. LTN141WD-L05-2
OCR Text ... dd =3.3v, v ss = gnd = 0v (1) khz 80 40 f l lamp frequency (1) marms 7.0 2.0 i l lamp current note unit max. min. symbol item 1. electrical absolute ratings (1) v v dd + 0.3 v dd ?0.3 v dd power supply voltage (1) v v dd + 0.3 v dd ?0...
Description TFT LCD

File Size 205.46K  /  13 Page

View it Online

Download Datasheet

    PBL38610-2 PBL386102QNS PBL386102QNT PBL38610/2

ERICSSON[Ericsson]
Ericsson Microelectronics
Part No. PBL38610-2 PBL386102QNS PBL386102QNT PBL38610/2
OCR Text ...andard 455-1985,ZTRX = 736 0.2 kHz < f < 1.0 kHz 53 1.0 kHz < f < 3.4 kHz 53 3 active state 0.2 kHz f 1.0 kHz 1.0 kHz < f < 3.4 kHz 3 active state 0.2 kHz f 1.0 kHz 1.0 kHz < f < 3.4 kHz 4 active state 0.2 kHz < f < 3.4 kHz 59 59 53 53...
Description Subscriber Line Interface Circuit 用户线接口电

File Size 114.25K  /  18 Page

View it Online

Download Datasheet

    PBL38611-2 PBL386112QNS PBL386112QNT PBL386112SHS PBL386112SHT PBL38611/2

Ericsson Microelectronics
ERICSSON[Ericsson]
http://
Part No. PBL38611-2 PBL386112QNS PBL386112QNT PBL386112SHS PBL386112SHT PBL38611/2
OCR Text ...ire dB dB ZLM = 200 , f = 16 kHz Note 2 0 < f < 100 Hz active state 12 IEEE standard 455-1985, ZTRX = 736 0.2 kHz < f < 1.0 kHz 53 1.0 kHz < f < 3.4 kHz 53 3 active state 0.2 kHz f 1.0 kHz 1.0 kHz < f < 3.4 kHz 3 active state 0.2 kHz ...
Description Subscriber Line Interface Circuit

File Size 144.38K  /  18 Page

View it Online

Download Datasheet

    Vishay Intertechnology,Inc.
Part No. SD5000I-2
OCR Text ... sb = 0 v, i d = 20 ma, f = 1 khz 10 12 ms gate-node capacitance c (gs+gd+gb) 2.5 3.5 drain-node capacitance c (gd+db) v ds = 10 v, f = 1 mhz 2.0 3 source-node capacitance c (gs+sb) v ds = 10 v, f = 1 mhz v gs = v bs = ? 15 v 3.7 5 p...
Description N-Channel Lateral DMOS FET(最小漏源击穿电0V,最大阈值电.5V的N沟道增强型MOSFET)

File Size 39.98K  /  5 Page

View it Online

Download Datasheet

    PCF8594C-2 PCF8594C-2P PCF8594C-2T PCF8598C-2 PCF8598C-2P PCF8598C-2T PCF8582C-2 PCF8582C-2T 85C82 PCF85 PCF85XXC-2 PCF8

PHILIPS[Philips Semiconductors]
Integrated Circuit Systems
Part No. PCF8594C-2 PCF8594C-2P PCF8594C-2T PCF8598C-2 PCF8598C-2P PCF8598C-2T PCF8582C-2 PCF8582C-2T 85C82 PCF85 PCF85XXC-2 PCF8582C-2P
OCR Text ...cycle. CONDITIONS fSCL = 100 kHz VDD = 2.5 V VDD = 6 V - - - - - - - - - - MIN. 2.5 MAX. 6.0 60 200 0.6 2.0 0.8 2.5 1.0 4.0 3.5 10 UNIT V A A mA mA mA mA mA mA A A IDDW supply current E/W PCF8582C-2 PCF8594C-2 PCF8598C-2 ...
Description 256 to 1024 x 8-bit CMOS EEPROMs with I2C-bus interface
PCF85xxC-2 family 256 to 1024 ? 8-bit CMOS EEPROMs with I2C-bus interface

File Size 178.33K  /  24 Page

View it Online

Download Datasheet

    ST-2

Micronetics, Inc.
Part No. ST-2
OCR Text KHZ TO 3 GHZ DESCRIPTION Micronetics' ST-2 Diode with its small, surface mount SOT23 package are ideally suited for medium and high volume production circuits. Their Gaussian wideband highly stable noise characteristics make them ideal fo...
Description MINI-NOISE DIODES 10 KHZ TO 3 GHZ

File Size 34.98K  /  1 Page

View it Online

Download Datasheet

    824H8B-2 824H8B-3 824H8B-4 824H8B-5 824H8B-6 824H8L-2 824H8L-3 824H8L-4 824H8L-5 824L8Y2-2 824H8Y2-2 824L8Y2-3 824H8Y2-3

Frequency Devices, Inc.
Part No. 824H8B-2 824H8B-3 824H8B-4 824H8B-5 824H8B-6 824H8L-2 824H8L-3 824H8L-4 824H8L-5 824L8Y2-2 824H8Y2-2 824L8Y2-3 824H8Y2-3 824L8Y2-4 824H8Y2-4 824H8Y2-5 824H8Y2-6 824H8Y5-5 824L8Y5-5 824H8Y5-4 824L8Y5-4 824L8Y2-5 824L8Y2-6 824L8L-3 824L8L-2 824H8Y5-2 824H8Y5-3 824L8Y5-2 824H8L-6 824L8B-2 824L8B-5 824L8B-6 824L8L-4 824L8L-5 824L8B-3 824L8B-4 824L8Y5-6 824L8L-6
OCR Text kHz 8-Bit Programmable Description 2" x 2" 4-Pole Filters The 824 Series are digitally programmable low pass and high pass active filters that are tunable over a 256:1 frequency range. 824 filters are available with any one of five s...
Description 2 x 2 4-Pole Filters
2" x 2" 4-Pole Filters

File Size 516.18K  /  13 Page

View it Online

Download Datasheet

    F1773-356-2 F1773-2000 F1773-310-2 F1773-312-2 F1773-315-2 F1773-318-2 F1773-322-2 F1773-327-2 F1773-333-2 F1773-339-2 F

http://
Vishay Siliconix
Part No. F1773-356-2 F1773-2000 F1773-310-2 F1773-312-2 F1773-315-2 F1773-318-2 F1773-322-2 F1773-327-2 F1773-333-2 F1773-339-2 F1773-347-2 F1773-368-2 F1773-382-2 F1773-410-2 F1773-412-2 F1773-415-2 F1773-418-2 F1773-422-2 F1773-427-2 F1773-433-2 F1773-439-2 F1773-447-2 F1773-456-2 F1773-468-2 F1773-482-2 F1773-510-2 F1773-512-2 F1773-515-2 F1773-518-2 F1773-522-2
OCR Text ...UE 253 V 630 V 100 x 10-4 at 1 kHz www.vishay.com 2 For technical questions, contact: RFI@vishay.com Document Number: 26507 Revision: 23-Sep-08 F1773-2000 AC Capacitors, Suppression Capacitors Class X2 AC 253 V (MKT) - Axial T...
Description AC Capacitors, Suppression Capacitors Class X2 AC 253 V (MKT) - Axial Type

File Size 113.54K  /  11 Page

View it Online

Download Datasheet

For khz-2 Found Datasheets File :: 99459    Search Time::2.516ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of khz-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.48556017875671