Part Number Hot Search : 
BAT54 2FTR68SG 1316C 1N4936 LM3S1110 1N4936 A1200 1375HV
Product Description
Full Text Search
  kapton Datasheet PDF File

For kapton Found Datasheets File :: 268    Search Time::1.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CWS-4001A

http://
ETC[ETC]
Part No. CWS-4001A
OCR Text ...RE LOCATED AS SHOWN 6 APPLY ONE kapton TAPE TO COVER THE EDGES OF 6 THE SMT LEADS MUST REST FLAT ON PCB, CO-PLANAR FILL WINDING AND CORE WITH EPOXY 2 PART A&B (600F,315C) 5 REMOVE INSULATION AND TIN LEADS APPROX. 0.1 INCH HELIX WIND 3 TURNS...
Description 12A mps Output Choke

File Size 33.51K  /  1 Page

View it Online

Download Datasheet





    Omega Engineering, Inc.
Part No. 5TC-TT-J-30-36
OCR Text ...nvenient 5-Packs PFA Teflon(R), kapton(R), or Glass Braid Insulation 20, 24, 30, 36 and 40 AWG Wires 1 and 2 m (40 and 80") Lengths Standard NIST Calibration Available "TT" PFA Teflon(R) insulation "GG" Glass braid insulation ALL M...
Description THERMOCOUPLE CABLE 30AWG 1M 0.25MM

File Size 195.51K  /  2 Page

View it Online

Download Datasheet

    ADNS-2051 ADNS2051

Agilent(Hewlett-Packard)
Part No. ADNS-2051 ADNS2051
OCR Text ...WIDTH 0.50 (0.020) 1.42 (0.056) kapton TAPE 0.25 (0.010) 5 TYP. 6.17 (0.243) 12.34 (0.486) 6.02 (0.237) 13.38 (0.527) NOTES: 1. DIMENSIONS IN MILLIMETERS (INCHES). 2. DIMENSIONAL TOLERANCE: 0.1 mm. 3. COPLANARITY OF LEADS: 0.1 mm. 4. LEAD ...
Description Optical Mouse Sensor

File Size 450.55K  /  40 Page

View it Online

Download Datasheet

    Avago Technologies Ltd.
Part No. ANDS-3150-001
OCR Text ...) 1.19 (0.047) PROTECTIVE kapton TAPE NOTES: 1. DIMENSIONS IN MILLIMETERS (INCHES). 2. COPLANARITY OF PADS: 0.1 mm 3. CUMULATIVE PITCH TOLERANCE: 0.15 mm 4. PAD PITCH TOLERANCE: 0.1 mm 5. MAXIMUM FLASH: + 0.2 mm 6. DIMENSIONAL T...
Description Low Power LED Integrated Slim Mouse Sensor

File Size 1,983.87K  /  27 Page

View it Online

Download Datasheet

    SAMTEC INC
Part No. YFW-20-12-E-08-MSB YFW-20-12-E-05-SB-K
OCR Text ... only) -10: ten rows option -k: kapton pad (see fig. 3) (available on -07, -09 & -12 mated stacks only) -tr: tape & reel [stack height -07 & -09: all positions -12: positions up to 40x10 -19 & -25: not available] -p: pick...
Description 160 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT
100 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT

File Size 615.60K  /  4 Page

View it Online

Download Datasheet

    Agilent (Hewlett-Packard)
Part No. ADNS2051
OCR Text ...d 12 osc_out 11 gnd 10 osc_in 9 kapton tape 3.18 (0.125) 9.10 (0.358) 12.34 (0.486) notes: 1. dimensions in millimeters (inches). 2. dimensional tolerance: ?0.1 mm. 3. coplanarity of leads: 0.1 mm. 4. lead pitch tolerance: ?0.15 mm. ...
Description Optical Mouse Sensor

File Size 455.60K  /  40 Page

View it Online

Download Datasheet

    SAMTEC INC
Part No. QMS-016-01-SL-D-DP-RA-PC8 QMS-016-01-S-D-DP-RA-PC8 QMS-016-01-S-D-DP-RA-PC4
OCR Text ...48, -064 (per row) option -k: kapton pad (use k-850-650) -pc4: (not available with -064 position) -pc8: (not available with -064 position) -sl: light selective gold (use t-1m45-01-sl, t-1m46-01-sl, im-1g27-xx-l, wt-28-xx-t...
Description 32 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG

File Size 826.88K  /  4 Page

View it Online

Download Datasheet

    Agilent (Hewlett-Packard)
Part No. ADNK-2051
OCR Text ...) 6.03 (0.237) PROTECTIVE kapton TAPE 5.00 (MEASURED AT BASE) 5.60 0.03 (0.220 0.001) 1.85 0.03 (0.073 0.001) GROOVE 7.28 0.03 (0.287 0.001) 0.06 (0.002) * A PIN 1 0.80 0.03 CLEAR OPTICAL PATH 13.38 (0.527) ...
Description ADNK-2051 · Reference Design Kit

File Size 298.81K  /  41 Page

View it Online

Download Datasheet

    ADNS-2610

AVAGO TECHNOLOGIES LIMITED
Part No. ADNS-2610
OCR Text ...ering (note: do not remove the kapton tape during wave soldering). 5. place the lens onto the base plate. 6. remove the protective kapton tape from optical aper - ture of the sensor. care must be taken to keep contami - nants from enter...
Description Optical Mouse Sensor

File Size 506.56K  /  27 Page

View it Online

Download Datasheet

    Avago Technologies Ltd.
Part No. ADNS-5020-EN
OCR Text ...base) ? 5.00 (0.197) protective kapton tape ? 0.80 (0.031) clear optical path ? 3 overview of optical mouse sensor assembly avago technologies provides an iges fle drawing de - scribing the base plate molding features for lens an...
Description Optical Mouse Sensor

File Size 272.05K  /  24 Page

View it Online

Download Datasheet

For kapton Found Datasheets File :: 268    Search Time::1.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of kapton

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.2063310146332