Part Number Hot Search : 
MT1612 DMG16 DRL48D35 TC4099B HT7530 SMCJ8 LS154N 88XS23D7
Product Description
Full Text Search
  k-pcs Datasheet PDF File

For k-pcs Found Datasheets File :: 10727    Search Time::2.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    http://
RFMD[RF Micro Devices]
Part No. RF2366PCBA-PCS RF2366 RFMICRODEVICESINC.-RF2366PCBA-PCS
OCR Text ... 2 50 strip C6 33 nF 3 4 R2 8.2 k L2 3.3 nH VCC C5 10 nF C4 100 pF Logic Control R1 1.3 k VREF/PD 6 L1 Minimum Length Stripline ...PCS Driver Amplifier ~1880MHz C1 0.1F 1 C2 0.1F 2 50 strip C6 33 nF 3 4 R2 8.2 k L2 3.3 nH VCC C5 ...
Description    3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER

File Size 108.61K  /  10 Page

View it Online

Download Datasheet





    HONDA TSUSHIN KOGYO CO LTD
Part No. PCS-XE50MC
OCR Text ...0.65-0.8 mm. for discrete wire. k : awg#30(7 / 0.1). outside diameter of insulation is 0.65-0.8 mm. for discrete wire. q : awg#30(7 / 0.1)...pcs-xe100m+ is not available. note 2: this 100-contact connector is not available for flat cable. (...
Description 50 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC

File Size 70.96K  /  1 Page

View it Online

Download Datasheet

    Honda Tsushin Kogyo Co., Ltd.
Part No. PCS-XE50SPFEUNG1
OCR Text ...0.65C0.8 mm. for discrete wire. k: awg#30(1 / 0.1). outside diameter of insulation is 0.65C0.8 mm. for discrete wire. ? screw size u: #4...pcs-xe50spf( )1un( ) pcs-xe68spf( )1un( ) pcs-xe100spf( )1un( ) ab cde 13.1 ref. 7.7 5.4 2.54 10.5 ...
Description 50 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, IDC

File Size 73.20K  /  1 Page

View it Online

Download Datasheet

    AVX, Corp.
Part No. CR32-76R8F-K CR10-6652F-K CR32-101J-K CR10-2001F-K CR10-1582F-K CR32-1000F-K CR10-9092F-H CR10-1003F-H CR10-2432F-H CR10-4222F-H CR10-6811F-H
OCR Text ...,000 pcs/reel) cr32, cr21, cr10 k = 13?reel/punched paper tape (20,000 pcs/reel) except cr05 (optional) resistance tolerance d = ?.5% j = ?% f = ?% blank = jumper chips resistance value (3 digits or 4 digits) example: 562 = 56x10 2 ...
Description RES 6.81K-OHM 1% 0.063W 200PPM THK-FILM SMD-0603 TR-7-PA2MM RESISTOR, METAL GLAZE/THICK FILM, 0.1 W, 1 %, 6810 ohm, SURFACE MOUNT, 0603
RES 42.2K-OHM 1% 0.063W 200PPM THK-FILM SMD-0603 TR-7-PA2MM RESISTOR, METAL GLAZE/THICK FILM, 0.1 W, 1 %, 42200 ohm, SURFACE MOUNT, 0603
RES 24.3K-OHM 1% 0.063W 200PPM THK-FILM SMD-0603 TR-7-PA2MM RESISTOR, METAL GLAZE/THICK FILM, 0.1 W, 1 %, 24300 ohm, SURFACE MOUNT, 0603
RES 100K-OHM 1% 0.063W 200PPM THK-FILM SMD-0603 TR-7-PA2MM RESISTOR, METAL GLAZE/THICK FILM, 0.1 W, 1 %, 100000 ohm, SURFACE MOUNT, 0603
RES 90.9K-OHM 1% 0.063W 200PPM THK-FILM SMD-0603 TR-7-PA2MM RESISTOR, METAL GLAZE/THICK FILM, 0.1 W, 1 %, 90900 ohm, SURFACE MOUNT, 0603
RES 100-OHM 1% 0.125W 200PPM THK-FILM SMD-1206 TR-13-PA RESISTOR, METAL GLAZE/THICK FILM, 0.25 W, 1 %, 100 ohm, SURFACE MOUNT, 1206
RES 15.8K-OHM 1% 0.063W 200PPM THK-FILM SMD-0603 TR-13-PA RESISTOR, METAL GLAZE/THICK FILM, 0.1 W, 1 %, 15800 ohm, SURFACE MOUNT, 0603
RES 2K-OHM 1% 0.063W 200PPM THK-FILM SMD-0603 TR-13-PA RESISTOR, METAL GLAZE/THICK FILM, 0.1 W, 1 %, 2000 ohm, SURFACE MOUNT, 0603
RES 100-OHM 5% 0.125W 200PPM THK-FILM SMD-1206 TR-13-PA RESISTOR, METAL GLAZE/THICK FILM, 0.25 W, 5 %, 100 ohm, SURFACE MOUNT, 1206
RES 66.5K-OHM 1% 0.063W 200PPM THK-FILM SMD-0603 TR-13-PA RESISTOR, METAL GLAZE/THICK FILM, 0.1 W, 1 %, 66500 ohm, SURFACE MOUNT, 0603
RESISTOR, METAL GLAZE/THICK FILM, 0.25 W, 1 %, 76.8 ohm, SURFACE MOUNT, 1206 CHIP

File Size 122.07K  /  2 Page

View it Online

Download Datasheet

    EPCOS AG
Part No. B78148-T3561-K
OCR Text ...ic cylinder core 0,10 10 % r k 40 25,2 1120 0,13 600 b781*8-t3101-k 0,12 40 25,2 1080 0,145 570 b781*8-t3121-k 0,15 38 25,2 1020 0,155 50...pcs. 5000 st ck / pcs. axial 72 + 1 / 84 max. 310 x 75 x 120 radial 2000 st ck / pcs. 2500 st ck ...
Description 1 ELEMENT, 0.56 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR

File Size 83.42K  /  2 Page

View it Online

Download Datasheet

    OKI ELECTRIC INDUSTRY CO LTD
Part No. MSM6655A-XXXGS-K MSM6650GS-BK MSM6654A-XXXGS-K MSM6654A-XXXRS MSM6655-XXXRS MSM6652-XXXRS MSM6652A-XXXGS-K
OCR Text ...n plastic sop (sop24-p-430-1.27-k) (msm6652-xxxgs-k/msm6653-xxxgs-k/ msm6654-xxxgs-k/msm6655-xxxgs-k/ msm6656-xxxgs-k/msm6652a-xxxgs-k/ msm6653a-xxxgs-k/msm6654a-xxxgs-k/ msm6655a-xxxgs-k/msm...
Description 96.5 SEC, SPEECH SYNTHESIZER, PDSO24
4194.3 SEC, SPEECH SYNTHESIZER, PQFP64
63.8 SEC, SPEECH SYNTHESIZER, PDSO24
63.8 SEC, SPEECH SYNTHESIZER, PDIP18
96.5 SEC, SPEECH SYNTHESIZER, PDIP18
16.9 SEC, SPEECH SYNTHESIZER, PDIP18
16.9 SEC, SPEECH SYNTHESIZER, PDSO24

File Size 377.64K  /  43 Page

View it Online

Download Datasheet

    PS2502L-1-F3-K-A PS2502L-2-E3-A PS2502L-2-A PS2503-4-A PS2502-1-L-A PS2502L-1-E3-K-A PS2502-4 PS2502-2 PS2502-1-K PS2502

Duracell
California Eastern Labs
List of Unclassifed Man...
Part No. PS2502L-1-F3-K-A PS2502L-2-E3-A PS2502L-2-A PS2503-4-A PS2502-1-L-A PS2502L-1-E3-K-A PS2502-4 PS2502-2 PS2502-1-K PS2502-2-A PS2502-1-H-A PS2502-1-K-A PS2502L-1-E3-A PS2502-1-M-A PS2502L-1-A PS2502L-3
OCR Text ...de in Japan J Made in Taiwan K Package New PKG Made in Japan J Data Sheet PN10226EJ04V0DS 3 PS2502-1,-4,PS2502L-1,-4 <R>...pcs/reel Magazine case 20 pcs PS2502-4 Pb-Free Magazine case 100 pcs Packing Style Safety Standard A...
Description    HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES

File Size 208.86K  /  13 Page

View it Online

Download Datasheet

    Duracell
Part No. PS2913-1-K-A PS2913-1-V-F3-M-A
OCR Text ...date published may 2006 ns cp(k) package dimensions (unit: mm) 5.00.2 0.15 +0.1 ?0.05 1.27 2.1 max. 0.40.1 2.50.3 4 3 12 n 4.60.2 0...pcs (tape 50 pcs cut) standard products ps2913-1 ps2913-1-f3 ps2913-1-f3-a embossed tape 3 50...
Description
File Size 194.90K  /  12 Page

View it Online

Download Datasheet

    HITACHI-METALS[Hitachi Metals, Ltd]
Part No. LF-FSLF-190LB-K-0410A FSLF-190LB-K
OCR Text K All the technical data and information contained herein are subject to change without notice. LF-FSLF-190LB-K-0410A Shape & Size ...PCS <=>Common Attenuation AMPS <=>Common 3 6 unit(mm) 6 : PCS port 4 : CELL port 2 : Common...
Description 3216 Size Chip Multilayer Diplexer with Low Pass Filter

File Size 50.28K  /  4 Page

View it Online

Download Datasheet

    BOURNS INC
Part No. SDTM-644-K SDTM-644-KTR SDTM-630-RTR SDTM-644-R
OCR Text ...w to order sdt m - 6 10 - k tr model product code m = smd body size 6 = 6 mm height 10 = 4.3 mm 20 = 5.0 mm 30 = 7.0 mm 44 = 7.3 mm (...pcs. 620 = 900 pcs. 630, 644, 648 = 500 pcs. 650 = 380 pcs. __ = tube all models = 77 pcs. *not appl...
Description KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 1.47 N, SURFACE MOUNT-STRAIGHT
Switches 12volt 50mA 6mm
KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 3.04 N, SURFACE MOUNT-STRAIGHT

File Size 160.28K  /  2 Page

View it Online

Download Datasheet

For k-pcs Found Datasheets File :: 10727    Search Time::2.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of k-pcs

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
7.2557590007782