Part Number Hot Search : 
AD521SD P6SMB BR1002 56F835 M61283FP ALVCH M16811 NJM2193M
Product Description
Full Text Search
  joint Datasheet PDF File

For joint Found Datasheets File :: 5473    Search Time::1.859ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    IP4337CX18 IP4337CX18_LF IP4337CX18/LF

NXP Semiconductors N.V.
Part No. IP4337CX18 IP4337CX18_LF IP4337CX18/LF
OCR Text ...hip. 9.3.2 Quality of solder joint A flip-chip joint is considered to be a good joint when the entire solder land has been wetted by the solder from the bump. The surface of the joint should be smooth and the shape symmetrical. The sold...
Description 7-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4 IP4337CX18/LF/P<NAX000|<<<1<Always Pb-free,;IP4337CX18/LF<NAX000|<<<1<Always Pb-free,;
7 FUNCTIONS, 5.5 V, DATA LINE FILTER

File Size 62.10K  /  12 Page

View it Online

Download Datasheet





    TR0636E-20033 IT3D-300S-BGA IT3M-300S-BGA

Hirose Electric
Part No. TR0636E-20033 IT3D-300S-BGA IT3M-300S-BGA
OCR Text ...tor X-Ray Image Typical Solder joint 100 micron Cross-section Target Pin 10 micron No.2 /IT3M-300S-BGA(57) / Virgin / Initial SnPb_MB_026 Conn-2 X-Ray Image Typical Solder joint 100 micron Cross-section Target PCB 10 m...
Description IT3D(M)-300S-BGA (57) Cross Sectioning TEST REPORT

File Size 1,926.52K  /  16 Page

View it Online

Download Datasheet

    LA140B-3-G-2R

LIGITEK electronics co., ltd.
Part No. LA140B-3-G-2R
OCR Text ...ax Distance:2mm Min(From solder joint to case) 120X 25X Dip Soldering Preheat: 120 C Max Time(sec) Preheat time: 120 seconds Max Ramp-up 3 C/sec(max) Ramp-Down:-5 C/sec(max) Solder Bath:245 C Max Dipping Time:5 seconds Max Dista...
Description LED ARRAY

File Size 107.88K  /  6 Page

View it Online

Download Datasheet

    LUY3333H-PF

LIGITEK electronics co., ltd.
Part No. LUY3333H-PF
OCR Text ...ax Distance:2mm Min(From solder joint to case) X52 120 Seconds Max Preheat Dip Soldering Preheat: 120XC Max Time(sec) Preheat time: 120 seconds Max Ramp-up 3XC/sec(max) Ramp-Down:-5XC/sec(max) Solder Bath:245XC Max Dipping Ti...
Description SUPER BRIGHT ROUND TYPE LED LAMPS

File Size 73.83K  /  6 Page

View it Online

Download Datasheet

    0314-108-1 031508 031405-1 031407 031505-1 031407-1 031403 031408-1 031404 031406 0315-108-1 031508-1

Lumberg
Part No. 0314-108-1 031508 031405-1 031407 031505-1 031407-1 031403 031408-1 031404 031406 0315-108-1 031508-1
OCR Text ...0 mm (12-14) *e Dichtung gasket joint d'etancheite *f Einbauoffnung port ouverture d'emplacement *g Verdrehschutz, Ausfuhrung wahlweise anti-rotation, alternative execution protection antitorsion, execution alternative Polbilder, von der...
Description Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9 und AISG-Spezifikation, IP 68

File Size 925.45K  /  2 Page

View it Online

Download Datasheet

    LDD335-62-XX-PF

LIGITEK electronics co., ltd.
Part No. LDD335-62-XX-PF
OCR Text ...ax Distance:2mm Min(From solder joint to case) 120X 25X Dip Soldering Preheat: 120 C Max Time(sec) Preheat time: 120 seconds Max Ramp-up 3 C/sec(max) Ramp-Down:-5 C/sec(max) Solder Bath:245 C Max Dipping Time:5 seconds Max Distance...
Description DUAL DIGIT LED DISPLAY (0.36 lnch)

File Size 100.28K  /  9 Page

View it Online

Download Datasheet

    LV8406T

Sanyo Semicon Device
Part No. LV8406T
OCR Text ...ual product. Confirm the solder joint state and verify also the reliability of solder joint for the Exposed Die-Pad, etc. Any void or deterioration, if observed in the solder joint of these parts, causes deteriorated thermal conduction, pos...
Description 2ch Forward/Reverse Motor Driver

File Size 93.87K  /  6 Page

View it Online

Download Datasheet

    LFD495-62-XX-KP13-PF

LIGITEK electronics co., ltd.
Part No. LFD495-62-XX-KP13-PF
OCR Text ...ax Distance:2mm Min(From solder joint to case) X021 X52 Dip Soldering Preheat: 120 C Max Time(sec) Preheat time: 120 seconds Max Ramp-up 3 C/sec(max) Ramp-Down:-5 C/sec(max) Solder Bath:245 C Max Dipping Time:5 seconds Max Distance...
Description FOUR DIGIT LED DISPLAY (0.4 lnch)

File Size 109.92K  /  9 Page

View it Online

Download Datasheet

    0305-108-1U 0305-1U

Lumberg
Part No. 0305-108-1U 0305-1U
OCR Text ...rcular connectors with threaded joint acc. to IEC 60130-9 and AISG specification, IP 68 Connecteurs circulaires avec verrouillage a vis suivant CEI 60130-9 et specification AISG, IP 68 0305-1 U Chassis socket acc. to IEC 60130-9 and AISG s...
Description Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9 und AISG-Spezifikation, IP 68

File Size 415.34K  /  2 Page

View it Online

Download Datasheet

    032208-1 032203 032207-1 032205-1 0322-1 0322-108-1

Lumberg
Part No. 032208-1 032203 032207-1 032205-1 0322-1 0322-108-1
OCR Text ...u torique *a Dichtung gasket joint d'etancheite *c Schirmung shielding blindage Kupplung socket connecteur femelle 0322 Montageschlussel wrench cle de montage 0380 Polbilder, von der Lotseite gesehen Pin configurations, solder s...
Description Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9 und AISG-Spezifikation, IP 68

File Size 607.24K  /  3 Page

View it Online

Download Datasheet

For joint Found Datasheets File :: 5473    Search Time::1.859ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of joint

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.46534991264343