Part Number Hot Search : 
QBT56AG1 X9316WP 1N4793 MB100 EN0676 T2500N MAX1535B BK1080
Product Description
Full Text Search
  jack- Datasheet PDF File

For jack- Found Datasheets File :: 3943    Search Time::1.391ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    HOSIDEN CORP
Part No. HSJ1828
OCR Text ... are available such as pin jack only, multiple-jack type and combined type. combine type is a jack board in which various types of connector such as pin jack, s- terminal and optical connector are integrated....
Description 3.5 MM AUDIO CONNECTOR, JACK

File Size 66.98K  /  1 Page

View it Online

Download Datasheet





    ROSENBERGER HOCHFREQUENZTECHNIK GMBH & CO KG
Part No. 53BK565-S230N1
OCR Text jack - plug 53bk565-sxxxn1 rosenberger hochfrequenztechnik gmbh & co. kg p.o.box 1260 d-84526 tittmoning germany www.rosenberger.de tel. : +49 8684 18-0 fax : +49 8684 18-499 email : info@rosenberger.de ...
Description PANEL MOUNT, RF STRAIGHT ADAPTER, jack-PLUG

File Size 79.24K  /  2 Page

View it Online

Download Datasheet

    Samsung
Part No. WS32Z46VSGXXEC WS32Z46VSGXXEU
OCR Text ...age. assignment reset control jack during e 2 prom latch up(function:low)serial h e 2 prom only sda line e 2 prom only sda line automation and after -sales service related bus stop(stop : low) cxa2165 /cxa2151q/vsp940x/ba7654f/msp34xx/tun...
Description COLOR TELEVISION RECEIVER MANUAL

File Size 6,789.74K  /  42 Page

View it Online

Download Datasheet

    NCP2809BDMR2G NCP2809A

ON Semiconductor
Part No. NCP2809BDMR2G NCP2809A
OCR Text ...put left right sleeve headphone jack left right sleeve headphone jack 20 k 20 k nc nc 220 f c out 220 f c out + + tip (left) ring (right) sleeve figure 3. typical 3?wire headphone plug ncp2809 series http://onsemi.com 3 figure 4...
Description GT 19C 19#12 SKT RECP
NOCAP 135 mW Stereo Headphone Power Amplifier 0.131 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO10
NOCAP 135 mW Stereo Headphone Power Amplifier NOCAP 135毫瓦立体声耳机功率放大

File Size 191.65K  /  22 Page

View it Online

Download Datasheet

    ADC
Part No. ADCJF6A08 ADCJF6A09
OCR Text jack www.adc.com ? +1-952-938-8080 ? 1-800-366-3891 spec sheet the new copperten ? right angle utp jack's low profile design allows adc to deliver the next generation of 10g performance and continue the evolution of high density solutio...
Description 8 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, IDC, JACK

File Size 70.59K  /  2 Page

View it Online

Download Datasheet

    Analog Devices, Inc.
Part No. AD1981HDJSTZ-REEL
OCR Text ...d supply, 3.3 v dv dd supply jack-sensing autoconfiguration options mute line output and monaural output (mono_out) when headphones are used mute mono_out when a device is in the line out jack selectable trip level: high/low supports...
Description HD Audio SoundMAX Codec

File Size 191.38K  /  16 Page

View it Online

Download Datasheet

    Pasternack Enterprises, Inc.
Part No. PE4180
OCR Text jack right angle connector solder attachment thru hole pcb, .200 inch x .067 inch hole spacing 75 ohm smc jack right angle connector solder attachment thru hole pcb, .200 inch x .067 inch hole spacing confguration connector smc jack con...
Description 75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing

File Size 219.10K  /  2 Page

View it Online

Download Datasheet

    KX-TDA5

Panasonic Semiconductor
Part No. KX-TDA5
OCR Text ...e * Auto Answer * 2.5mm Headset Jack * 5 Line LCD Display KX-TD7680 * Cordless Handset * 5.3 Ounces * Up to 12 CO or Feature Keys can be Programmed * Speakerphone * Auto Answer * 2.5mm Headset Jack * 3 Line LCD Display 1- Requires subs...
Description A complete communications solution

File Size 2,120.87K  /  12 Page

View it Online

Download Datasheet

    SSM2250 SSM2250RM SSM2250RU

AD[Analog Devices]
Part No. SSM2250 SSM2250RM SSM2250RU
OCR Text ...headphones are plugged into the jack. A stereo headphone jack with a normalizing pin is required for the application. With no plug inserted, a mechanical spring connects the normalizing pin to the output pin in the jack. Once a plug is inse...
Description Mono 1.5 W/Stereo 250 mW Power Amplifier

File Size 275.96K  /  10 Page

View it Online

Download Datasheet

For jack- Found Datasheets File :: 3943    Search Time::1.391ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of jack-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1817669868469