Part Number Hot Search : 
CM2039 LPV7215 2N5196 IRF45 KE39A G1251 2SK11 F9221
Product Description
Full Text Search
  isc Datasheet PDF File

For isc Found Datasheets File :: 7768    Search Time::1.578ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD8610 AD8610AR AD8610ARM AD8610BR

Analog Devices, Inc.
AD[Analog Devices]
Part No. AD8610 AD8610AR AD8610ARM AD8610BR
OCR Text ...RR AVO VOS/T VOS/T VOH VOL IOUT isc PSRR ISY VS = 5 V to 13 V VO = 0V -40C < T A < +125C SR GBP tS en p-p en in RL =2 k AV=+1, 10V step, to 0.01% 0.1 Hz to 10 Hz f = 1 kHz f = 1 kHz 40 60 25 600 1.2 6 5 100 -40C < T A < +85C -40C < T A < +1...
Description Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers OP-AMP, 200 uV OFFSET-MAX, 25 MHz BAND WIDTH, PDSO8
Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers OP-AMP, 850 uV OFFSET-MAX, 25 MHz BAND WIDTH, PDSO8

File Size 36.37K  /  4 Page

View it Online

Download Datasheet





    AD8614 AD8614ART AD8644 AD8644AR2 AD8644ARU

AD[Analog Devices]
Part No. AD8614 AD8614ART AD8644 AD8644AR2 AD8644ARU
OCR Text ...bol VOS IB IOS CMRR AVO VOH VOL isc Conditions -20C TA +85C -20C TA +85C -20C TA +85C VCM = 0 V to V S VOUT = 0.5 V to VS -0.5 V, RL = 10 k ILOAD = 10 mA ILOAD = 10 mA -20C TA +85C VS = 2.25 V to 9.25 V -20C TA +85C CL = 2...
Description Single and Quad 18 V Operational Amplifiers

File Size 291.87K  /  8 Page

View it Online

Download Datasheet

    AD8628 AD8628AR AD8628ART

Analog Devices, Inc.
AD[Analog Devices]
Part No. AD8628 AD8628AR AD8628ART
OCR Text ...e Density Current Noise Density isc -40C TA +125C IO -40C TA +125C PSRR ISY VS = 2.7V to 5.5V -40C TA +125C VO = 0V -40C TA +125C SR GBP en p-p en p-p en in 0.1 to 10 Hz 0.1 to 1.0 Hz f = 1 kHz f=10 Hz RL =10 k 120 115 25 4.99 4.99...
Description Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Low Noise Operational Amplifier

File Size 36.19K  /  4 Page

View it Online

Download Datasheet

    AD8631 AD8631ART AD8632 AD8632AR AD8632ARM AD8632ARM-R2 AD8631ART-R2 AD8631ART-REEL AD8632AR-REEL7 AD8632ARM-REEL AD8631

ANALOG DEVICES INC
AD[Analog Devices]
Analog Devices, Inc.
Part No. AD8631 AD8631ART AD8632 AD8632AR AD8632ARM AD8632ARM-R2 AD8631ART-R2 AD8631ART-REEL AD8632AR-REEL7 AD8632ARM-REEL AD8631ART-REEL7
OCR Text ...VCM CMRR AVO VOS/T IB/T VOH VOL isc PSRR ISY Conditions -40 C TA +125 C -40 C TA +125 C -40 C TA +125 C 0 V VCM 5 V, -40 C TA +125 C RL = 10 k, 0.5 V < VOUT < 4.5 V RL = 100 k, 0.5 V < VOUT < 4.5 V RL = 100 k, -40 C TA +12...
Description Dual, 1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifier
1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers 1.8伏,5兆赫轨到轨低功耗运算放大器
1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers OP-AMP, 4000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5

File Size 155.04K  /  12 Page

View it Online

Download Datasheet

    AME8815BEDS250 AME8815AEBT180 AME8815AEGT180 AME8815BEBT180 AME8815BEGT180 AME8815AEBT330 AME8815AEGT330 AME8815BEBT330

AME[Analog Microelectronics]
Part No. AME8815BEDS250 AME8815AEBT180 AME8815AEGT180 AME8815BEBT180 AME8815BEGT180 AME8815AEBT330 AME8815AEGT330 AME8815BEBT330 AME8815BEGT330 AME8815AEBT475 AME8815BEBT475 AME8815BEB AME8815AEBT500 AME8815BEBT500 AME8815BECS330 AME8815AEGT475 AME8815BEGT475 AME8815BECS150 AME8815AECS150 AME8815BEGT500 AME8815 AME8815AEBT150 AME8815AEBT250 AME8815AECS180 AME8815AECS250 AME8815AECS330 AME8815AECS475 AME8815AECS500 AME8815AEDS150 AME8815AEDS180 AME8815AEDS250 AME8815AEDS330 AME8815AEDS475 AME8815AEDS500 AME8815AEGT150 AME8815AEGT250 AME8815AEGT500 AME8815BEBT150 AME8815BEBT250 AME8815BECS180 AME8815BECS250 AME8815BECS475 AME8815BECS500 AME8815BEDS150 AME8815BEDS180 AME8815BEDS330 AME8815BEDS475 AME8815BEDS500 AME8815BEGT150 AME8815BEGT250
OCR Text ...rent Ground Pin Current IO ILIM isc IQ IGND VO>1.2V VO>1.2V VO<0.4V IO=0mA IO=1mA to 1500mA IO=1mA VIN =VO+1 to VO+2 VO < 2.0V 4.0V > VO >= 2.0V 4.0V <= VO Load Regulation Over Temerature Shutdown Over Temerature Hysterisis VO Temperature C...
Description 1.5A CMOS LDO

File Size 106.32K  /  17 Page

View it Online

Download Datasheet

    BTS120 C67078-A5009-A2

SIEMENS AG
SIEMENS[Siemens Semiconductor Group]
Infineon
Part No. BTS120 C67078-A5009-A2
OCR Text ... VDS VDGR VGS ID ID-ISO ID puls isc PSCmax Ptot Tj, Tstg - - TC = 25 C Tj = - 55 ... + 150 C Short circuit dissipation, Tj = - 55 ... + 150 C Power dissipation Operating and storage temperature range DIN humidity category, DIN 40 040...
Description From old datasheet system
TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
N-Channel TEMPFET

File Size 310.34K  /  9 Page

View it Online

Download Datasheet

    CMV7106 CMV7106YR CMV7106YT CMV7106Y/R CMV7106Y

California Micro Device...
California Micro Devices Corporation
CALMIRCO[California Micro Devices Corp]
Part No. CMV7106 CMV7106YR CMV7106YT CMV7106Y/R CMV7106Y
OCR Text ... IS IS VS D I H VS D I L SR GBW isc T.H.D. Supply Current Supply Current Amplifier On Logic Level Amplifier Off Logic Level Slew Rate Gain Bandwidth Product Output Short Circuit Current Total Harmonic Distortion Amplifier "On", VS D =...
Description CMV7106 LOW POWER, LOW VOLTAGE OP AMP WITH RRIO AND SHUTDOWN, SOT23-6 CMV7106低功耗,低电压运算放大器和RRIO和关机,采用SOT23 - 6
Operational Amplifier
Low voltage OPAMP with RPIO

File Size 142.90K  /  9 Page

View it Online

Download Datasheet

    ICL232CBE ICL232CPE ICL232LBE ICL232LPE ICL232 ICL232MJE

Intersil, Corp.
INTERSIL[Intersil Corporation]
Part No. ICL232CBE ICL232CPE ICL232LBE ICL232LPE ICL232 ICL232MJE
OCR Text ...2 Output Short Circuit Current, isc NOTES: 2. Guaranteed by design. 3. See Figure 4 for definition. 2 ICL232 Test Circuits 1 1F C3 1F C1 + C1+ V+ C1C2+ C2VT2 OUT R2IN +4.5V TO +5.5V INPUT 1 2 3 1F + C2 4 5 C1+ V+ C1C2+ C2VT2OUT R2IN ...
Description 5V Powered, Dual RS-232 Transmitter/Receiver 5V的技术,双路RS - 232发送器/接收
5V Powered/ Dual RS-232 Transmitter/Receiver

File Size 103.12K  /  6 Page

View it Online

Download Datasheet

For isc Found Datasheets File :: 7768    Search Time::1.578ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of isc

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.5225088596344