Part Number Hot Search : 
EBE24B R1001 WT8048 DRH3D C2371 1N4372A N104MA 78L05
Product Description
Full Text Search
  insul Datasheet PDF File

For insul Found Datasheets File :: 69    Search Time::1.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 |   

    PMNF2-5F PMNF2-3F

PANDUIT CORP.
Part No. PMNF2-5F PMNF2-3F
OCR Text ...nt .162 [ 4,11 ] max. wire insul. dia. .080 [ 2,03 ] min. wire insul. dia. w m l 08 11.26.13 jhnu tmr rgb indicated part numbers which are not ul listed/csa certified n41261aa-dc 07 07.09.12 bdk lca vmb added pmnf2-3f ...
Description 16-14 BARREL FORK, NYLON insulATED FUNNELED WIRE ENTRY, .162 (4,11) MAX WIRE insul DIA.

File Size 424.13K  /  1 Page

View it Online

Download Datasheet





    T3035H T3035H-6I T3035H-6T T3050H-6I T3050H-6T

STMicroelectronics
Part No. T3035H T3035H-6I T3035H-6T T3050H-6I T3050H-6T
OCR Text ...0ab t c = 121 c 30 a to-220ab insul. t c = 92 c i tsm non repetitive surge peak on-state current (full cycle, t j initial = 25 c) f = 50 hz t = 20 ms 270 a f = 60 hz t = 16.7 ms 284 i 2 ti 2 t value for fusing t p = 10 ms 487 a 2 s d...
Description Snubberless high temperature 30 A Triacs
Snubberless?high temperature 30 A Triacs

File Size 106.43K  /  9 Page

View it Online

Download Datasheet

    49935 91559-1 91523-1 69355 91508-1 91510-1 91515-1 91516-1 91517-1 91531-1 91536-1 91500-1 91504-1 91503-1 91505-1 9150

Tyco Electronics
Part No. 49935 91559-1 91523-1 69355 91508-1 91510-1 91515-1 91516-1 91517-1 91531-1 91536-1 91500-1 91504-1 91503-1 91505-1 91506-1 91512-1 91518-1 91519-1 91520-1 91522-1 91526-1 91533-1 91539-1 58342-2 91577-1
OCR Text ...tion/ terminal style wire range insul. dia. daht saht tool extraction awg mm 2 in mm hhht frame tool amplimite size 20 df contacts 28-24 0.08-0.2 .040 1.02 ?? 91503-1 ? d-sub. connectors 24-20 0.2-0.5 .060 1.52 91285-1 size 22 df contacts 2...
Description Premium CERTI-CRIMP II Hand Tools

File Size 4,769.31K  /  8 Page

View it Online

Download Datasheet

    Haier
Part No. HSU-14HR03/R2
OCR Text ...connections(external diameter) insul a tion m a terial hsu-14hr03/r2 unit unit unit sound power(cooling/heating)(6) db(a) db(a) db(a) air flow rate(cooling/heating) high medium low m /min 3 m /min 3 m /min 3 speed(co...
Description Technical Data

File Size 6,305.50K  /  26 Page

View it Online

Download Datasheet

    PANDUIT CORP
Part No. JN418-212-C
OCR Text ...250 panduit part numb er insul. color wire range cma ran ge std. pk g. qty. bulk pkg. qt y. mi n . max. min. max. nylon insulated jn22 4-31 8-c jn21 8-21 6-c jn41 8-21 2-c jn31 4-41 2-c re d clear clear clear 2# 24 2# 22 4# 18 3# 14 ...
Description Closed End Wire Splice; No. of Contacts:1; Contact Termination:Crimp; Gender:Female; Color:Clear; Wire Size (AWG):18-12; Terminal Type:insulated Wire Joint RoHS Compliant: Yes

File Size 72.47K  /  1 Page

View it Online

Download Datasheet

    ITT Corporation
Part No. MDM-9SBSM7-L58A141
OCR Text ...are is also available. s eries insul ator m ateri al con tac t arrangement c on tac t type termin ation type m ounting hard ware (shell flange) mounting hard ware for pcb termin ation tail length modification code shell finish modif...
Description Micro-D PCB - .050 Contact Spacing

File Size 187.02K  /  4 Page

View it Online

Download Datasheet

    Bomar
Part No. 361KNT 361V709ET 361V504ET 361V704ER 361V704EFT 361V704ET
OCR Text ...) F type Edge Mount Jack w/ TFE insul. for Reflow ( RG59) F type Edge Mount Jack w/ TFE insul. for Reflow (RG6, RG59) (* Non constant impedance) (** Also available in Twin BNC and TNC) Imp 50 50 50 50 50 50 75 75 75 75 75 NA 75 75 50 *NCI *...
Description (361xxxx) V-Bit PC Edge Mount

File Size 544.85K  /  2 Page

View it Online

Download Datasheet

For insul Found Datasheets File :: 69    Search Time::1.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of insul

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.7834529876709