Part Number Hot Search : 
CA010 X9802406 05024 XXXFF 045984 N80C32 BD234 PK1912
Product Description
Full Text Search
  ieee1284 Datasheet PDF File

For ieee1284 Found Datasheets File :: 74    Search Time::3.703ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 |   

    UPD31172 UPD31172F1-48-FN

NEC[NEC]
Part No. UPD31172 UPD31172F1-48-FN
OCR Text ...chip: a USB host controller, an ieee1284 parallel controller, a 16550 serial controller, a PS/2 controller, general-purpose ports (GPIO), programmable chip select (PCS), and a PWM controller (a duty modulated light pulse generation function...
Description VRC4172TM COMPANION CHIP FOR VR4121TM

File Size 270.92K  /  44 Page

View it Online

Download Datasheet





    GUS-QRC1284-332-MM GUS-QRC1284-332-KM

IRC - a TT electronics Company.
Part No. GUS-QRC1284-332-MM GUS-QRC1284-332-KM
OCR Text ... Discretes The IRC TaNCap(R) ieee1284 parallel printer interface networks are designed for use in printer and other digital digital interface applications. These highly integrated TaNSilTM thin film technology network offer three differe...
Description TaNCap QSOP IEEE 1284 Filter Network

File Size 95.16K  /  2 Page

View it Online

Download Datasheet

    STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
Part No. ST1284-XXA8_03 ST1284-02A8RL ST1284-03A8RL ST1284-01A8RL ST1284-XXA803
OCR Text ...port termination Compliant with ieee1284 standard EMI / RFI noise filtering Highly integrated solution in 28 pin QSOP packages One single device provides the proper termination for 8 datalines, 1 strobe line, 4 control lines and 4 statuts l...
Description PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION
PARALLEL PORT SINGLE TERMINATION NETWORK WITH 【15kV ESD PROTECTION
PARALLEL PORT SINGLE TERMINATION NETWORK WITH /-15KV ESD PROTECTION

File Size 137.79K  /  6 Page

View it Online

Download Datasheet

    ST1284 ST1284-01 ST1284-01A8 ST1284-01A8RL ST1284-01T8RL ST1284-02 ST1284-02A8 ST1284-02A8RL ST1284-02T8RL ST1284-03 ST1

ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
意法半导
STMicroelectronics N.V.
Part No. ST1284 ST1284-01 ST1284-01A8 ST1284-01A8RL ST1284-01T8RL ST1284-02 ST1284-02A8 ST1284-02A8RL ST1284-02T8RL ST1284-03 ST1284-03A8RL ST1284-03T8RL ST1284-XXA8 ST1284-XXA8T8 ST1284-XXT8 ST1284-02T8 ST1284-03A8 ST1284-03T8 ST1284-01T8
OCR Text ...port termination Compliant with ieee1284 standard EMI / RFI noise filtering Highly integrated solution in 28 pin QSOP and TSSOP packages One single device provides the proper termination for 8 datalines, 1 strobe line, 4 control lines and 4...
Description PARALLEL PORT SINGLE TERMINATION NETWORK WITH /-15KV ESD PROTECTION
PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION
PARALLEL PORT SINGLE TERMINATION NETWORK WITH 15kV ESD PROTECTION
PARALLEL PORT SINGLE TERMINATION NETWORK WITH 【15KV ESD PROTECTION
RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 并行端口终端网络与单15kV ESD保护
PARALLEL PORT SINGLE TERMINATION NETWORK WITH 5kV ESD PROTECTION 并行端口终端网络与单5kV ESD保护

File Size 142.93K  /  7 Page

View it Online

Download Datasheet

    NEC Corp.
Part No. UPD31172F1-48-FN NECCORP.-UPD31172F1-48-FN
OCR Text ...chip: a usb host controller, an ieee1284 parallel controller, a 16550 serial controller, a ps/2 controller, general-purpose ports (gpio), programmable chip select (pcs), and a pwm controller (a duty modulated light pulse generation function...
Description VRC4172TM COMPANION CHIP FOR VR4121TM

File Size 279.56K  /  44 Page

View it Online

Download Datasheet

    ST128412

STMicroelectronics
Part No. ST128412
OCR Text ...ort termination compliant with ieee1284 standard emi / rfi noise filtering highly integrated solution in 28 pins qsop package one single device provides the proper termination for 8 data lines, 1 strobe line, 4 control lines and 4 st...
Description Parallel port single termination network with ±15 kV ESD protection

File Size 191.41K  /  10 Page

View it Online

Download Datasheet

For ieee1284 Found Datasheets File :: 74    Search Time::3.703ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of ieee1284

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
7.5560281276703