Part Number Hot Search : 
1N5227B BTA16 1N5227B ISGC0118 CDLL982B 50001 LTC37 E1000
Product Description
Full Text Search
  hvqfn32 Datasheet PDF File

For hvqfn32 Found Datasheets File :: 105    Search Time::1.187ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 |   

    SC16C652BIB48 SC16C652BIBS

NXP Semiconductors
Part No. SC16C652BIB48 SC16C652BIBS
OCR Text ...P48 and very small (Micro-UART) hvqfn32 packages. 2. Features s s s s s s s s s s s s s s s s 2 channel UART 5 V, 3.3 V and 2.5 V operation 5 V tolerant inputs Industrial temperature range (-40 C to +85 C) Pin and functionally compatibl...
Description 5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder

File Size 194.34K  /  44 Page

View it Online

Download Datasheet





    ISP1507ABS ISP1507BBS

NXP Semiconductors
Part No. ISP1507ABS ISP1507BBS
OCR Text ... v. the isp1507 is available in hvqfn32 package. 2. features n fully complies with: u universal serial bus speci?cation rev. 2.0 u on-the-go supplement to the usb 2.0 speci?cation rev. 1.3 u utmi+ low pin interface (ulpi) speci?cation rev. ...
Description ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver

File Size 380.85K  /  81 Page

View it Online

Download Datasheet

    NXP Semiconductors N.V.
Part No. PCK111BD-S
OCR Text ... q1 q1 q2 q2 sw02236 figure 2. hvqfn32 pin configuration ordering information type n mber package temperature type n u mber name description version p range pck111bd lqfp32 plastic low profile quad flat package; 32 leads; body 7 7 ...
Description
File Size 80.93K  /  9 Page

View it Online

Download Datasheet

    PHILIPS[Philips Semiconductors]
Part No. ISP1183 ISP1183BS
OCR Text ...h fault coverage s Available in hvqfn32 lead-free and halogen-free package. 3. Applications s Battery-operated device, for example: x Mobile phone x MP3 player x Personal Digital Assistant (PDA) s Communication device, for example: x Ro...
Description Controller Miscellaneous
Low-power Universal Serial Bus interface device with DMA

File Size 253.80K  /  62 Page

View it Online

Download Datasheet

    SC16C750BI SC16C750B SC16C750BIA44 SC16C750BIB64 SC16C750BIBS

PHILIPS[Philips Semiconductors]
Part No. SC16C750BI SC16C750B SC16C750BIA44 SC16C750BIB64 SC16C750BIBS
OCR Text ... in plastic PLCC44, LQFP64, and hvqfn32 packages. 2. Features s s s s s s s s s s s Single channel 5 V, 3.3 V and 2.5 V operation 5 V tolerant inputs Industrial temperature range (-40 C to +85 C) After reset, all registers are identical...
Description 5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
5 V 3.3 V and 2.5 V UART with 64-byte FIFOs

File Size 198.05K  /  44 Page

View it Online

Download Datasheet

    CBTL04DP211BS CBTL04DP211BS-518

NXP Semiconductors
Part No. CBTL04DP211BS CBTL04DP211BS-518
OCR Text ...ble in 3 mm 6 mm, 0.4 mm pitch hvqfn32 package cbtl04dp211 displayport 2 : 1 multiplexer rev. 2 ? 13 april 2012 product data sheet cbtl04dp211 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. al...
Description DisplayPort 2 : 1 multiplexer

File Size 223.30K  /  18 Page

View it Online

Download Datasheet

    NXP Semiconductors N.V.
Part No. SC16C550B
OCR Text ...rxrd y are not supported in the hvqfn32 package). on-board status registers provide the user with error indications, operational status, and modem interface control. system interrupts may be tailored to meet user requirements. an internal l...
Description 5V, 3.3V and 2.5V UART with 16-byte FIFOs(6字节FIFO/3.3/2.5V 通用同步收发

File Size 235.26K  /  48 Page

View it Online

Download Datasheet

    NXP Semiconductors N.V.
Part No. SC16C850VIBS
OCR Text ...t 1.8 v and is available in the hvqfn32 package. 2. features n single channel high performance uart n 1.8 v operation n advanced package: hvqfn32 n up to 5 mbit/s data rate at 1.8 v n 128-byte transmit fifo to reduce the bandwidth requireme...
Description
File Size 201.47K  /  47 Page

View it Online

Download Datasheet

    PCK210BD PCK210BS PCK210

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. PCK210BD PCK210BS PCK210
OCR Text ... 19 18 17 V CCO Figure 2. hvqfn32 pin configuration ORDERING INFORMATION Type number n mber PCK210BD PCK210BS Package Name LQFP32 hvqfn32 Description plastic low profile quad flat package; 32 leads; body 7 x 7 x 1.4 mm plastic the...
Description Low voltage dual 1-5 differential ECL/PECL clock driver

File Size 85.80K  /  10 Page

View it Online

Download Datasheet

    ISP1504A ISP1504ABS ISP1504CBS ISP1504C

Philips Semiconductors
Part No. ISP1504A ISP1504ABS ISP1504CBS ISP1504C
OCR Text ... V. The ISP1504 is available in hvqfn32 package. 2. Features I Fully complies with: N Universal Serial Bus Specification Rev. 2.0 N On-The-Go Supplement to the USB 2.0 Specification Rev. 1.2 N UTMI+ Low Pin Interface (ULPI) Specificatio...
Description ULPI HI-SPEED UNIVERSAL SERIAL BUS ON-THE-GO TRANSCEIVER

File Size 373.12K  /  84 Page

View it Online

Download Datasheet

For hvqfn32 Found Datasheets File :: 105    Search Time::1.187ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of hvqfn32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.80484318733215