Part Number Hot Search : 
M6271X A5800423 FN155 LT124 AN5125 OPI125 APU429 07370
Product Description
Full Text Search
  hs-1200 Datasheet PDF File

For hs-1200 Found Datasheets File :: 749    Search Time::1.172ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    NEL
Part No. hs-1200 HS-1210
OCR Text hs-1200/1210 Series Description The hs-1200/1210 Series of quartz crystal oscillators provide enable/disable 3-state TTL compatible signals for bus connected systems. Supplying Pin 1 of the hs-1200 units with a logic "0" enables the out...
Description (hs-1200 / HS-1210) CRYSTAL CLOCK OSCILLATORS

File Size 382.05K  /  2 Page

View it Online

Download Datasheet





    BUT11APX-1200 BUT11APX-1200_1

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. BUT11APX-1200 BUT11APX-1200_1
OCR Text ...ERMAL RESISTANCES SYMBOL Rth j-hs Rth j-a PARAMETER Junction to heatsink Junction to ambient CONDITIONS with heatsink compound in free air ...1200 ISOLATION LIMITING VALUE & CHARACTERISTIC Ths = 25 C unless otherwise specified SYMBOL Viso...
Description From old datasheet system
Silicon Diffused Power Transistor

File Size 56.72K  /  7 Page

View it Online

Download Datasheet

    NEL
Part No. HS-A1200 HS-A1210
OCR Text ...ttl compatible enable/disable hs-1200/1210 series description the hs-1200/1210 series of quartz crystal oscillators...
Description (HS-A1200 / HS-A1200) CRYSTAL CLOCK OSCILLATORS

File Size 382.05K  /  2 Page

View it Online

Download Datasheet

    HS-A1200 HS-A1201 HS-A1207 HS-A1209 HS-A120A HS-A120B HS-A120C SM-A120C HS-1200 HS-1201 HS-1207 HS-1209 HS-120A HS-120B

List of Unclassifed Manufacturers
ETC[ETC]
Part No. HS-A1200 HS-A1201 HS-A1207 HS-A1209 HS-A120A HS-A120B HS-A120C SM-A120C hs-1200 HS-1201 HS-1207 HS-1209 HS-120A HS-120B HS-120C SM-1200 SM-1201 SM-1207 SM-1209 SM-120A SM-120B SM-120C SM-A1200 SM-A1201 SM-A1207 SM-A1209 SM-A120A SM-A120B
OCR Text hs-1200/1210 Series Description The hs-1200/1210 Series of quartz crystal oscillators provide enable/disable 3-state TTL compatible signals for bus connected systems. Supplying Pin 1 of the hs-1200 units with a logic "0" enables the out...
Description CRYSTAL CLOCK OSCILLATORS

File Size 356.32K  /  2 Page

View it Online

Download Datasheet

    IR2103 IR2103PBF IR2103S IR2103SPBF IR2103STR

International Rectifier
Part No. IR2103 IR2103PBF IR2103S IR2103SPBF IR2103STR
OCR Text ...l time Deadtime, LS turn-off to HS turn-on & HS turn-on to LS turn-off Delay matching, HS & LS turn-on/off Min. Typ. Max. Units Test Cond...1200 1000 800 600 400 200 0 Typ. Max. 1 20 0 1 00 0 M ax. 8 00 6 00 T yp . 4 00 2 00 0 -50 -25 0 ...
Description Half Bridge Driver, Separate High and Low Side Inputs, Inverting Low Side Input, Fixed 520ns Deadtime in a 8-pin DIP package
Half Bridge Driver, Separate High and Low Side Inputs, Inverting Low Side Input, Fixed 520ns Deadtime in a 8-lead SOIC package

File Size 123.26K  /  12 Page

View it Online

Download Datasheet

    SD853C40S50K SD853C30S50K

International Rectifier
Part No. SD853C40S50K SD853C30S50K
OCR Text ...aracteristics i f(av) 990 a @ t hs 55 c i f(rms) 1800 a @ t hs 25 c i fsm @ 50hz 19000 a @ 60hz 19900 a i 2 t@ 50hz 1810 ka 2 s @ 60hz 1...1200 30 60 90 180 dc 120 average forw ard curren t (a) maximum allow able heatsink temperature ...
Description 4000V Fast Recovery Diode in a DO-200AC (K-Puk) package
3000V Fast Recovery Diode in a DO-200AC (K-Puk) package

File Size 126.39K  /  7 Page

View it Online

Download Datasheet

    ST380C06C0 ST380C06C2

International Rectifier
Part No. ST380C06C0 ST380C06C2
OCR Text ...0 www.irf.com i t(av) 960 a @ t hs 55 c i t(rms) 1900 a @ t hs 25 c i tsm @ 50hz 15000 a @ 60hz 15700 a i 2 t@ 50hz 1130 ka 2 s @ 60hz 1...1200 dc 30 60 90 120 180 average on-state current (a) conduction period maxim um allowable hea...
Description 1900 A, 600 V, SCR, TO-200AB
600V 960A Phase Control SCR in a TO-200AB (E-Puk) package

File Size 92.22K  /  7 Page

View it Online

Download Datasheet

    MP02X175 MP02X175-10 MP02X175-12 MP02X175-14 MP02X175-16

Dynex Semiconductor Ltd.
DYNEX[Dynex Semiconductor]
Part No. MP02X175 MP02X175-10 MP02X175-12 MP02X175-14 MP02X175-16
OCR Text ...ode) dc Half wave 3 Phase Rth(c-hs) Thermal resistance - case to heatsink (per thyristor or diode) Tvj Tstg Virtual junction temperature Sto...1200 0.02 1000 R- Load Total power - (W) 0.04 800 L- Load 600 0.08 0.10 0.12 0.15 0.20 0.30 0....
Description MB 16C 16#16 PIN RECP
MB 32C 32#20 SKT RECP
MB 8C 8#12 SKT RECP
Phase Control Dual SCR, SCR/Diode Modules

File Size 114.19K  /  8 Page

View it Online

Download Datasheet

    IR2104 IR2104PBF IR2104S IR2104SPBF IR2104STR

International Rectifier
Part No. IR2104 IR2104PBF IR2104S IR2104SPBF IR2104STR
OCR Text ...l time Deadtime, LS turn-off to HS turn-on & HS turn-on to LS turn-off Delay matching, HS & LS turn-on/off Min. Typ. Max. Units Test Cond...1200 1000 800 600 400 200 0 10 12 14 16 18 20 Typ. Max. 1 20 0 1 00 0 M a x. 8 00 6 00 4 00 2...
Description Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package
Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-lead SOIC package

File Size 127.22K  /  13 Page

View it Online

Download Datasheet

    MP02XX175 MP02XX175-08 MP02XX175-10 MP02XX175-12

Dynex Semiconductor, Ltd.
DYNEX[Dynex Semiconductor]
Part No. MP02XX175 MP02XX175-08 MP02XX175-10 MP02XX175-12
OCR Text ...in, 50Hz halfwave 3 phase Rth(c-hs) Tvj Tsto Visol Mounting torque = 6Nm with mounting compound Conditions Max. 0.37 0.38 0.39 0.07 150 -40 ...1200 1000 Total power - (W) 0.04 0.02 Rth(hs-a) C/W R - Load 800 0.10 0.08 600 400 200 0 0...
Description Dual Diode Modules 双二极管模块

File Size 84.87K  /  9 Page

View it Online

Download Datasheet

For hs-1200 Found Datasheets File :: 749    Search Time::1.172ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of hs-1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.37869501113892