Part Number Hot Search : 
PLCC44TN AKD41 12ZSX TA075 E4412A MJE130 TLE7234E ACT4418D
Product Description
Full Text Search
  hinged Datasheet PDF File

For hinged Found Datasheets File :: 112    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 |   

    MOLEX INC
Part No. 75807-C 75725-56
OCR Text ...ng ends -f rap-attach mounts -h hinged cover -m 3.5 m screw, slotted -p .040" standoff pads -v 130 c insulator .375" pcb tri-barrier terminal strip features ? prevents shorting the tri-barrier construction and optional hinged cover preven...
Description 25 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK

File Size 46.79K  /  2 Page

View it Online

Download Datasheet





    Omron
Part No. SS-01-XX
OCR Text ... hinge lever Formed hinge lever hinged roller lever s STANDARD TYPE Microvoltage/microcurrent load 0.1 A max. (Bifurcated crossbar contacts) Part Number PCB Terminal Straight Vertical SS-01-ED SS-01-FD SS-01D SS-01GL-ED SS-01GL-FD SS-01...
Description (SS Series) Basic Switch

File Size 178.10K  /  7 Page

View it Online

Download Datasheet

    Omron
Part No. SS-5GL14 SS-5GLXX SS-5X-XX
OCR Text ... hinge lever Formed hinge lever hinged roller lever s STANDARD TYPE Microvoltage/microcurrent load 0.1 A max. (Bifurcated crossbar contacts) Part Number PCB Terminal Straight Vertical SS-01-ED SS-01-FD SS-01D SS-01GL-ED SS-01GL-FD SS-01...
Description (SS Series) Basic Switch

File Size 177.35K  /  7 Page

View it Online

Download Datasheet

    CCM03-3003R102 CCM03-3013R102 CCM03-3504R122 CCM03-3001R102 CCM03-3514R122 CCM03-3517 CCM03-3505R122 CCM03-3002R102 CCM0

ITT[ITT Industries]
Part No. CCM03-3003R102 CCM03-3013R102 CCM03-3504R122 CCM03-3001R102 CCM03-3514R122 CCM03-3517 CCM03-3505R122 CCM03-3002R102 CCM03-3004R102 CCM03-3009R102 CCM03-3010R102 CCM03-3011R102 CCM03-3012R102
OCR Text ...ctors are available with either hinged covers or fixed covers and have been designed to minimize the amount of space needed for PCB mounting. Features hinged Cover * Available with 6 or 8 contacts, with or without PCB locating pegs. Cons...
Description CCM03-3517

File Size 669.97K  /  8 Page

View it Online

Download Datasheet

    ITT
Part No. CCM01-XXX CCM02-XXX CCM03-XXX CCM04-XXX CCM05-XXX
OCR Text ...NV1375-1. Available with either hinged covers or fixed covers and have been designed to minimize the amount of space needed for PCB mounting. The high temperature thermoplastic moldings are suited for infrared and convection soldering proce...
Description (CCMxx-xxx) Smart Card Interconnect Devices

File Size 167.45K  /  1 Page

View it Online

Download Datasheet

    A6N64

List of Unclassifed Manufacturers
Part No. A6N64
OCR Text hinged-cover type 1 boxes, e n c losures and acc essories equipment protection solutions subject to change without notice con t ra ct or 1 spec-00260 g 763.422.2211 763.422.2600 con t ra ct or type 1 hinged-cover type 1 boxes, e n c losu...
Description hinged-Cover Type 1 Boxes, Enclosures and Acc essories

File Size 248.13K  /  2 Page

View it Online

Download Datasheet

    B3J-1400 B3J-6200 B3J-3000 B3J-7300 B3J-7000 B3J-2200 B3J-2100 B3J-3300 B3J-4100 B3J-5200 B3J-5100 B3J-6400 B3J-6300 B3J

Omron Electronics LLC
Part No. B3J-1400 B3J-6200 B3J-3000 B3J-7300 B3J-7000 B3J-2200 B3J-2100 B3J-3300 B3J-4100 B3J-5200 B3J-5100 B3J-6400 B3J-6300 B3J-5300 B3J-2400 B3J-6000 B3J-3100 B3J-1200 B3J-1100 B3J-5000 B3J-4400 B3J-4300 B3J-4200 B3J-4000 B3J-2000 B3J-1000 B3J-3400 B3J-3200 B3J-1300 B3J-6100 B3J-2300 B3J-5400
OCR Text hinged Type) B3J hinged Design Developed through Ergonomics * Quick, superior snap action through hook-type hinge construction. * Available with 1 or 2 LEDs or without LEDs. * The hinge button is available in a wide variety of colors (...
Description Tactile Switch (hinged Type)

File Size 314.12K  /  6 Page

View it Online

Download Datasheet

    GREATECS
http://
Part No. MP3R1Q18702L2 MP3R1D07L2 MP3R1H05L2 MP3R1H06L2 MP3R1Q25004L2 MP3R2Q25004L2 MP3R3Q25004L2 MP3R1D06L2 MP3R3D02L2 MP3R3D05L2 MP3R3D01L2 MP3R3D00L2 MP3R3D00N2 MP3R3D03L2 MP3R3D04L2 MP3R3D06L2 MP3R3D07L2 MP3R2C00L2 MP3R2C00N2 MP3R2C01L2 MP3R2C02L2 MP3R2C03L2 MP3R2C04L2 MP3R2C05L2 MP3R2C06L2 MP3R2C07L2 MP3R1Q18703L2 MP3R3Q18703L2 MP3R2Q18703L2 MP3R2Q18700L2 MP3R3Q18700L2 MP3R1Q18700L2 MP3R2Q25000N2 MP3R3Q25001L2 MP3R2Q25003L2 MP3R1Q25005L2 MP3R2Q25006L2 MP3R3Q25006L2 MP3R3Q25000L2 MP3R1Q25000N2 MP3R2Q25001L2 MP3R2Q25002L2 MP3R1Q25007L2 MP3R1Q25000L2 MP3R1Q25001L2 MP3R1Q25002L2 MP3R3Q25002L2 MP3R1Q25003L2 MP3R3Q25003L2 MP3R2Q25005L2 MP3R1Q25006L2 MP3R2Q25007L2 MP3R3Q25007L2 MP3R2Q25000L2 MP3R1C00L2 MP3R1C00N2 MP3R1C02L2 MP3R1C03L2 MP3R1C04L2 MP3R1C05L2 MP3R1C06L2 MP3R1C01L2 MP3R2D00N2 MP3R2D00L2 MP3R2D01L2 MP3R2D02L2 MP3R1H07L2 MP3R1H00L2 MP3R3C07L2 MP3R1Q18706L2 MP3R2Q18706L2 MP3R3Q18706L2 MP3R2Q18701L2 MP3R1Q18701L2 MP3R3Q18701L2 MP3R3H05L2 MP3R1D04L2 MP3R2D04L2 MP3R2H00L2 MP3R2H01L2 MP3R2H02L2 MP3R2H03L2 MP3R2H04L2 MP3R2H05L2 MP3R2H06L2 MP3R2H07L2 MP3R2Q18702L2 MP3R3C05L2
OCR Text ... Series H P.C.B. Terminal hinged TYPE (LEVER) 27.8 20.2 22.0 8.4 35.6 8.4 hinged Type 00 01 02 8.4 03 04 05 O.P. (mm) P.T. max. (mm) 1.2 1.6 4.0 9.0 4.0 1.6 4.0 OPERATING FORCE O.T. min. (mm) 1.0 0.8 1.6 3.2 1.6 0.8 1.6 M.D. max....
Description Micro Switches up to 10A 125/250VAC

File Size 141.49K  /  1 Page

View it Online

Download Datasheet

    Littelfuse, Inc.
LITTELFUSE[Littelfuse]
Part No. LS3126-2 LCH132-1 LCH132-2 LCH132-3 LD1400-1 LPBC0-2 LPBC0-3 LPBC2-1 LPBC2-2 LPBC2-3 LPBC3-1 LPBC3-2 LPBC3-3 LPBC4-1 LPBC4-2 LPBC4-3 LPBC5-1 LPBC5-2 LPBC5-3 LITTELFUSEINC.-LS3126-2
OCR Text ... DIN-Rail mount and an optional hinged safety cover. Splicer Block Example Part No. APPLICATIONS Typical applications include heating, air conditioning and refrigeration systems, elevator systems, material handling equipment, control...
Description POWR-BLOKS Distribution/Splicer Blocks and Covers POWR - BLOKS分布/拼接块和

File Size 606.89K  /  7 Page

View it Online

Download Datasheet

    FP87-2 FP69-2 HFP69-1 HFP52-1 HA12 H-831

Vectron International, Inc
Vectron International, ...
Part No. FP87-2 FP69-2 HFP69-1 HFP52-1 HA12 H-831
OCR Text hinged front panels - hp52-1 side hinged front panels, for card protection and improved appear- ance, come in an easily assembled kit form which includes the hinged panel with latch, striker plate and 2 filler panels. panels are 1/8 thick ...
Description EIA -Based VectorPaktmSubrack Systems

File Size 73.69K  /  1 Page

View it Online

Download Datasheet

For hinged Found Datasheets File :: 112    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of hinged

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.013885974884