Part Number Hot Search : 
ITS436 5S22NBT 275LA40 B3322BS1 H8S30 AD766 DTC143 AT49L
Product Description
Full Text Search
  high-side-switch Datasheet PDF File

For high-side-switch Found Datasheets File :: 17823    Search Time::3.609ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AM79C875 AM79C875KC AM79C875KI

AMD[Advanced Micro Devices]
Part No. AM79C875 AM79C875KC AM79C875KI
OCR Text ... Packet Gap as low as 40 ns for high throughput applications No external filters or chokes required Compliant with IEEE 802.3 standards fo...side-by-side PHY layout -- Fits neatly behind quad magnetics -- Saves board space over larger 208 PQ...
Description NetPHY⑩ 4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
NetPHY 4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver

File Size 1,180.81K  /  48 Page

View it Online

Download Datasheet





    BCM5461S

Electronic Theatre Controls, Inc.
ETC
Broadcom Corporation.
Part No. BCM5461S
OCR Text ...ll-out due to bad cable plants. High CESD tolerance prevents equipment damage and return. Operates with larger packets for wider range of packet protocol support and improved efficiency. Ease of manufacturing with JTAG support, simplified p...
Description 10/100/1000 BASE T GIGABIT COPPER TRANSCEIVER
10/100/1000BASE-T Gigabit Copper Transceiver with Copper/Fiber Media Interface

File Size 118.53K  /  2 Page

View it Online

Download Datasheet

    BCM5464

ETC
Broadcom Corporation.
Part No. BCM5464
OCR Text ...tegration enables single-row, * high port density switches * Lowers system costs by eliminating PCB layers required for routing high densit...side loopback * Low EMI emissions * Cable plant diagnostic * 750 mW per port * Advanced power man...
Description QUAD-PORT 10/100/1000 BASE-T GIGABIT COPPER TRANSCEIVER

File Size 170.34K  /  2 Page

View it Online

Download Datasheet

    BCM8020

Electronic Theatre Controls, Inc.
ETC
Part No. BCM8020
OCR Text ...ansceiver channel including I/O High performance programmable Rx equalization and Tx preemphasis * Tx pre-emphasis for interoperability with...side or backplane applications. The highspeed to high-speed retimer mode extends the use of longer t...
Description 8-CHANNEL MULTIRATE 1.0-3.2-GBPS TRANSCEIVER

File Size 115.67K  /  2 Page

View it Online

Download Datasheet

    BCM8021

Broadcom
ETC
Electronic Theatre Controls, Inc.
Part No. BCM8021
OCR Text HIGH-SPEED REDUNDANCY FEATURES SUMMARY OF BENEFITS * One device supports a variety of applications including * 4 independent transceivers s...side of the device, transmitters and receivers interface with either 5-bit (RTBI) or 10-bit (TBI) wi...
Description 4-Channel Multirate 1.0-3.2-Gbps Transceiver with High-Speed Redundancy
4 CHANNEL MULTIRATE 1.0-3.2 GBPS TRANSCEIVER WITH HIGH SPEED REDUNDANCY

File Size 115.79K  /  2 Page

View it Online

Download Datasheet

    BUX48A BUV48A BUV48AFI BUX48

意法半导
STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
Part No. BUX48A BUV48A BUV48AFI BUX48
OCR Text HIGH POWER NPN SILICON TRANSISTORS s s s s s STMicroelectronics PREFERRED SALESTYPES NPN TRANSISTOR HIGH VOLTAGE CAPABILITY HIGH CU...side of the dissipator must be flat within 80 m 6/7 P025C/A BUX48 / BUX48A / BUV48A / BUV48AF...
Description    HIGH POWER NPN SILICON TRANSISTORS
RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 24V; Power: 1W; Pot-Core Transformer - separated
HIGH POWER NPN SILICON TRANSISTORS

File Size 88.73K  /  7 Page

View it Online

Download Datasheet

    FDS6680S

FAIRCHILD[Fairchild Semiconductor]
Part No. FDS6680S
OCR Text ... Low gate charge (17nC typical) High performance trench technology for extremely low RDS(ON) and fast switching High power and current handl...Side or Front Sectional View) Component Rotation A0 Sketch B (Top View) Typical component c...
Description 30V N-Channel PowerTrench SyncFET⑩

File Size 220.76K  /  9 Page

View it Online

Download Datasheet

    IDT71342SA20J IDT71342SA20PF IDT71342SA25J IDT71342SA25PF IDT71342SA35J IDT71342SA35PF IDT71342SA45J IDT71342SA45PF IDT7

Integrated Device Technology, Inc.
IDT[Integrated Device Technology]
Part No. IDT71342SA20J IDT71342SA20PF IDT71342SA25J IDT71342SA25PF IDT71342SA35J IDT71342SA35PF IDT71342SA45J IDT71342SA45PF IDT71342SA55J IDT71342SA55PF IDT71342SA70J IDT71342SA70PF IDT71342LA70PF IDT71342SA IDT7134 IDT71342LA70J IDT71342LA55J IDT71342LA55PF IDT71342LA35J IDT71342LA35PF IDT71342 IDT71342LA IDT71342LA20J IDT71342LA20PF IDT71342LA25J IDT71342LA25PF IDT71342LA45J IDT71342LA45PF
OCR Text HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE Integrated Device Technology, Inc. IDT71342SA/LA FEATURES: * High-speed access...side; however, only one side can control the flag at any time. An automatic power down feature, cont...
Description HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE 高K的8双端口静态RAM的信号量
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE 4K X 8 DUAL-PORT SRAM, 45 ns, PQFP64
350V N-Channel MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail
500V N-Channel MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail

File Size 144.80K  /  13 Page

View it Online

Download Datasheet

    IRF3717

IRF[International Rectifier]
Part No. IRF3717
OCR Text ... Q1 and Q2. Power losses in the high side switch Q1, also called the Control FET, are impacted by the Rds(on) of the MOSFET, but these conduction losses are only about one half of the total losses. Power losses in the control switch Q1 are ...
Description HEXFETPower MOSFET

File Size 246.14K  /  10 Page

View it Online

Download Datasheet

    IRF7807VD1

International Rectifier, Corp.
IRF[International Rectifier]
Part No. IRF7807VD1
OCR Text ... Q1 and Q2. Power losses in the high side switch Q1, also called the Control FET, are impacted by the Rds(on) of the MOSFET, but these conduction losses are only about one half of the total losses. Power losses in the control switch Q1 are ...
Description Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:SP06; Number of Contacts:5; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight FETKY⑩MOSFET肖特基二极管
FETKY MOSFET / SCHOTTKY DIODE
FETKY⑩ MOSFET / SCHOTTKY DIODE

File Size 116.12K  /  9 Page

View it Online

Download Datasheet

For high-side-switch Found Datasheets File :: 17823    Search Time::3.609ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of high-side-switch

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.0532829761505