Part Number Hot Search : 
2024Q FCW101Z 5ETTT MR24SF34 2N7002T 10020 50N06 SMCJ120
Product Description
Full Text Search
  held Datasheet PDF File

For held Found Datasheets File :: 30716    Search Time::1.563ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    NLPR01S01A-E

NICHIA CORPORATION
Part No. NLPR01S01A-E
OCR Text ...ntensity standard led should be held by a holder. the measurement distance shall start from the top surface of the led. please refer to ?outline dimensions? on the following page. the surface of detect...
Description SPECIFICATIONS FOR NICHIA LUMINOUS INTENSITY RED STANDARD LED

File Size 679.07K  /  12 Page

View it Online

Download Datasheet





    ICST[Integrated Circuit Systems]
Part No. ICS932S200 ICS932S200YG-T ICS932S200YF-T
OCR Text ...d and all the output clocks are held at a Low state. This asychronous input halts the CPUCLK and the 3V66 clocks at logic "0" when driven active(Low). This asynchronous input halts the PCICLK at logic"0" when driven active(Low). PCICLK_F is...
Description Frequency Timing Generator for Dual Server/Workstation Systems
From old datasheet system
ServerWorks Champion Le/He CS, Single Ended Outputs

File Size 99.11K  /  12 Page

View it Online

Download Datasheet

    NLHW01S02-E

NICHIA CORPORATION
Part No. NLHW01S02-E
OCR Text ...ous flux standard led should be held by a holder. the measurement distance shall start from the top surface of the led. please refer to ?outline dimensions? on the following page. (3) measurement the...
Description SPECIFICATIONS FOR NICHIA LUMINOUS FLUX WHITE STANDARD LED

File Size 614.17K  /  12 Page

View it Online

Download Datasheet

    IRPT1060 2405 IRPT1060E IRPT1060A IRPT1060C IRPT1060D

IRF[International Rectifier]
Part No. IRPT1060 2405 IRPT1060E IRPT1060A IRPT1060C IRPT1060D
OCR Text ...pin on the J3 connector must be held low (with open collector configuration) for at least 2sec while all PWM signals, IN1 through IN6 are held high (off condition). A latch in the protection circuitry is set high during a fault condition to...
Description From old datasheet system
Integrated Power Stage for 1 hp Motor Drives

File Size 376.97K  /  12 Page

View it Online

Download Datasheet

    N.A.
Part No. KC778B
OCR Text ... N) If the ON/AUTO/OFF input is held either high or low, the load will be held ON or OFF respectively, overriding all other modes, until the input returns to the AUTO position. O) If the Toggle input is held low, the load will change from o...
Description Master PIR Control Chip (MPCC) Specification

File Size 289.79K  /  9 Page

View it Online

Download Datasheet

    93C46B 93C46B-EP 93C46B-ESM 93C46B-ESN 93C46B-EST 93C46B-IP 93C46B-ISM 93C46B-ISN 93C46B-IST 93C46B-P 93C46B-SM 93C46B-S

MICROCHIP[Microchip Technology]
Part No. 93C46B 93C46B-EP 93C46B-ESM 93C46B-ESN 93C46B-EST 93C46B-IP 93C46B-ISM 93C46B-ISN 93C46B-IST 93C46B-P 93C46B-SM 93C46B-SN 93C46B-ST 93C46
OCR Text ..., the internal control logic is held in a RESET status. After detecting a START condition, the specified number of clock cycles (respectively low to high transitions of CLK) must be provided. These clock cycles are required to clock in a...
Description 256 Bit/1K 5.0V CMOS Serial EEPROM
1K 5.0V Microwire Serial EEPROM

File Size 91.28K  /  12 Page

View it Online

Download Datasheet

    Micron Technology, Inc.
Part No. MT4LDT464HX
OCR Text ...-mode read, except data will be held valid after cas# goes high, as long as ras# and oe# are held low and we# is held high. (refer to the 8 meg x 8 edo dram data sheet for additional infor- mation on edo functionality.) refresh memory cell ...
Description SMALL-OUTLINE DRAM MODULE

File Size 618.85K  /  32 Page

View it Online

Download Datasheet

    LC3013PGF-022 LC3013PGN-022 LC3000 LC3011PGC-022 LC3011PGN-022 LC3012PGC-022 LC3012PGN-022

PerkinElmer Optoelectro...
PERKINELMER[PerkinElmer Optoelectronics]
PerkinElmer Inc.
PerkinElmer, Inc.
Part No. LC3013PGF-022 LC3013PGN-022 LC3000 LC3011PGC-022 LC3011PGN-022 LC3012PGC-022 LC3012PGN-022
OCR Text ...a single channel of sampled-and-held, raster order, analog video data. The video channel signal processing circuitry offers both adjustable gain and offset levels to allow customization of the camera to unique lighting applications. An oper...
Description High Performance / Low-Cost Analog Line Scan Camera
KPT 4C 4#20 SKT F80
High Performance, Low-Cost Analog Line Scan Camera 高性能,低成本的模拟线扫描相机

File Size 92.62K  /  8 Page

View it Online

Download Datasheet

    M95320-W M95320-S 5711

STMicroelectronics
Part No. M95320-W M95320-S 5711
OCR Text ...ng all operations, V CC must be held stable and within the specified valid range: VCC(min) to VCC(max). All of the input and output signals must be held High or Low (according to voltages of VIH, VOH, VIL or VOL, as specified in Tables 13 t...
Description 64KBIT AND 32KBIT SERIAL SPI BUS EEPROM WITH HIGH SPEED CLOCK
From old datasheet system

File Size 249.81K  /  36 Page

View it Online

Download Datasheet

For held Found Datasheets File :: 30716    Search Time::1.563ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of held

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.9498248100281