Part Number Hot Search : 
AK4675EG 1N4754 K1492 K1492 TD623 SMS15P1 MN14142 KK4006BN
Product Description
Full Text Search
  hc49 Datasheet PDF File

For hc49 Found Datasheets File :: 151    Search Time::1.938ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    HC49-U-SMC Q0.92160-S-30-50 Q0.92160-S-30-100 Q50.0-S-30-50 Q70.0-S-30-50 Q20.0-S-30-100 Q50.0-S-30-100 Q70.0-S-30-100 Q

Jauch Quartz Gmbh
Part No. hc49-U-SMC Q0.92160-S-30-50 Q0.92160-S-30-100 Q50.0-S-30-50 Q70.0-S-30-50 Q20.0-S-30-100 Q50.0-S-30-100 Q70.0-S-30-100 Q20.0-S-30-50 Q70.0-S-30-30 Q50.0-S-30-30 Q20.0-S-30-30 Q0.92160-S-30-3 Q0.92160-S-30-30
OCR Text hc49/U-SMC SMD Crystal Version * 17.5 x 10.8 mm actual size available for developed frequencies only SMD version reflow soldering temperature: 260 C max. 2002/95/EC RoHS compliant Pb free: pins / pads RoHS General Data type ...
Description Quartz Crystal

File Size 142.99K  /  2 Page

View it Online

Download Datasheet





    Golledge Electronics Ltd.
Golledge Electronics, Ltd.
Part No. hc49-4H/351DF hc49-3H/232S3
OCR Text hc49-4H & hc49-3H Specifications hc49-4H: 3.5mm maximum height hc49-3H: 2.5mm maximum height Parameters Package: 2.50 (max) 0.43O 12.00 (min) 12.00 (min) Product hc49-4H hc49-3H Option Code hc49-4H hc49-3H 3.50* (max) 0....
Description Low Profile Crystal 超薄晶体

File Size 53.76K  /  1 Page

View it Online

Download Datasheet

    Golledge Electronics
Part No. hc49-3H
OCR Text hc49-4H & hc49-3H Specifications hc49-4H: 3.5mm maximum height hc49-3H: 2.5mm maximum height Parameters Package: 2.50 (max) 0.43O 12.00 (min) 12.00 (min) Product hc49-4H hc49-3H Option Code hc49-4H hc49-3H 3.50* (max) 0....
Description (hc49-3H/-4H) Low Profile Crystal

File Size 81.46K  /  1 Page

View it Online

Download Datasheet

    GOLLEDGE[Golledge Electronics Ltd]
Part No. hc49-4H_351DF hc494H hc49-3H_232S3 hc49-4H/351DF hc49-3H/232S3 hc49-3H/231B325.175MHZ hc49-3H/232D325.175MHZ hc49-4H/231BF4.096MHZ hc49-3H/333BF36.0MHZ hc49-3H/231B350.0MHZ hc49-3H/254D360.0MHZ hc49-3H/252D329.4912MHZ hc49-4H/553D329.4912MHZ hc49-4H/533D329.4912MHZ
OCR Text hc49-4H & hc49-3H Specifications hc49-4H: 3.5mm maximum height hc49-3H: 2.5mm maximum height Parameters Package: 2.50 (max) 0.43O 12.00 (min) 12.00 (min) Product hc49-4H hc49-3H Option Code hc49-4H hc49-3H 3.50* (max) 0....
Description QUARTZ CRYSTAL RESONATOR, 29.4912 MHz
QUARTZ CRYSTAL RESONATOR, 50 MHz
Low Profile Crystal
QUARTZ CRYSTAL RESONATOR, 25.175 MHz
QUARTZ CRYSTAL RESONATOR, 4.096 MHz
QUARTZ CRYSTAL RESONATOR, 36 MHz
QUARTZ CRYSTAL RESONATOR, 60 MHz

File Size 55.70K  /  1 Page

View it Online

Download Datasheet

    HC49-4H HC49-4HL

EUROQUARTZ limited
Part No. hc49-4H hc49-4HL
OCR Text ...ptions available DESCRIPTION hc49-4H and hc49-4HL Crystals hc49-4H crystals share the same base outline as the industrystandard hc49 crystal. The crystal uses at AT-cut strip crystal with an hermetically sealed can. hc49-4H crystals p...
Description Low-cost, industry-standard crystal unit

File Size 200.51K  /  1 Page

View it Online

Download Datasheet

    HC49-4H HC49/4H

ETC
List of Unclassifed Manufacturers
Part No. hc49-4H hc49/4H
OCR Text hc49/4H SMX Crystals ISSUE 13 ; 28 SEPTEMBER 2004 Delivery Options I Outline in mm Please contact our sales office for current leadtimes 11.40.2 10.3 max 0.7 4.3 max 4.9 max SURFACE MOUNT QUARTZ CRYSTALS Holder Style I ...
Description SURFACE MOUNT QUARTZ CRYSTALS

File Size 49.45K  /  2 Page

View it Online

Download Datasheet

    HC49 HC49/U

ECM Electronics Limited.
Part No. hc49 hc49/U
OCR Text hc49/U Case In Depth Stock Standard Frequencies Fast Delivery Competitive Prices For Volume Users Custom Options Available Parameter Frequency Range Calibration Tolerance 0 @25 C Temperature Tolerance Operating Temperature Storage ...
Description Standard Crystal

File Size 69.45K  /  1 Page

View it Online

Download Datasheet

    HC49 HD74HC490

Hitachi,Ltd.
HITACHI[Hitachi Semiconductor]
Part No. hc49 HD74hc490
OCR Text HD74hc490 Dual 4-bit Decade Counters Description This circuit contains eight master-slave flip-flops and additional gating to implement two individual 4-bit decade counters. Each decade counter has individual clock, clear and set-to-9 ...
Description Voltage Regulator IC; Output Current:1A; Output Voltage:9V; Package/Case:3-TO-220; Voltage Regulator Type:Positive Voltage; Mounting Type:Through
Dual 4-bit Decade Counters

File Size 43.33K  /  8 Page

View it Online

Download Datasheet

    HC49 Q8.0-SS2-12-100 Q8.0-SS2-12-150 Q8.0-SS2-12-20 Q8.0-SS2-12-30 Q8.0-SS2-12-50 Q4.000-SS4-12-100 Q4.000-SS4-12-20 Q4.

Jauch Quartz Gmbh
Part No. hc49 Q8.0-SS2-12-100 Q8.0-SS2-12-150 Q8.0-SS2-12-20 Q8.0-SS2-12-30 Q8.0-SS2-12-50 Q4.000-SS4-12-100 Q4.000-SS4-12-20 Q4.000-SS4-12-30 Q4.000-SS4-12-50 Q3.2768-SS4-12-100 Q3.2768-SS4-12-20 Q3.2768-SS4-12-30 Q3.2768-SS4-12-50 SS2 Q10.0-SS2-12-100 Q27.0-SS2-12-100 Q27.0-SS2-12-150 Q27.0-SS2-12-20 Q27.0-SS2-12-30 Q27.0-SS2-12-50 Q27.00-SS4-12-100 Q27.00-SS4-12-20 Q4.500-SS4-12-100 Q6.000-SS4-12-100 Q7.000-SS4-12-100 Q10.00-SS4-12-100 Q14.00-SS4-12-100 Q4.500-SS4-12-20 Q6.000-SS4-12-20 Q7.000-SS4-12-20 Q10.00-SS4-12-20 Q14.00-SS4-12-20 Q14.0-SS2-12-150 Q10.0-SS2-12-150 Q10.00-SS4-12-50 Q10.00-SS4-12-30 Q4.500-SS4-12-50 Q14.00-SS4-12-50 Q14.00-SS4-12-30 Q14.0-SS2-12-100 Q14.0-SS2-12-20 Q14.0-SS2-12-30 Q14.0-SS2-12-50 Q27.00-SS4-12-30 Q27.00-SS4-12-50 Q10.0-SS2-12-20 Q10.0-SS2-12-50 Q10.0-SS2-12-30 Q4.500-SS4-12-30 Q6.000-SS4-12-50 Q7.000-SS4-12-50 Q7.000-SS4-12-30 Q6.000-SS4-12-30
OCR Text Quartz Crystal * SS2 Pin Type Crystal * 11.35 x 4.65 mm actual size recommended for automotive applications wave soldering temperature: 260 C max. package height 2.5 mm max. 2002/95/EC RoHS compliant Pb free: pins / pads RoHS ...
Description Quartz Crystal

File Size 97.29K  /  2 Page

View it Online

Download Datasheet

    HC49U

Electronic Theatre Controls, Inc.
ETC
Part No. hc49U
OCR Text hc49 Product hc49 Resistance weld Option Code Parameters Package: Frequency range: 300kHz ~ 225MHz Calibration tolerance: 30ppm 5ppm ~ 100ppm Temperature stability: 50ppm 5ppm ~ 100ppm 13.46 (max) 0.43O 12.00 (min) specify specify ...
Description ECM Standard Crystal

File Size 54.68K  /  1 Page

View it Online

Download Datasheet

For hc49 Found Datasheets File :: 151    Search Time::1.938ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of hc49

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3059170246124