Part Number Hot Search : 
IW4028BN 28F800B MBRA34 TPS721A 1104J LM2903VN ST62T62B HM4011E
Product Description
Full Text Search
  hb.10.pg.2.16 Datasheet PDF File

For hb.10.pg.2.16 Found Datasheets File :: 30    Search Time::1.875ms    
Page :: | <1> | 2 | 3 | 4 |   

    STK6103

SANYO[Sanyo Semicon Device]
Part No. STK6103
OCR Text ...CW/CCW BRAKE FG OUT TFG HC- HC+ Hb- Hb+ Ha- Ha+ VCC2 GND1 GND2 Vref2 VS VRS U V W VCC1 VZ Function GND-side driver transistor PWM control pi...10. Note that substrate temperature will vary widely with set internal air temperature, and Tc for t...
Description Thick-film Hybrid IC DC 3-phase Brushless Motor Driver (Output Current 3A)
Thick FiLm Hybird IC

File Size 230.09K  /  11 Page

View it Online

Download Datasheet





    Sanyo
Part No. LB1817W
OCR Text ...VIN2 38 VIN1 39 WIN2 40 WIN1 41 HB 42 VCC 43 AGC 44 DSC 45 CT 46 NC 47 NC 48 1 2 3 4 5 6 7 8 9 10 11 12 + 21 PG 20 Rf LB1817W 19 NC 18 FC 17 X2 16 X1 15 I + 14 NC 13 NC Top view VREF1 VREF2 SG NC NC M...
Description Monolithic Digital IC

File Size 89.93K  /  9 Page

View it Online

Download Datasheet

    LB11817

Sanyo Semicon Device
Part No. LB11817
OCR Text ...- 35 I+ 34 FG+ 33 FG- 32 FGO 31 HB 30 W- 29 LB11817 W+ 28 V- 27 V+ 26 U- 25 U+ 24 NC 23 NC 22 NC 21 UOUT 20 VOUT 19 10 VP 11 RF 12 D2 13 B2 14 B1 15 D1 16 NC 17 WOUT 18 PGND Top view No. 6213-3/10 LB11817 Pdmax -- Ta ...
Description Monolithic Digital IC
Three-Phase Full-Wave Linear Drive

File Size 98.91K  /  10 Page

View it Online

Download Datasheet

    TA8492P TA8492PG

Toshiba Semiconductor
Part No. TA8492P TA8492PG
OCR Text ... 7 6 Matrix 2 La 15 Lb 1 Lc Hb 11 Hb 10 Hc Hc + - 9 8 4, 5, 12, 13 GND 1 2004-07-27 TA8492P/PG Pin Function Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Symbol Lc La 3ST GND GND Ha Ha Hc Hc - + Function c-phase driv...
Description Three-Phase Full-Wave Brushless DC Motor Driver IC

File Size 172.61K  /  13 Page

View it Online

Download Datasheet

    TA7712P07 TA7712P

Toshiba Semiconductor
Part No. TA7712P07 TA7712P
OCR Text ...OUT TFG N. C. Hc Hc - + - + Hb Hb Ha Ha - + VCC F/FG: Pins 4, 9, 15, 16 and 21: No connect 3 2007-9-11 TA7712P/P...10 k 2 VIN N = 1.0 V 2 VIN C = 1.0 V 2 2 2 VIN R = 1.0 V 2 2 TEST CIR- CUIT 1 In Stop mode Output:...
Description 3-Phase, Full-Wave Brushless DC Motor Controller IC

File Size 597.03K  /  16 Page

View it Online

Download Datasheet

    TA7745F_FG TA7745FG TA7745P_PG TA7745PG TA7745P06 TA7745P TA7745P/PG TA7745F/FG

Toshiba Semiconductor
Part No. TA7745F_FG TA7745FG TA7745P_PG TA7745PG TA7745P06 TA7745P TA7745P/PG TA7745F/FG
OCR Text ...12 13 14 15 16 Symbol a Ha+ Ha- Hb+ Hb- Hc+ Hc- CW/CCW VCC Lc GND Lb GND La c b Functional Description a-phase Pre-drive stage output termin...10 2006-3-2 TA7745P/PG/F/FG 11 2006-3-2 ...
Description 3-Phase Full-Wave (Half-Wave) Brushless DC Motor Driver IC

File Size 382.12K  /  11 Page

View it Online

Download Datasheet

    TA8492P06 TA8492P_PG TA8492P/PG

Toshiba Semiconductor
Part No. TA8492P06 TA8492P_PG TA8492P/PG
OCR Text ...atrix 2 La 15 Lb 1 Lc - Ha + Hb - Hb + Hc - Hc The TA8492PG is a Pb-free product. The following conditions apply to solderability: *So...10 11 12 13 14 15 16 Symbol Lc La 3ST GND GND - Ha + Ha - Hc + Hc - Hb + Hb Function c-phase dri...
Description Three-Phase Full-Wave Brushless DC Motor Driver IC

File Size 242.01K  /  14 Page

View it Online

Download Datasheet

    FX-702-EDE-HLM FX-702-ECT-SLM FX-702-ECE-KLM FX-702-EDE-HMM FX-702-EDE-SMM FX-702-EDT-SMM FX-702-EDT-SLM FX-702-EDT-KMM

Vectron International, Inc
Part No. FX-702-EDE-HLM FX-702-ECT-SLM FX-702-ECE-KLM FX-702-EDE-HMM FX-702-EDE-SMM FX-702-EDT-SMM FX-702-EDT-SLM FX-702-EDT-KMM FX-702-ECE-KMM FX-702-EDT-HLM FX-702-EDE-KLM FX-702-ECT-SMM FX-702-ECT-HMM FX-702-ECE-SLM FX-702-ECE-HLM FX-702-ECE-HMM FX-702-ECE-SMM FX-702-ECT-HLM FX-702-ECT-KLM FX-702-ECT-KMM FX-702-EDE-KMM FX-702-EDE-SLM FX-702-EDT-HMM FX-702-EDT-KLM
OCR Text ...5 F9 HE H1 HF H8 H2 H3 H7 HC H6 HB HG H4 H9 HK H5 39.0625000 39.3216000 39.8437500 40.0000000 40.2830630 40.9600000 41.0888870 41.6571440 41...10% Output C: LVPECL D: LVDS Operating Temperature E: -40 to 85 C T: 0 to 70 C Absolute Pull Range H...
Description Low Jitter VCSO Frequency Translator

File Size 291.97K  /  7 Page

View it Online

Download Datasheet

    MPA321X-05Z MPA321X-09Z MPA321X-12Z MPA321X-15Z MPA321X-18Z MPA321X-24Z MPA321X-28Z MPA321X-36Z MPA321X-48Z MPA321X-54Z

MicroPower Direct, LLC
Part No. MPA321X-05Z MPA321X-09Z MPA321X-12Z MPA321X-15Z MPA321X-18Z MPA321X-24Z MPA321X-28Z MPA321X-36Z MPA321X-48Z MPA321X-54Z
OCR Text ... CN2: Howder Terminal Block No. HB-95-7P or Mating Molex Part No. 09-91-1600 (16 pin) Output Pin Assignment: Howder Pins 1 ~ 2: V+ Pins 3 ~ ...10: VPin 12: Grnd Pin 14: Neutral Pin 16: Line certification. Models are factory set to the "Pres...
Description Smallest 1U Height, 320W, Active PFC Single Output AC/DC Power Supplies

File Size 389.49K  /  2 Page

View it Online

Download Datasheet

    MPA320X-05Z MPA320X-09Z MPA320X-12Z MPA320X-15Z MPA320X-18Z MPA320X-24Z MPA320X-28Z MPA320X-36Z MPA320X-48Z MPA320X-54Z

MicroPower Direct, LLC
Part No. MPA320X-05Z MPA320X-09Z MPA320X-12Z MPA320X-15Z MPA320X-18Z MPA320X-24Z MPA320X-28Z MPA320X-36Z MPA320X-48Z MPA320X-54Z
OCR Text ... CN2: Howder Terminal Block No. HB-95-7P or Mating Molex Part No. 09-91-1600 (16 pin) Output Pin Assignment: Howder Pins 1 ~ 2: V+ Pins 3 ~ ...10: VPin 12: Grnd Pin 14: Neutral Pin 16: Line 75% 80% 83% 83% 83% 83% 83% 83% 83% 83% Notes: ...
Description Smallest 1U 320W Single Output Power Factor Corrected AC/DC Power Supplies

File Size 389.56K  /  2 Page

View it Online

Download Datasheet

For hb.10.pg.2.16 Found Datasheets File :: 30    Search Time::1.875ms    
Page :: | <1> | 2 | 3 | 4 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of hb.10.pg.2.16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.6999108791351