Part Number Hot Search : 
063AC 500TTSY 51206 TR0001 20100C L3705Z 55PT08C 55PT08C
Product Description
Full Text Search
  gurable Datasheet PDF File

For gurable Found Datasheets File :: 190    Search Time::2.328ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    FT2232C

ETC
Part No. FT2232C
OCR Text ...nd usb description strings con?gurable in external eeprom ? eeprom con?gurable on board via usb ? support for usb suspend and resume conditions via pwren#, and si / wu pins ? support for bus powered, self powered, and high- power bus p...
Description Dual USB UART / FIFO I.C

File Size 584.62K  /  51 Page

View it Online

Download Datasheet





    P89LPC9301

Philips Semiconductors
Part No. P89LPC9301
OCR Text ...nction is also available. n con?gurable on-chip oscillator with frequency range options selected by user programmed ?ash con?guration bits. oscillator options support frequencies from 20 khz to the maximum operating frequency of 18 mhz. n o...
Description 8-bit Microcontroller

File Size 369.46K  /  65 Page

View it Online

Download Datasheet

    FTDI
Part No. FT232R
OCR Text ...tdichip-id? feature. ? new con?gurable cbus i/o pins. ? a uto transmit buffer control for rs485 applications. ? transmit and receive led drive signals. ? new 48mhz, 24mhz,12mhz, and 6mhz clock output signal options for driving external...
Description Incorporating Clock Generator Output and FTDIChip-ID Security Dongle

File Size 526.19K  /  29 Page

View it Online

Download Datasheet

    P89LPC930 P89LPC930FDH P89LPC931FDH P89LPC931

Philips
NXP Semiconductors
Part No. P89LPC930 P89LPC930FDH P89LPC931FDH P89LPC931
OCR Text ...tor fail detect function. n con?gurable on-chip oscillator with frequency range and rc oscillator options (selected by user programmed flash con?guration bits). the rc oscillator (factory calibrated to 1 %) option allows operation without ...
Description 8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM

File Size 247.86K  /  55 Page

View it Online

Download Datasheet

    Motorola
Part No. MPC105
OCR Text ...encies 32-bit address bus con?gurable 64- or 32-bit data bus accommodates an upgrade of either an external l2 cache or a secondary processor arbitration for secondary processor on-chip full memory coherency supported pipelining of 60x...
Description MPC105 PowerPC Bridge/Memory Controller Technical Summary

File Size 70.54K  /  24 Page

View it Online

Download Datasheet

    SSTU32866

Philips Semiconductors
Part No. SSTU32866
OCR Text gurable registered buffer with parity for ddr2 rdimm applications rev. 01 09 july 2004 objective data 1. description the sstu32866 is a 1.8 v con?gurable register speci?cally designed for use on ddr2 memory modules requiring a parity check...
Description 1.8V 25-bit 1:1 or 14-bit 1:2 confgurable registered buffer

File Size 176.43K  /  27 Page

View it Online

Download Datasheet

    SSTUH32864

Philips Semiconductors
Part No. SSTUH32864
OCR Text gurable registered buffer designed for 1.7 v to 1.9 v v dd operation. all clock and data inputs are compatible with the jedec standard for sstl_18. the control inputs are lvcmos. all outputs are 1.8 v cmos drivers that have been optimized ...
Description 1.8 V high output drive configurable registered buffer

File Size 137.98K  /  20 Page

View it Online

Download Datasheet

    SSTUH32866

Philips Semiconductors
Part No. SSTUH32866
OCR Text gurable register speci?cally designed for use on ddr2 memory modules requiring a parity checking function. it is de?ned in accordance with the jedec jesd82-7 standard for the sstu32864 registered buffer, while adding the parity checking fun...
Description 1.8 V high output drive 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer

File Size 182.79K  /  28 Page

View it Online

Download Datasheet

    P89LPC9408FBD

NXP Semiconductors
Part No. P89LPC9408FBD
OCR Text ...nction is also available. n con?gurable on-chip oscillator with frequency range options selected by user programmed ?ash con?guration bits. oscillator options support frequencies from 20 khz to the maximum operating frequency of 18 mhz. n o...
Description 8-bit microcontroller with two-clock 80C51 core 8 kB 3 V byte-erasable flash, 32 segment x 4 LCD driver, 10-bit ADC

File Size 314.34K  /  69 Page

View it Online

Download Datasheet

    P89LPC932 P89LPC932BA P89LPC932BDH P89LPC932FDH P89LPC932FHN

NXP Semiconductors N.V.
Part No. P89LPC932 P89LPC932BA P89LPC932BDH P89LPC932FDH P89LPC932FHN
OCR Text ...tor fail detect function. n con?gurable on-chip oscillator with frequency range and rc oscillator options (selected by user programmed flash con?guration bits). the rc oscillator option allows operation without external oscillator component...
Description 80C51 8-bit microcontroller with two-clock core 8 KB 3 V low-power Flash with 512-byte data EEPROM
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM

File Size 275.89K  /  60 Page

View it Online

Download Datasheet

For gurable Found Datasheets File :: 190    Search Time::2.328ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of gurable

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.4126968383789