Part Number Hot Search : 
14005 2SC2362 07416 SF104C PP2368 L78M20CP FBL2040 02P15
Product Description
Full Text Search
  grooved-type Datasheet PDF File

For grooved-type Found Datasheets File :: 79    Search Time::3.312ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 |   

    E3SGS3B4 E3S-GS1E4

Omron Electronics LLC
Part No. E3SGS3B4 E3S-GS1E4
OCR Text grooved head sensor with built-in dc amplifiers fast 1 ms maximum response time ideal for packaging applications 1 cm groove type detects marks on transparent film 3 cm groove type detects edges, labels and marks emitter and rec...
Description Slotted Edge Registration Sensor
Grooved Head Sensor with Built-In DC Amplifiers

File Size 267.07K  /  4 Page

View it Online

Download Datasheet





    AM1535F AM1500F AM1501F AM1503F AM1505F AM1506F AM1507F AM150811F AM150812F AM1310F AM1313F AM1517F AM1711F AM1306F AM13

Panasonic Semiconductor
Part No. AM1535F AM1500F AM1501F AM1503F AM1505F AM1506F AM1507F AM150811F AM150812F AM1310F AM1313F AM1517F AM1711F AM1306F AM1300F AM1301F AM1303F AM1305F AM1307F AM1306K AM130811F AM130812F AM1333F AM1331F AM1335F AM1337F AM133812F AM1330F AM133811F AM1336F AM1703F AM1701F AM1700F AM153811F AM153812F AM1117F AM1107F AM111812F AM1105F AM110812F AM1110F AM111811F AM113811F AM110811F AM113812F AM1101F AM1115F AM1103F AM1135F AM1106F AM1131F AM1111F AM1113F AM1133F AM1136F AM1100F AM1137F AM1116F AM1130F AM1530F AM151812F AM151811F AM1705F AM1736F AM1315F AM1317F AM131812F AM131811F AM1316F AM1311F AM1510F
OCR Text ...inal 3: flat, screw terminal 5: grooved, solder terminal 7: grooved, screw terminal upper body cover shape 0: pin plunger 1: hinge lever (le...type 1: oil tight type 3: reversed action type 4: one way type ex. am 1 5 0 1 f flat grooved so...
Description HIGH CONTACT CAPACITY, PRECISE OPERATION
   HIGH CONTACT CAPACITY, PRECISE OPERATION

File Size 222.82K  /  8 Page

View it Online

Download Datasheet

   
Part No. AM1543KF AM110812KF AM1704KF
OCR Text ...inal 3: flat, screw terminal 5: grooved, solder terminal 7: grooved, screw terminal upper body cover shape 0: pin plunger 1: hinge lever (le...type 1: oil tight type 3: reversed action type 4: one way type ex. am 1 5 0 1 k f flat grooved ...
Description SNAP ACTING/LIMIT SWITCH, MOMENTARY, 0.5A, 125VDC, 6.9mm, PANEL MOUNT ROHS COMPLIANT
SNAP ACTING/LIMIT SWITCH, MOMENTARY, 0.5A, 125VDC, 4mm, PANEL MOUNT

File Size 219.38K  /  9 Page

View it Online

Download Datasheet

    E3Z-G61-M3J

Omron Electronics LLC
Part No. E3Z-G61-M3J
OCR Text grooved-type photoelectric sensor grooved design eliminates the need for optical axis adjustment one or two axes models available ideal for slowdown, then stop applications ce and ul approved prewired or connector versions separa...
Description
File Size 279.65K  /  8 Page

View it Online

Download Datasheet

    Omron
Part No. E3XR-GM
OCR Text grooved head sensor ideal for register mark detection in printing and packaging equipment registration sensor -slotted e3xr-gm green ...type mounted in a grooved head current consumption 40 ma max. sensing distance 5 mm (0.197 in) groov...
Description Registration Sensor

File Size 142.05K  /  4 Page

View it Online

Download Datasheet

    PFP-M PFP-50N PFP-100N E39-L48 E3XR-GM5E4-30 E3XR-GM5RB4 E3XR-GM5RE4 E3XR-GM5GE4 E3XR-GM5GB4

Omron Electronics LLC
Part No. PFP-M PFP-50N PFP-100N E39-L48 E3XR-GM5E4-30 E3XR-GM5RB4 E3XR-GM5RE4 E3XR-GM5GE4 E3XR-GM5GB4
OCR Text grooved head sensor ideal for register mark detection in printing and packaging equipment registration sensor -slotted e3xr-gm green ...type mounted in a grooved head current consumption 40 ma max. sensing distance 5 mm (0.197 in) groov...
Description Grooved Head Sensor Ideal for Register Mark Detection in Printing and Packaging Equipment

File Size 123.41K  /  4 Page

View it Online

Download Datasheet

   
Part No. E3XR-GM5RE4
OCR Text grooved head sensor ideal for register mark detection in printing and packaging equipment registration sensor -slotted e3xr-gm green ...type mounted in a grooved head current consumption 40 ma max. sensing distance 5 mm (0.197 in) groov...
Description 5 mm SLOT WIDTH, 1 CHANNEL SLOTTED OPTICAL SWITCH LOGIC OUTPUT

File Size 386.00K  /  4 Page

View it Online

Download Datasheet

    Advanced Thermal Soluti...
Part No. ATS-HP-D6L200G45W-005
OCR Text ...l: copper ? wick structures: grooved or sintered copper powder ? high thermal conductivity ? light weight ? fast thermal respon...type (s=sintered, g=grooved); wf =working fluid; tr =temperature range (c) for further techn...
Description Compact Electronics Enclosures

File Size 168.16K  /  1 Page

View it Online

Download Datasheet

    GC8924R GC8912R GC8920R GC8916R GC89BR GC89R GC89SR

Green Power Solutions srl
Part No. GC8924R GC8912R GC8920R GC8916R GC89BR GC89R GC89SR
OCR Text ...O13 Pressure disc Useful for grooved heatsink Suggested groove diameter 27mm +/- 0.5 O24 Dimensions in mm - Tolerances according to ISO 2768 MK In the interest of product improvement Green Power Solutions reserves the right to chan...
Description BAR CLAMP FOR HOCKEY PUK DEVICES

File Size 291.28K  /  4 Page

View it Online

Download Datasheet

    ULR2 ULR3 ULR1 ULR25

Welwyn Components Limited
Part No. ULR2 ULR3 ULR1 ULR25
OCR Text ...w TCR resistance alloy plate is grooved to set the final resistance, the lower faces are solder plated for connections, and it is protective...Type Protective Coating Metal Strip Marking For values which are integer numbers of milliohms...
Description Metal Strip Current Sense Resistors Surface Mount

File Size 420.68K  /  3 Page

View it Online

Download Datasheet

For grooved-type Found Datasheets File :: 79    Search Time::3.312ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of grooved-type

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.6940629482269