Part Number Hot Search : 
A1193 P6KE350A 476M0 S3503 S541A A51BD P6KE350A BL758L
Product Description
Full Text Search
  gpon Datasheet PDF File

For gpon Found Datasheets File :: 154    Search Time::1.14ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    FTGN2117P2CUN FTGN2117P2TUN

Finisar Corporation.
Part No. FTGN2117P2CUN FTGN2117P2TUN
OCR Text gpon stick is an sfp transceiver with a built-in gpon onu. the gpon stick is in a standardized msa sfp footprint and is compliant with itu-t g.984 gpon specifications. digital diagnostic functions are available via the 2-wire serial bus a...
Description Pluggable SFP ONU

File Size 274.80K  /  1 Page

View it Online

Download Datasheet





    BCM56821A0KFSBG BCM56820

Broadcom Corporation.
Part No. BCM56821A0KFSBG BCM56820
OCR Text ...ard b backplane 10-gbe or higig gpon mac gpon phy/serdes xdsl mac xdsl phys n m u lt ico r e processor traffic manager network processor wireless phys gpon line card xdsl line card compute blade 3g wireless base station line card n x line c...
Description 12 X 10-GBE 8 X HG[16] 4 X 1-GBE MULTILAYER ETHERNET SWITCH

File Size 387.63K  /  2 Page

View it Online

Download Datasheet

    SY88349NDLMGTR

Micrel Semiconductor
Part No. SY88349NDLMGTR
OCR Text ...rict timing restrictions of the gpon standards by providing ultra-fast loss-of-signal (los) or signal-detect (sd) output. auto reset and manual reset options are provided to control los/sd output timing. for increased flexibility, this ...
Description 2.5Gbps Burst-Mode Limiting Amplifier

File Size 432.13K  /  13 Page

View it Online

Download Datasheet

    Applied Micro Circuits, Corp.
Part No. CS3157
OCR Text gpon transceiver with cdr empowering intelligent optical networks 1 pb2023_v1.00_08/25/05 description the s3157 gpon transceiver chip is a fully integrated serialization/ deserialization gpon oc-48/24/12 transceiver interface device. th...
Description gpon Transceiver With CDR 的gpon收发器的CDR

File Size 33.79K  /  2 Page

View it Online

Download Datasheet

    TAT6254C-EB

TriQuint Semiconductor
Part No. TAT6254C-EB
OCR Text gpon ftth ? multi dwelling unit tia ? mini-node product features functional block diagram ? single 12 v or 5 v configuration ? low noise 3.9 pa/rthz eq uivalent input noise ? 19 or 23 dbmv/channel rf out...
Description Fiber To The Home RF Amplifier 47?000 MHz

File Size 1,372.49K  /  9 Page

View it Online

Download Datasheet

    MAX3710

Maxim Integrated Products
Part No. MAX3710
OCR Text ...perfor - mance pmd solution for gpon/epon onu applications in modules or directly on the onu board. the low-jitter laser diode driver provides transmit burst mode average power control (apc) of laser bias current as well as an integrated...
Description 125Mbps to 2.5Gbps Integrated Limiting Amplifier/Burst Mode Laser Driver with Dual-Loop Power Control

File Size 2,502.00K  /  58 Page

View it Online

Download Datasheet

    MAX3634ETM MAX3634

Maxim Integrated Products, Inc.
Part No. MAX3634ETM MAX3634
OCR Text gpon OLT Applications General Description The MAX3634 burst-mode clock phase aligner (CPA) is designed specifically for 622Mbps or 1244Mbps gpon (ITU G.984) optical line terminal (OLT) receiver applications. The MAX3634 provides clock and...
Description Dual High-Speed Differential Driver & Receiver 16-TSSOP -40 to 85
622Mbps/1244Mbps Burst-Mode Clock Phase Aligner for gpon OLT Applications

File Size 310.83K  /  8 Page

View it Online

Download Datasheet

    SY88149NDLMG SY88149NDLMGTR SY88149NDL12

Micrel Semiconductor
Part No. SY88149NDLMG SY88149NDLMGTR SY88149NDL12
OCR Text ...rict timing restrictions of the gpon standards by providing ultra- fast loss-of-signal (los) or signal-detect (sd) output. auto reset and manual reset options are provided to control los/sd output timing. for increased flexibility, this...
Description 1.25Gbps Burst-Mode Limiting Amplifier

File Size 415.81K  /  13 Page

View it Online

Download Datasheet

    Broadlight
Part No. BL2348
OCR Text gpon gateway service application processing in high performance access networks. the bl2348 incorporates the industrys most advanced interfaces including gigabit ethernet, voip dsp and pci, along with unrivaled qos, security and hardware ac...
Description gpon Processor

File Size 457.09K  /  2 Page

View it Online

Download Datasheet

    FTGN3025Q1TAS

Finisar Corporation.
Part No. FTGN3025Q1TAS
OCR Text gpon ONU Class B+ Pigtailed RoHS Compliant Transceiver FTGN3025 Q1TAx PRODUCT FEATURES * Bi-directional transceivers operating at 2.488 Gbit/s downstream, 1.244 Gbit/s upstream Integrated thin film filters supporting triple-play at 1310 nm...
Description gpon ONU Class B Pigtailed RoHS Compliant Transceiver

File Size 96.63K  /  10 Page

View it Online

Download Datasheet

For gpon Found Datasheets File :: 154    Search Time::1.14ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of gpon

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.48767995834351