Part Number Hot Search : 
BAS16L 30AE3 KBPC3501 NQ03LT 27C256 HMC329 2N4232A SR160
Product Description
Full Text Search
  gbits Datasheet PDF File

For gbits Found Datasheets File :: 281    Search Time::1.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    HDMP-1012 HDMP-1014

Agilent (Hewlett-Packard)
HP[Agilent(Hewlett-Packard)]
Part No. HDMP-1012 HDMP-1014
OCR Text ...nds from 120 Mbits/s up to 1.25 gbits/s. The parallel data interface is 16 or 20 bit single-ended ECL, pin selectable. A flag bit is available and can be used as an extra 17th or 21st bit under the user's control. The flag bit can also be u...
Description 4Low Cost Gigabit Rate Transmit/Receive Chip Set

File Size 292.88K  /  42 Page

View it Online

Download Datasheet





    HDMP-1022 HDMP-1024

Agilent (Hewlett-Packard)
HP[Agilent(Hewlett-Packard)]
Part No. HDMP-1022 HDMP-1024
OCR Text ...nds from 120 Mbits/s up to 1.25 gbits/s. The parallel data interface is 16 or 20 bit TTL, pin selectable. A flag bit is available and can be used as an extra 17th or 21st bit under the user's control. The flag bit can also be used as an eve...
Description Low Cost Gigabit Rate Transmit/Receive Chip Set with TTL I/Os

File Size 292.53K  /  40 Page

View it Online

Download Datasheet

    LG1600FXH3111 LG1600FXH1200 LG1600FXH1244 LG1600FXH1298 LG1600FXH2380 LG1600FXH5332 LG1600FXH0 LG1600FXH1555 LG1600FXH06

AGERE[Agere Systems]
LUCENT
Part No. LG1600FXH3111 LG1600FXH1200 LG1600FXH1244 LG1600FXH1298 LG1600FXH2380 LG1600FXH5332 LG1600FXH0 LG1600FXH1555 LG1600FXH0622 LG1600FXH2666 TF1004A LG1600FXH LG1600FXH0500 LG1600FXH0553 LG1600FXH2433 LG1600FXH2488 LG1600FXH2949 LG1600FXH3840 LG1600FXH4977 LG1600FXHXXXX
OCR Text ...dard and custom data rates 0.50 gbits/s--5.5 gbits/s Complementary 50 I/Os s Figure 1. LG1600FXH Open View Applications s SONET/SDH receiver terminals and regenerators OC-12 through OC-96/STM-4 through STM-32 SONET/SDH test eq...
Description LG1600FXH Clock and Data Regenerator

File Size 424.70K  /  20 Page

View it Online

Download Datasheet

    D1861D040 D1861D050 D1861D D1861D023

AGERE[Agere Systems]
Part No. D1861D040 D1861D050 D1861D D1861D023
OCR Text gbits/s 1310 nm DML Module (10 dBm) Description The D1861D direct-modulated laser (DML) module is a cost-effective solution for 10 gbits/s digital transmission up to 50 km using traditional intracity SMF-28 single-mode fiber links. The 1...
Description D1861D 10 Gb /秒的1310 nm DML模块0 dBm的)
D1861D 10 gbits/s 1310 nm DML Module (10 dBm)

File Size 85.62K  /  6 Page

View it Online

Download Datasheet

    TZA3014 TZA3014HT TZA3014U TZA3014VH

PHILIPS[Philips Semiconductors]
Part No. TZA3014 TZA3014HT TZA3014U TZA3014VH
OCR Text gbits/s postamplifier with level detector Product specification Supersedes data of 2000 Aug 09 File under Integrated Circuits, IC19 2001 Jun 25 Philips Semiconductors Product specification 2.5 gbits/s postamplifier with level dete...
Description 2.5 gbits/s postamplifier with level detector

File Size 156.16K  /  28 Page

View it Online

Download Datasheet

    TZA3019 TZA3019AHT TZA3019AV TZA3019BHT TZA3019BV TZA3019CHT TZA3019CV TZA3019U

Philips Semiconductors
Part No. TZA3019 TZA3019AHT TZA3019AV TZA3019BHT TZA3019BV TZA3019CHT TZA3019CV TZA3019U
OCR Text gbits/s dual postamplifier with level detectors and 2 x 2 switch Preliminary specification File under Integrated Circuits, IC19 2000 Apr 10 Philips Semiconductors Preliminary specification 2.5 gbits/s dual postamplifier with level...
Description 2.5 gbits/s dual postamplifier with level detectors and 2 x 2 switch

File Size 171.48K  /  32 Page

View it Online

Download Datasheet

    TZA3044 TZA3044B TZA3044BT TZA3044BTT TZA3044BU TZA3044TT TZA3044U TZA3044T

PHILIPS[Philips Semiconductors]
Part No. TZA3044 TZA3044B TZA3044BT TZA3044BTT TZA3044BU TZA3044TT TZA3044U TZA3044T
OCR Text gbits/s Gigabit Ethernet postamplifiers Product specification Supersedes data of 1999 Mar 16 File under Integrated Circuits, IC19 1999 Nov 03 Philips Semiconductors Product specification SDH/SONET STM4/OC12 and 1.25 gbits/s Gigabi...
Description SDH/SONET STM4/OC12 and 1.25 gbits/s Gigabit Ethernet postamplifiers

File Size 151.63K  /  28 Page

View it Online

Download Datasheet

    1340TAPC 1340TMPC 1340CAPC 1340CBPC 1340CCPC 1340CMPC 1340CNPC 1340FAPC 1340FBPC 1340FCPC 1340FMPC 1340FNPC 1340TBPC 134

Agere Systems
Part No. 1340TAPC 1340TMPC 1340CAPC 1340CBPC 1340CCPC 1340CMPC 1340CNPC 1340FAPC 1340FBPC 1340FCPC 1340FMPC 1340FNPC 1340TBPC 1340TNPC 1340-TYPE
OCR Text ...5 mbits/s, 622 mbits/s, or 1.25 gbits/s, the versat ile 1340-type receiver is manufactured in a 20-pin, plastic dip with a multimode fiber pigtail. features backward compatible with 1310 receiver family space-saving, self-contained, 2...
Description Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes
Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:White; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Gray; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
1340-Type Lightwave Receiver

File Size 110.45K  /  12 Page

View it Online

Download Datasheet

    LG1600KXH1244 LG1600KXH1250 LG1600KXH1298 LG1600KXH2380 LG1600KXH2666 LG1600KXH LG1600KXH0622 LG1600KXH2488

AGERE[Agere Systems]
Part No. LG1600KXH1244 LG1600KXH1250 LG1600KXH1298 LG1600KXH2380 LG1600KXH2666 LG1600KXH LG1600KXH0622 LG1600KXH2488
OCR Text ...dard and custom data rates 0.50 gbits/s--5.5 gbits/s Complementary 50 I/Os s Figure 1. LG1600KXH Open View Applications s SONET/SDH receiver terminals and regenerators OC-12 through OC-96/STM-4 through STM-32 SONET/SDH test eq...
Description LG1600KXH Clock and Data Regenerator

File Size 421.64K  /  20 Page

View it Online

Download Datasheet

    TRCV012G5 TRCV012G53XE1 TRCV012G7 TRCV012G73XE1

AGERE[Agere Systems]
Part No. TRCV012G5 TRCV012G53XE1 TRCV012G7 TRCV012G73XE1
OCR Text gbits/s) and TRCV012G7 (2.5 gbits/s and 2.7 gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer Features s s Applications s s s s TRCV012G5 supports OC-48/STM-16 data rate TRCV012G7 supports: -- OC-48/STM-16 data...
Description TRCV012G5 (2.5 gbits/s) and TRCV012G7 (2.5 gbits/s and 2.7 gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer

File Size 313.53K  /  28 Page

View it Online

Download Datasheet

For gbits Found Datasheets File :: 281    Search Time::1.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of gbits

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.96641302108765