Part Number Hot Search : 
0603C LT023MD KC847C B65526 AS350 B65526 CA3013 M5221
Product Description
Full Text Search
  gasket Datasheet PDF File

For gasket Found Datasheets File :: 1338    Search Time::3.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    VP1302A0S VP1203A0S VP1103A0S VT1103A0S VU1103A0S VP4502A0S VT1102A0S VP1303A0S VP6002A0S VR1102A0S VP1102A0S VP4503A0S

SHIELD s.r.l.
Part No. VP1302A0S VP1203A0S VP1103A0S VT1103A0S VU1103A0S VP4502A0S VT1102A0S VP1303A0S VP6002A0S VR1102A0S VP1102A0S VP4503A0S VP3002A0S VP3003A0S VP6003A0S VP1202A0S
OCR Text ...orking temperature: -40...125 C gasket oil resistance: occasional contact Caratteristiche generali materiale rivestimento: PA66 30%GF materiale contatti: CuZn nichelato grado protezione IEC 60529: IP65 (solo lato frontale) temperatura di...
Description For electrovalves, receptacle, male

File Size 185.76K  /  2 Page

View it Online

Download Datasheet





    VL1323A2R VL1323A4R

SHIELD s.r.l.
Part No. VL1323A2R VL1323A4R
OCR Text ...contact distance 8 mm; built-in gasket; central screw total insulation; SMD components to let more assembling space; crimp terminals option; application with electrovalves, etc. connettore micro EN175301-803 stile C, (ex DIN 43650-C), ISO 1...
Description For electrovalves, style C, 2p or 3p G, female, field attachable

File Size 141.03K  /  2 Page

View it Online

Download Datasheet

    VF6323A2R VF6323A4R

SHIELD s.r.l.
Part No. VF6323A2R VF6323A4R
OCR Text ...hable, screw terminals; profile gasket; application with electrovalves, etc. connettore rettangolare EN175301-803 stile B, (ex DIN 43650-B), ISO 6952, 2 poli + terra, interasse contatti 10 mm; da cablare, con terminali a vite; guarnizion...
Description For electrovalves, style B, 2p G, female, field attachable

File Size 139.66K  /  2 Page

View it Online

Download Datasheet

    GEHL
Part No. BF4M1011F
OCR Text ...y pump ......................34 gasket set ...........................60 glow plug ............................42 heater connection .....................29 high pressure pipe .....................39 index ................................61 ...
Description ENGINE

File Size 4,382.93K  /  68 Page

View it Online

Download Datasheet

    M83536_21 M83536_22

ETC
Part No. M83536_21 M83536_22
OCR Text ....005 (1.27 (3) Silicone Rubber gasket CODE "B" Solder Pin Terminals CODE "C" Solder Hook Terminals HOOK TERMINALS TIN/LEAD PLATED PIN TERMINALS TIN/LEAD PLATED .300 (7.62) .170 (4.32) -X2 .040 .001Dia. Pin (1.02 .02) 2 P...
Description (M83536/21/22) Aerospace Relays

File Size 105.49K  /  4 Page

View it Online

Download Datasheet

    17K1A139

CONEC Elektronische Bauelemente GmbH
Part No. 17K1A139
OCR Text ...2002/95/ec rohs compliant cover gasket jack dust cap bayonet locking type 0.5 6.5 10.0 n 10.0 n 16.0 tether n 15 5 5 r e f . 2 . 5 0.42 (x 5) 1 . 5 1 9 . 8 3 . 0 n 17 1 5 9.8 1.5 1.5 2 0 . 2 5 1 1 . 4 0 ` 0 . 0 5 12.00 n - 0.10 0.00 + 2 ....
Description IP67 mini USB Receptacle Dust Cap Assembly kit with mini USB Type B Through Hole Version

File Size 485.03K  /  1 Page

View it Online

Download Datasheet

    FS1-S01-146E1

Amphenol Corporation
Part No. FS1-S01-146E1
OCR Text ...chomerics soft shield 4800, emi gasket 1 3 e c 46 f s 1 - s 0 1 - 1 x = 8 mm mounting screw shipped bulk in same trays with cage assemblies = no mounting screw supplied 24 = stainless steel emi gasket gasket option = 10 mm mounting sc...
Description MINI SAS 1 DEGREE SINGLE PORT CAGE

File Size 152.81K  /  2 Page

View it Online

Download Datasheet

    Cooper Lighting
Part No. XTOR9A
OCR Text ... plate (do not remove circular gasket). attach conduit to wire-way cover plate with water-tight connector. re-install wire-way cover plate by rotating clockwise into the screws. tighten wire-way cover plate screws to 10 inch lbs. (fig...
Description (XTOR5A / XTOR9A) MAXX LED

File Size 2,521.26K  /  6 Page

View it Online

Download Datasheet

    http://
Airborn, Inc.
HIROSE ELECTRIC Co., Ltd.
Hirose Electric USA, INC.
HIROSE[Hirose Electric]
Part No. HR30-6R-6S HR30-6R-6PC HR30-6RA-6SD HR30-6J-10P HR30-6J-10PC HR30-6J-10PD HR30-6J-10S HR30-6J-10SC HR30-6J-10SD HR30-6J-12P HR30-6J-12PC HR30-6J-12PD HR30-6J-12S HR30-6J-12SC HR30-6J-12SD HR30-6J-3P HR30-6J-3PC HR30-6J-3PD HR30-6J-3S HR30-6J-3SC HR30-6J-3SD HR30-6J-6P HR30-6J-6PC HR30-6J-6PD HR30-6J-6S HR30-6J-6SC HR30-6J-6SD HR30-6JA-10P HR30-6JA-10PC HR30-6JA-10PD HR30-6JA-10S HR30-6JA-10SC HR30-6JA-10SD HR30-6JA-12P HR30-6JA-12PC HR30-6JA-12PD HR30-6JA-12S HR30-6JA-12SC HR30-6JA-12SD HR30-6JA-3P HR30-6JA-3PC HR30-6JA-3PD HR30-6JA-3S HR30-6JA-3SC HR30-6JA-3SD HR30-6JA-6P HR30-6JA-6PC HR30-6JA-6PD HR30-6JA-6S HR30-6JA-6SC HR30-6JA-6SD HR30-6P-10P HR30-6P-10PC HR30-6P-10PD HR30-6P-10S HR30-6P-10SC HR30-6P-10SD HR30-6P-12P HR30-6P-12PC HR30-6P-12PD HR30-6P-12S HR30-6P-12SC HR30-6P-12SD HR30-6P-3P HR30-6P-3PC HR30-6P-3PD HR30-6P-3S HR30-6P-3SC HR30-6P-3SD HR30-6P-6P HR30-6P-6PC HR30-6P-6PD HR30-6P-6S HR30-6P-6SC HR30-6P-6SD HR30-6PA-10P HR30-6PA-10PC HR30-6PA-10PD HR30-6PA-10S HR30-6PA-10SC HR30-6PA-10SD HR30-6PA-12P HR30-6PA-12PC HR30-6PA-12PD HR30-6PA-12S HR30-6PA-12SC HR30-6PA-12SD HR30-6PA-3P HR30-6PA-3PC HR30-6PA-3PD HR30-6PA-3S HR30-6PA-3SC HR30-6PA-3SD HR30-6PA-6P HR30-6PA-6PC
OCR Text ...S Insulator Plug PBT Polyacetal gasket Contacts Spring Insulator gasket Receptacles Contacts Hexagonal nut Washer Crimp contact (male/female) Contacts Silicone rubber, chloroprene rubber Brass, phosphor bronze Stainless steel PPS Chloropren...
Description Inductor; Inductor Type:High Frequency; Inductance:4.7nH; Inductance Tolerance: 10 %; Current Rating:500mA; Series:IFC; Package/Case:0805; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Cut Tape RoHS Compliant: Yes 微型防水塑料连接
0.5 in Diameter, 200mA Single Deck Rotary Switch 微型防水塑料连接
Miniature Waterproof Plastic Connectors 微型防水塑料连接
Inductor; Series:IFC; Inductance:3.9nH; Inductance Tolerance: /- 10 %; Q Factor:15; Self Resonant Frequency:9GHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Current Rating:500mA; Leaded Process Compatible:Yes
Inductor; Inductor Type:High Frequency; Inductance:8.2nH; Inductance Tolerance: 5 %; Current Rating:500mA; Series:IFC; Package/Case:0603; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes

File Size 863.79K  /  12 Page

View it Online

Download Datasheet

    VE6323A2R VE6323A4R

SHIELD s.r.l.
Part No. VE6323A2R VE6323A4R
OCR Text ...crew terminals; flat or profile gasket; application with electrovalves, etc. connettore rettangolare standard industriale stile B-ind, 2 poli + terra, interasse contatti 11 mm da cablare, con terminali a vite; guarnizione piatta o a prof...
Description For electrovalves, style B-ind, 2p G, female, field attachable

File Size 160.56K  /  2 Page

View it Online

Download Datasheet

For gasket Found Datasheets File :: 1338    Search Time::3.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of gasket

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.7690460681915