Part Number Hot Search : 
IRKV1 SAA711 TEA1522P 0402C 10241 CTDA13AF RCMM1 14LG1T
Product Description
Full Text Search
  g.983.3 Datasheet PDF File

For g.983.3 Found Datasheets File :: 329    Search Time::5.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

   
Part No. TRW7403M
OCR Text ...t d b 1 3 0 1 3 0 8 2 8 2 v c c g n d v c c t x v c c t x r d b r d 1 3 0 1 3 0 8 2 8 2 v c c g n d v e e t x s d 2 0 0 g n d figure 2. reco...983 1 kg, 3 times 20 11 0 6 accelerated aging (high temp.) bellcore 983 life time assured temperatur...
Description TRANSCEIVER, XFO

File Size 31.68K  /  9 Page

View it Online

Download Datasheet





    B39401R983H110

EPCOS
Part No. B39401R983H110
OCR Text ...atible Approximate weight 0.037 g Package for Surface Mount Technology (SMT) Ni, gold-plated terminals Lead free soldering compatible with J...983 403.55 MHz Center frequency1) Minimum insertion attenuation Unloaded quality factor Ageing of...
Description SAW Components SAW resonator Short range devices

File Size 25.92K  /  5 Page

View it Online

Download Datasheet

    ERICSSON[Ericsson]
Part No. PTF10100
OCR Text ...a --- > OR e Z Source RD G D Z Load EN E R AT D - WAVELENGTHS MHz 860 870 880 890 900 R 2.3 1.9 1.8 1.7 1.6 jX ...983 0.989 0.989 0.987 0.983 0.982 0.980 0.972 0.958 0.929 0.858 0.693 0.783 0.918 0.951 0.974 0.988 ...
Description 165 Watts/ 860-900 MHz LDMOS Field Effect Transistor
165 Watts 860-900 MHz LDMOS Field Effect Transistor
165 Watts, 860-900 MHz LDMOS Field Effect Transistor

File Size 163.10K  /  6 Page

View it Online

Download Datasheet

    http://
AGERE[Agere Systems]
Part No. D371 D371-22N D371-10A D371-10F D371-10N D371-20A D371-20B D371-20F D371-20N D371-22A D371-22F
OCR Text ...d (Biased) Aging Conditions 500 G for P/F 1,500 G for information 20 g, 20 Hz--2,000 Hz -- Delta T = 100 C 1 kg; 3 times for P/F 2 kg; 3 tim...983 Telcordia Technologies 983 Section 5.18 Telcordia Technologies 983 Telcordia Technologies 983 Se...
Description D371-Type Digital Uncooled DFB Laser Module

File Size 54.15K  /  8 Page

View it Online

Download Datasheet

    HF33F

List of Unclassifed Manufacturers
ETC
Part No. HF33F
OCR Text ...397 .A>F397 .qp .qp .qp .qp d f g j bc bi ce ei {A?;@3> .A>F397 .qp d f g j bc bi ce c_cf d_hf e_fa g_hf j_aa bd_f bi_a dg_a a_bf a_cf a_da ...983 8AD F:7 F75:@;53> E7DH;57_ uAI7H7D] ;F ;E F:7 GE7DQE D7EBA@E;4;>;FK FA 67F7D?;@7 I:;5: BDA6G5F E...
Description SUBMINIATURE INTERMEDIATE POWER RELAY

File Size 61.69K  /  3 Page

View it Online

Download Datasheet

    Optoway Technology Inc.
Optoway Technology, Inc.
Part No. LT-54B353B-PG LT-54B33B-P-AG LT-54B33B-PG OPTOWAYTECHNOLOGYINC.-LT-54B33B-P-AG
OCR Text ...ps 1310 nm burst-mode rx itu-t g.983.3 b-pon class b 2x5 sff olt transceiver ****************************************************************************************************************************************************************...
Description 3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T g.983.3 B-PON CLASS B 2X5 SFF OLT Transceiver 3.3 / 622490连续波长模式德克萨斯 155 Mbps310纳米突发模式收发的ITU - T g.983.3乙无源光网络类乙2X5准系统光线路终端收发

File Size 120.15K  /  5 Page

View it Online

Download Datasheet

    MAX3886ETN MAX3886

Maxim Integrated Products, Inc.
Part No. MAX3886ETN MAX3886
OCR Text ...ome (FTTH) systems. It provides G.984- and G.983-compliant clock and data recovery (CDR) for the continuous downstream data signal, with an integrated 4-bit SerDes that has LVDS parallel interfaces and CML serial interfaces. The SerDes uses...
Description Multirate CDR with Integrated Serializer/Deserializer for GPON and BPON ONT Applications

File Size 294.93K  /  17 Page

View it Online

Download Datasheet

    SPL-54B33B-AG SPL-54B33B-G

Optoway Technology Inc
Part No. SPL-54B33B-AG SPL-54B33B-G
OCR Text G / SPL-54B33B-AG SPL-54B33B-G 1 **************************************************************************************************...983.3 B-PON CLASS B SFP OLT Transceiver (with Reset-Less RX) **************************************...
Description 3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T g.983.3 B-PON CLASS B SFP OLT Transceiver

File Size 176.06K  /  5 Page

View it Online

Download Datasheet

    MRF141G

Tyco Electronics
Part No. MRF141G
OCR Text ...OADBAND RF POWER MOSFET D G G S (FLANGE) CASE 375-04, STYLE 2 D MAXIMUM RATINGS Rating Drain-Source Voltage Drain-Gate Voltage ...983 0.983 0.982 0.982 0.982 0.982 0.983 0.982 0.982 0.982 0.981 0.980 0.980 0.979 0.979 0.978 0.977 ...
Description N-CHANNEL BROADBAND RF POWER MOSFET

File Size 257.53K  /  9 Page

View it Online

Download Datasheet

    Lineage Power
Part No. P172
OCR Text ...ositive supply apd bias supply (g = 12) pin bias supply i cc i apd i pin 70 1 4 ma ma ma power dissipation p diss 0.3...983 high-temperature storage 85 c, 2000 hr. 11 bellcore 983 temperature cycling 500 cycles 11 ...
Description FastLight Receiver(FastLight 收发

File Size 173.17K  /  6 Page

View it Online

Download Datasheet

For g.983.3 Found Datasheets File :: 329    Search Time::5.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of g.983.3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.49568915367126