Part Number Hot Search : 
MD1424R SP7662ER SP54HC80 1110FC 30N10 XKD10306 XC64151 SMAJ5
Product Description
Full Text Search
  friendly Datasheet PDF File

For friendly Found Datasheets File :: 3807    Search Time::1.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Energy Micro
Part No. EFM32G230F64-QFN64 EFM32G230F32-QFN64 EFM32G230F128-QFN64
OCR Text friendly microcontrollers 2013-06-28 - efm32g230fxx - d0005_rev1.60 1 www.energymicro.com efm32g230 datasheet f128/f64/f32 ? arm cortex-m3 cpu platform ? high performance 32-bit processor @ up to 32 mhz ? m...
Description microcontrollers

File Size 1,541.53K  /  67 Page

View it Online

Download Datasheet





    SG2074 MC56F8323 DSP56F801 DSP56F802 DSP56F803 MC56F8322

FREESCALE[Freescale Semiconductor, Inc]
ETC
Part No. SG2074 MC56F8323 DSP56F801 DSP56F802 DSP56F803 MC56F8322
OCR Text ... 2 Quad Timers, FlexCAN, an MCU-friendly instruction set, Enhanced OnCE for debug, on-chip relaxation oscillator, and temperature sensor with > 48KB Flash > 12KB RAM 60 MHz, 60 MIPS, 2 SPI, 2 SCI, 2 ADC, PWM, COP, PLL, Decoder, 2 Quad Timer...
Description Digital Switched-Mode Power Supply (SMPS)

File Size 132.56K  /  4 Page

View it Online

Download Datasheet

    Delta
ETC[ETC]
Part No. DLBM-CG121
OCR Text ...e PSKEYS, Bluetooth address and friendly name at this point and when it has finished configuring the device, will initiate a warm reset via the BCCMD interface. Data Sheet July 30, 2004 Proprietary Information and Specifications are S...
Description A Class 2 Bluetooth module suitable for cellular phone, smart phone applications.
From old datasheet system

File Size 314.21K  /  40 Page

View it Online

Download Datasheet

    FUJITSU[Fujitsu Media Devices Limited]
Part No. DS_CELSIUS_M420
OCR Text ...n Reduced downtime with service-friendly cabinet and easy component access (EasyChange and FlexyBay) Blue Angel Award for low energy consumption and recyclability Environment Design guidelines for eco-friendly products in respect to materia...
Description CELSIUS M420 Get more power

File Size 70.21K  /  2 Page

View it Online

Download Datasheet

    SGS Thomson Microelectronics
STMicroelectronics N.V.
ST Microelectronics
意法半导
STMICROELECTRONICS[STMicroelectronics]
Part No. M8PSDSOFT M8DKFL M8DKFL-101 M8DKPRO M8DKPRO-K52-110 M8DKPRO-K52-220 M8DKPRO-T52-110 M8DKPRO-T52-220 M8EK900 M8EK900-KI110 M8EK900-KI2 M8EK900-KI220 -M8EK900 -M8DKPRO-K52-110 -M8EK900-KI110 -M8EK900-KI2 -M8DKFL
OCR Text ...lectronics offers a set of user friendly PC-based hardware and software tools for design, development and programming of FLASH+PSD based MCU systems. These tools can be used with any PC using Microsoft Windows 95, Windows 98 or Windows NT. ...
Description M8 FLASH PSD System Development Tools
M8 FLASHPSD System Development Tools 头M8 FLASHPSD系统开发工
M8 FLASHPSD System Development Tools M8 FLASHPSD系统开发工
CONNECTOR ACCESSORY

File Size 70.15K  /  4 Page

View it Online

Download Datasheet

    DLBM-CH120

Delta Electronics, Inc.
Part No. DLBM-CH120
OCR Text ...e PSKEYS, Bluetooth address and friendly name at this point and when it has finished configuring the device, will initiate a warm reset via the BCCMD interface. Data Sheet April 20, 2005 Proprietary Information and Specifications are Subjec...
Description Bluetooth Module Class 2

File Size 351.56K  /  40 Page

View it Online

Download Datasheet

    PCI9054-AC50BI PCI9054-AC50BIF PCI9054-AC50PI PCI9054-AC50PIF PCI9054

PLX Technology
Part No. PCI9054-AC50BI PCI9054-AC50BIF PCI9054-AC50PI PCI9054-AC50PIF PCI9054
OCR Text ...nlimited bursting, and Hot Swap friendly features like the Hot Swap Configuration Register, and resources for software connection control of the ENUM# signal, ejector switch, and the status LED. Additional PCI Bus Master Features For advanc...
Description PCI Bus Master I/O Accelerator Chip

File Size 358.43K  /  4 Page

View it Online

Download Datasheet

    SLD1236VL

List of Unclassifed Manufacturers
ETC
Part No. SLD1236VL
OCR Text ...) operation guaranteed New user-friendly actual refracting waveguide window structure Maximum Optical Power Output: 250 mW (in pulse drive mode) Increasing the recording speed in DVD+R/RW and DVD-R/RW requires that the optical power out...
Description High-Power Red Laser Diode Supports ×16-Speed DVD Recording
High-Power Red Laser Diode Supports ?16-Speed DVD Recording
High-Power Red Laser Diode Supports 】16-Speed DVD Recording

File Size 65.30K  /  2 Page

View it Online

Download Datasheet

    88768-9830 88768-9800 88768-9810 88768-9820 88768-3510 88768-3610 88768-9900 88768-9910 88768-9920 88768-3500 88768-3520

Molex Electronics Ltd.
Part No. 88768-9830 88768-9800 88768-9810 88768-9820 88768-3510 88768-3610 88768-9900 88768-9910 88768-9920 88768-3500 88768-3520 88768-3530 88768-3600 88768-3620
OCR Text ...tion TVs. HDMI is a small, user-friendly interconnect that provides up to 5 Gbps of bandwidth to support highdefinition video plus multi-channel audio in a single cable. This system eliminates the cost, complexity and confusion of multiple ...
Description High Definition Multimedia Interface (HDMI) Connector System

File Size 224.15K  /  2 Page

View it Online

Download Datasheet

For friendly Found Datasheets File :: 3807    Search Time::1.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of friendly

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.73185181617737