|
|
|
RF Micro Devices, Inc.
|
Part No. |
RF9801 RF9801TR13 RF9801TR7
|
OCR Text |
...ll power levels (5dbm to 33dbm) forward isolation 1 -54 -41 dbm tx enable=low, p in =4dbm, v ramp =0.25v forward isolation 2 -28 -15 dbm tx ...mode nominal conditions used unless otherwise stated. v batt =3.6v, temp=+25c, duty cycle=25%, pin... |
Description |
TELECOM, CELLULAR, RF AND BASEBAND CIRCUIT, BCC23 6.63 X 5.24 MM, 1 MM HEIGHT, ROHS COMPLIANT PACKAGE-23
|
File Size |
1,106.25K /
22 Page |
View
it Online |
Download Datasheet |
|
|
|
Fairchild Semiconductor, Corp.
|
Part No. |
SSS45N20BFP001
|
OCR Text |
...gssf gate-body leakage current, forward v gs = 30 v, v ds = 0 v -- -- 100 na i gssr gate-body leakage current, reverse v gs = -30 v, v ds = 0 v -- -- -100 na on characteristics v gs(th) gate threshold voltage v ds = v gs , i d =... |
Description |
35 A, 200 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET LEAD FREE, TO-220F, 3 PIN
|
File Size |
1,048.37K /
12 Page |
View
it Online |
Download Datasheet |
|
|
|
Shenzhen Jin Yu Semiconductor Co., Ltd.
|
Part No. |
PT8205
|
OCR Text |
...8v, v ds = 0v 100 na forward transconductance g fs v ds = 5v, i d = 4a 10 s dynamic total gate charge q g ...mode mosfet ... |
Description |
20 V Dual N-Channel Enhancement Mode MOSFET
|
File Size |
2,425.55K /
3 Page |
View
it Online |
Download Datasheet |
|
|
|
Kersemi Electronic Co.,...
|
Part No. |
KSMF52N20T
|
OCR Text |
... 26a - 0.041 0.049 ? g fs forward transconductance v ds = 40v, i d = 26a (note 4) -35-s c iss input capacitance v ds = 25v, v gs = 0v f = 1mhz - 2230 2900 pf c oss output capacitance - 540 700 pf c rss reverse tra... |
Description |
N-Channel MOSFET
|
File Size |
2,564.58K /
9 Page |
View
it Online |
Download Datasheet |
|
|
|
NXP Semiconductors N.V.
|
Part No. |
BSP090/T3
|
OCR Text |
...-- 30 v v sd source-drain diode forward voltage i s = - 1.25 a -- 1.3 v v gs gate-source voltage (dc) - 20 v v gsth gate-source threshold vo...mode vertical d-mos transistor bsp090 limiting values in accordance with the absolute maximum rating... |
Description |
5.7 A, 30 V, 0.09 ohm, P-CHANNEL, Si, POWER, MOSFET PLASTIC, SMD, 4 PIN
|
File Size |
88.25K /
12 Page |
View
it Online |
Download Datasheet |
|
|
|
Linear Technology, Corp.
|
Part No. |
LT3465ES6PBF LT3465ES6TRPBF
|
OCR Text |
...soft-start time 600 s schottky forward drop i d = 150ma 0.7 0.7 v schottky leakage current v r = 30v 4 4 a electrical characteristics no...mode. v in (pin 5): input supply pin. must be locally bypassed with a 1 f x5r or x7r type ceramic... |
Description |
1.2MHz White LED Step-Up Converters with Built-In Schottky in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.34 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO6
|
File Size |
320.53K /
16 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|