Part Number Hot Search : 
TC350 SPU09N05 3015P P50B60PD MC33001B ZHCS40 C54VN570 1N5246
Product Description
Full Text Search
  formance Datasheet PDF File

For formance Found Datasheets File :: 1225    Search Time::1.313ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    RF Micro Devices, Inc.
Part No. RF2460
OCR Text ...ts current consumption and per- formance. current at input ip3 7 ma gps - mixer gain 17 db noise figure 6 db input ip3 -5.0 dbm iip3 is adjustable. iset1 (pin 14) external resistor sets current consumption and per- formance. current at inpu...
Description PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHZ TO 2200MHZ DOWNCONVERTER

File Size 595.09K  /  20 Page

View it Online

Download Datasheet





    E2V Technologies PLC
QP Semiconductor, Inc.
Part No. QP7C263-20JC
OCR Text ... table i ? electrical per formance characteristics test symbol conditions /5 case operating range (oc) min max unit output voltage high qp7c26x-20 & 25 v oh v cc = 4.5v, i oh =-2.0ma 2.4 v qp7c26x-35, 45 ...
Description 8K X 8 OTPROM, 20 ns, PQCC28 PLATSIC, LCC-28

File Size 288.92K  /  13 Page

View it Online

Download Datasheet

    http://
Part No. LM2476
OCR Text ...tical to achieving maximum per- formance. important information the lm2476 performance is targeted for the vga (640 x 480) to xga (1024 x 768, 85hz) resolution market. the application circuits shown in this document to optimize per- formanc...
Description Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp

File Size 1,221.47K  /  12 Page

View it Online

Download Datasheet

    AMMP-5618-TR1 AMMP-5618-TR2 AMMP-561813 AMMP-5618-BLK AMMP-5618-15

AVAGO TECHNOLOGIES LIMITED
AVAGO TECHNOLOGIES LIMI...
Part No. AMMP-5618-TR1 AMMP-5618-TR2 AMMP-561813 AMMP-5618-BLK AMMP-5618-15
OCR Text .... aspects of the amplifer per - formance may be improved over a narrower bandwidth by application of additional conjugate, linearity or low noise (opt) matching. figure 1. gain. frequency (ghz) s21 (db) 4 22 6 8 10 12 14 16 18 20 15 12 ...
Description 6?0 GHz General Purpose Amplifier

File Size 373.55K  /  7 Page

View it Online

Download Datasheet

    TGA8810 TGA8810-SCC

TriQuint Semiconductor,Inc.
TRIQUINT[TriQuint Semiconductor]
Part No. TGA8810 TGA8810-SCC
OCR Text ...ecting bias cur rent and RF per formance. The TGA8810-SCC is available in chip for m and is r eadily assembled using automated equipment. Bond pad and backside metallization is gold plated for compatibil ity with eutectic alloy attachment m...
Description Gain Block Amplifier
Self-biased general purpose amplifier

File Size 219.18K  /  7 Page

View it Online

Download Datasheet

    IP060 SP200B P250 SP250B

List of Unclassifed Manufacturers
List of Unclassifed Manufac...
List of Unclassifed Man...
Part No. IP060 SP200B P250 SP250B
OCR Text ...ccuracy and can improve the per formance of your test instrument. tpi offers a wide range of high quality oscilloscope probes designed to meet the most demanding applications. the ip series monolithic probes have switchable attenuation and...
Description Oscilloscope / Differential Probes

File Size 198.52K  /  2 Page

View it Online

Download Datasheet

    LT3063

Linear Technology
Part No. LT3063
OCR Text ...ble low noise reference per formance and output soft - start functionality. the lt3063 s quiescent current is merely 45 a and provides fast transient response with a minimum 3.3 f output capacitor. ...
Description 200mA LDO

File Size 1,327.39K  /  20 Page

View it Online

Download Datasheet

    List of Unclassifed Man...
Part No. HTS541010A9E681 HTS541010A9E680 HTS541064A9E680
OCR Text ...st-of-breed 5400 rp m per formance in p cmark 7 and p cmark v antage testing. the 5k1000 contin ues to d emonstrate hgs ts eco logical l eadership wi th i ts h alogen-free d esign and pow er-e...
Description 2.5-Inch Mobile 5400 RPM 9.5mm Hard Disk Drives

File Size 127.67K  /  2 Page

View it Online

Download Datasheet

    1274584-1 1274684-1 1274663-2 1274572-1 1274571-1

Tyco Electronics
Part No. 1274584-1 1274684-1 1274663-2 1274572-1 1274571-1
OCR Text ...i bnc offers the same high per- formance currently found in standard tyco electronics bnc series, but offers 40% more interconnects in the same area. the mini bnc offering is an excellent fit for 75 ohm systems, offering 500 mat- ing cycl...
Description Mini BNC Connectors, 75 Ohm

File Size 257.74K  /  4 Page

View it Online

Download Datasheet

For formance Found Datasheets File :: 1225    Search Time::1.313ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of formance

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1491448879242