Part Number Hot Search : 
S6X8TS1 DM6588AF DF005S05 2SC5354 93C56AK GSM793E G110DL R4000
Product Description
Full Text Search
  fmf Datasheet PDF File

For fmf Found Datasheets File :: 39    Search Time::1.234ms    
Page :: | <1> | 2 | 3 | 4 |   

    KS57C3204 KS57P3204

SAMSUNG[Samsung semiconductor]
Part No. KS57C3204 KS57P3204
OCR Text ...ut range = 0.5 MHz to 10 MHz -- fmf input range = 30 MHz to 150 MHz A/D Converter -- 4-channels with 8-bit resolution -- 17 s (Min.) conversion speed -- Crystal, ceramic, or RC for main system clock -- Crystal or external oscillator for sub...
Description The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable

File Size 301.62K  /  38 Page

View it Online

Download Datasheet





    Samsung Electronic
Part No. S3P7324
OCR Text ...put range = 0.5 mhz to 10 mhz ? fmf input range = 30 mhz to 150 mhz a/d converter ? 4-channels with 8-bit resolution ? 17 m s (min.) conversion speed bit sequential carrier ? support 16-bit serial data transfer in arbitrary format interrup...
Description Single-Chip CMOS Microcontroller

File Size 306.65K  /  37 Page

View it Online

Download Datasheet

    Samsung Electronic
SAMSUNG SEMICONDUCTOR CO. LTD.
Part No. KS57C3204 KS57P3204
OCR Text ...put range = 0.5 mhz to 10 mhz ? fmf input range = 30 mhz to 150 mhz a/d converter ? 4-channels with 8-bit resolution ? 17 m s (min.) conversion speed bit sequential carrier ? support 16-bit serial data transfer in arbitrary format interrup...
Description The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable

File Size 309.10K  /  38 Page

View it Online

Download Datasheet

    S3P7324 S3C7324

SAMSUNG SEMICONDUCTOR CO. LTD.
Part No. S3P7324 S3C7324
OCR Text ...ut range = 0.5 MHz to 10 MHz -- fmf input range = 30 MHz to 150 MHz A/D Converter -- 4-channels with 8-bit resolution -- 17 s (Min.) conversion speed -- Crystal, ceramic, or RC for main system clock -- Crystal or external oscillator for sub...
Description The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core/ SAM47
The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47

File Size 277.03K  /  37 Page

View it Online

Download Datasheet

    Yageo, Corp.
Part No. fmf100FTF412K fmf1WSFTF412K fmf100FTF412R fmf-50FTF412K fmf-50FTF412R fmf-25FTF412R fmf1WSFTF412R fmf-25FTF412K
OCR Text ...type normal & miniature style [ fmf series ] i n t r od uc tio n the fmf series flame proof resistors are manufactured using vacuum sputtering system to deposit multiple layers of mixed metals alloy and passivative materials onto a caref...
Description RESISTOR, METAL FILM, 1 W, 1 %, 100 ppm, 412000 ohm, THROUGH HOLE MOUNT AXIAL LEADED
RESISTOR, METAL FILM, 1 W, 1 %, 100 ppm, 412 ohm, THROUGH HOLE MOUNT AXIAL LEADED
RESISTOR, METAL FILM, 0.5 W, 1 %, 100 ppm, 412000 ohm, THROUGH HOLE MOUNT AXIAL LEADED
RESISTOR, METAL FILM, 0.5 W, 1 %, 100 ppm, 412 ohm, THROUGH HOLE MOUNT AXIAL LEADED
RESISTOR, METAL FILM, 0.25 W, 1 %, 100 ppm, 412 ohm, THROUGH HOLE MOUNT AXIAL LEADED
RESISTOR, METAL FILM, 0.25 W, 1 %, 100 ppm, 412000 ohm, THROUGH HOLE MOUNT AXIAL LEADED

File Size 175.59K  /  2 Page

View it Online

Download Datasheet

    SAMSUNG[Samsung semiconductor]
Part No. S3C7324 S3P7324
OCR Text ...ut range = 0.5 MHz to 10 MHz -- fmf input range = 30 MHz to 150 MHz A/D Converter -- 4-channels with 8-bit resolution -- 17 s (Min.) conversion speed -- Crystal, ceramic, or RC for main system clock -- Crystal or external oscillator for sub...
Description The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47

File Size 269.83K  /  37 Page

View it Online

Download Datasheet

    248E708103E3 249E708103E3 248D908103E3 248J908103E3 248E908103E3 249D908103E3 249E908103E3 249J708103E3 249J908103E3 248

Vishay Siliconix
Part No. 248E708103E3 249E708103E3 248D908103E3 248J908103E3 248E908103E3 249D908103E3 249E908103E3 249J708103E3 249J908103E3 248E810103E3 248J810103E3 249J810103E3 249 248E910103E3 249E910103E3 248D710103E3 249D710103E3 248D808103E3 249D808103E3 248E710103E3 248J710103E3 249E710103E3 249J710103E3 248D810103E3 249D810103E3 248J910103E3 249J910103E3 249E808103E3 249E810103E3 248E808103E3 248J808103E3 249J808103E3 248D708103E3 249D708103E3 248J708103E3 248D910103E3 249D910103E3
OCR Text ... 8.3 g's (0.29 oz) (1/4" x 7/8" fmf metal shaft) 0.50 Nm (1/4" Bush) 0.70 Nm (3/8" Bush) IP50 ENVIRONMENTAL SPECIFICATIONS Temperature Range Shock Vibrations Rotational Life (Electrical) Load Life at 70 C - 55 C to + 125 C 390 meters/se...
Description 1/2 (12.7 mm) Conductive Plastic & Cermet Potentiometers

File Size 93.67K  /  3 Page

View it Online

Download Datasheet

    ICS843301I-108 843301BGI-108 843301BGI-108LF 843301BGI-108LFT 843301BGI-108T

Integrated Device Technology
Part No. ICS843301I-108 843301BGI-108 843301BGI-108LF 843301BGI-108LFT 843301BGI-108T
OCR Text ...ymbol Parameter fOUT tjit(O) FM fmf SSCred t R / tF Output Frequency RMS Phase Jitter, (Random); NOTE 1, 2 SSC Modulation Frequency; NOTE 3 SSC Modulation Factor; NOTE 3 Spectral Reduction; NOTE 3 Output Rise/Fall Time Test Conditions 75MHz...
Description FEMTOCLOCKS CRYSTAL-TO-3.3V, 2.5V LVPECL 75MHZ FREQUENCY SYNTHESIZER W/SSC
FEMTOCLOCKS⑩ CRYSTAL-TO-3.3V, 2.5V LVPECL 75MHZ FREQUENCY SYNTHESIZER W/SSC

File Size 270.24K  /  15 Page

View it Online

Download Datasheet

    MODEL357 357B010KABO500P22E4 357B110KABO500P22E4 357B210KABO500P22E4 357B310KABO500P22E4 357B010KABO500S22E4 357B110KABO

Vishay Siliconix
Part No. MODEL357 357B010KABO500P22E4 357B110KABO500P22E4 357B210KABO500P22E4 357B310KABO500P22E4 357B010KABO500S22E4 357B110KABO500S22E4 357B210KABO500S22E4 357B310KABO500S22E4 357B010KABO501P22E4 357B110KABO501P22E4 357B210KABO501P22E4 357B310KABO501P22E4 357B010KABO501S22E4 357B110KABO501S22E4 357B210KABO501S22E4 357B310KABO501S22E4 357B010KXBO500P22E4 357B110KXBO500P22E4 357B210KXBO500P22E4 357B310KXBO500P22E4 357B010KXBO500S22E4 357B110KXBO500S22E4 357B210KXBO500S22E4 357B310KXBO500S22E4 357B010KXBO501P22E4 357B110KXBO501P22E4 357B210KXBO501P22E4 357B310KXBO501P22E4 357B010KXBO501S22E4 357B110KXBO501S22E4 357B210KXBO501S22E4 357B310KXBO501S22E4
OCR Text ...haft type P = plain S = slotted fmf (from Mounting face) Range from 12 mm to 75 mm in 1 mm increments e4 LEAD Finish LINEARITY PACKAGING Box of 50 pieces 1 No non turn pin and continuous rotation From 1K to 50 K 10 % or 20 % ...
Description 7/8 (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type

File Size 252.16K  /  3 Page

View it Online

Download Datasheet

    ICST[Integrated Circuit Systems]
Part No. ICS8431-21 ICS8431AM-21T ICS8431AM-21 ICS8431AM-21LF ICS8431AM-21LFT
OCR Text ...tj it(cc) odc tR / tF Fxtal FM fmf SSCred Power-up to Stable Clock Output tSTABLE See Figures in the Parameter Measurement Information section. NOTE 1: Jitter performance using XTAL inputs. NOTE 2: Only valid within the VCO operating ra...
Description From old datasheet system
350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-TO-3.3V LVPECL FREQUENCY SYNTHESIZER

File Size 210.25K  /  17 Page

View it Online

Download Datasheet

For fmf Found Datasheets File :: 39    Search Time::1.234ms    
Page :: | <1> | 2 | 3 | 4 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of fmf

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.7603528499603