Part Number Hot Search : 
P045T 1N5924B LS110 SSF303 4VHCT5 ILC7106 GDIAGRA 2N5190
Product Description
Full Text Search
  flux Datasheet PDF File

For flux Found Datasheets File :: 12929    Search Time::1.907ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MLEGRN-A1-0000-000001 MLEGRN-A1-0000-000101 MLEGRN-A1-0000-000X01 MLEAWT-A1-0000-0002E7 MLEAWT-A1-0000-0003E5 MLEAWT-H1-

Cree, Inc
Part No. MLEGRN-A1-0000-000001 MLEGRN-A1-0000-000101 MLEGRN-A1-0000-000X01 MLEAWT-A1-0000-0002E7 MLEAWT-A1-0000-0003E5 MLEAWT-H1-0000-0001E7 MLEAWT-H1-0000-0003E1 MLEAWT-H1-0000-0003E3 MLEAWT-A1-0000-000351 MLEAWT-P1-0000-0001E7 MLEAWT-U1-0000-0000E7 MLEAMB-A1-0000-000X01 MLEAWT-A1-0000-0001E7 MLEAWT-A1-0000-0002E5 MLEAWT-A1-0000-000451 MLEBLU-A1-0000-000U01 MLESWT-A1-0000-0002E5 MLESWT-A1-0000-000351 MLESWT-A1-0000-0002E7 MLESWT-A1-0000-0001E7 MLESWT-A1-0000-0003E5 MLESWT-A1-0000-000451 MLEROY-A1-0000-000501 MLESWT-H1-0000-0003E1
OCR Text ... ............................ 2 flux characteristics ...................... 3 relative spectral p ower distribution ................................. 7 relative luminous flux vs. junction temperature ................... 8 relative rad...
Description Available in white (2600 K to 8300 K CCT), 80-, 85- and 90?CRI minimum

File Size 1,331.29K  /  26 Page

View it Online

Download Datasheet





    B66365G1500X187 B66365G1000X187

EPCOS
Part No. B66365G1500X187 B66365G1000X187
OCR Text ... hot during operation at higher flux densities and higher frequencies. nizn-materials the magnetic properties of nizn-materials can c hange irreversible in high magnetic fields. processing notes ? the start of the winding process should be ...
Description Ferrites and accessories

File Size 164.69K  /  9 Page

View it Online

Download Datasheet

    PS2701-1 PS2701-1-V PS2701-2 PS2701-2-V PS2701-4 PS2701-4-V PS2701-1-F4

NEC Corp.
NEC Electron Devices
NEC[NEC]
Part No. PS2701-1 PS2701-1-V PS2701-2 PS2701-2-V PS2701-4 PS2701-4-V PS2701-1-F4
OCR Text ...han 210 C * Number of reflows * flux 235 C (package surface temperature) 30 seconds or less Three Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt % is recommended.) Recommended Temperatu...
Description 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes
HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
NPN-OUTPUT DC-INPUT OPTOCOUPLER,2-CHANNEL,2.5KV ISOLATION,SO

File Size 107.16K  /  12 Page

View it Online

Download Datasheet

    PS7142-1C PS7142L-1C PS7142L-1C-E3 PS7142L-1C-E4

NEC[NEC]
NEC Corp.
NEC, Corp.
Part No. PS7142-1C PS7142L-1C PS7142L-1C-E3 PS7142L-1C-E4
OCR Text ...han 210 C * Number of reflows * flux 235 C (package surface temperature) 30 seconds or less Two Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt % is recommended.) Recommended Temperature...
Description DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
8-PIN DIP 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
Optical Coupled MOS FET Photocoupler(MOS 场效应管输出光光隔离器)
8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET 8引脚DIP00伏电压分解,转移2型通道光学耦合场效应晶体管

File Size 73.77K  /  12 Page

View it Online

Download Datasheet

    Q62703-Q2439 Q62703-Q2676 LOPP370-KN LOPP370-M LOPP370-MQ LOPP370-N Q62703-Q3232 LSPP370 LSPP370-KN LSPP370-M LSPP370-MQ

SIEMENS A G
SIEMENS[Siemens Semiconductor Group]
SIEMENS AG
Part No. Q62703-Q2439 Q62703-Q2676 LOPP370-KN LOPP370-M LOPP370-MQ LOPP370-N Q62703-Q3232 LSPP370 LSPP370-KN LSPP370-M LSPP370-MQ LSPP370-N LSPP370-P Q62703-Q2530 Q62703-Q2671 Q62703-Q2672 Q62703-Q2673 Q62703-Q2674 Q62703-Q2675
OCR Text ...ss clear Lichtstrom Luminous flux IF = 15 mA V (mlm) 6.3 16.0 25.0 40.0 16.0 6.3 16.0 25.0 16.0 ... 50 ... 32 ... 50 ... 80 ... 125 ... 50 ... 32 ... 50 ... 125 Bestellnummer Ordering Code LSP P370-KN LSP P370-M LSP P370-N LSP P370...
Description Plane MULTILED 3 mm T1 LED, Non Diffused 平面来料加工3毫米T1的LED,非漫射
Plane MULTILED 3 mm T1 LED, Non Diffused DUAL COLOR LED, ORANGE/PURE GREEN, 3 mm
Plane MULTILED 3 mm T1 LED/ Non Diffused

File Size 536.38K  /  9 Page

View it Online

Download Datasheet

    NCSL119BT

NICHIA CORPORATION
Part No. NCSL119BT
OCR Text ... i f =350ma 3.1 - v luminous flux v i f =350ma 139 - lm luminous intensity i v i f =350ma 35 - cd color rendering index r a i f =350ma 73 - - x - i f =350ma 0.3716 - - r70 chromaticity coordinate y - i f =350ma 0.37...
Description SPECIFICATIONS FOR WARM WHITE LED

File Size 339.74K  /  22 Page

View it Online

Download Datasheet

   
Part No. ASMT-JW32-UUE1
OCR Text ... part number color luminous flux (im), v [1,2] test current (ma) dice technology electrically isolated metal slug min. typ. max. asmt-jw32-nuv01 cool white 87.4 100.0 113.6 350 ingan yes asmt-jw32-nvv01 99.6 105.0 113.6 350 inga...
Description SINGLE COLOR LED, COOL WHITE, 3.7 mm

File Size 119.64K  /  13 Page

View it Online

Download Datasheet

    QTLP321 QTLP321C QTLP321C-E QTLP321C-R QTLP321C-Y QTLP321CE QTLP321CR QTLP321CY

Fairchild Semiconductor, Corp.
Fairchild Semiconductor Corporation
FAIRCHILD[Fairchild Semiconductor]
Part No. QTLP321 QTLP321C QTLP321C-E QTLP321C-R QTLP321C-Y QTLP321CE QTLP321CR QTLP321CY
OCR Text ...TERISTICS Part Number Luminous flux (mlm) Minimum Typical Forward Voltage VF (V) Maximum Typical Wavelength (nm) Peak Dominant Spectral Line Half Width (nm) Viewing Angle () 640 630 20 50 620 615 18 50 590 589 15 50 IF = 70 mA IF = 70 mA 2...
Description    4 - PIN POWER LED
4 - PIN POWER LED 4 -密码大功率LED
4 - PIN POWER LED T-1 SINGLE COLOR LED, RED, 3 mm
4 - PIN POWER LED T-1 SINGLE COLOR LED, YELLOW, 3 mm
White 4 - PIN Power LED
Yellow 4 - PIN Power LED
High Efficiency Red/Green Surface Mount LED Lamp - Standard Bright 0606

File Size 58.79K  /  3 Page

View it Online

Download Datasheet

    SKQKAJD010 SKQKADD010 SKQKAKD010

ALPS ELECTRIC CO.,LTD.
Part No. SKQKAJD010 SKQKADD010 SKQKAKD010
OCR Text ..., SKQJ, SKQK, SKEG series Items flux built-up Condition Mounting surface should not be exposed to fluk Ambient temperature of the soldered surface of PC board. 100 max. 60s max. 260 max. Manual Soldering Except SKRT Series Items Solder...
Description 6.6mm Square (Radial Type)

File Size 139.28K  /  3 Page

View it Online

Download Datasheet

    StarHope
Part No. SPMB401M SPMB141N SPMB301M
OCR Text ... 265 5 ?? 5 ? ?? . (apply flux and immerse in molten solder, up to the point of 3mm from the body,for 5 sec. (235 5 ). wash the leadwire and check for soldering adhesion.) ? 90 % (lead wire is evenly covered by solder over 90%.) ??...
Description ADSL MODEM、FAX、TEL

File Size 363.82K  /  3 Page

View it Online

Download Datasheet

For flux Found Datasheets File :: 12929    Search Time::1.907ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of flux

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.53364491462708