Part Number Hot Search : 
MC1441 20240 SV050 ON1847 MS1045 74HC00 AD9740 LL4001
Product Description
Full Text Search
  flip-flop. Datasheet PDF File

For flip-flop. Found Datasheets File :: 6662    Search Time::1.187ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    74AC109 74AC109MTC 74AC109PC 74AC109SC 74AC109SJ 74ACT109 74ACT109PC 74ACT109SC 74AC109SCX 74ACT109SCX 74AC109SJX 74ACT1

FAIRCHILD[Fairchild Semiconductor]
Part No. 74AC109 74AC109MTC 74AC109PC 74AC109SC 74AC109SJ 74ACT109 74ACT109PC 74ACT109SC 74AC109SCX 74ACT109SCX 74AC109SJX 74ACT109MTC 74AC109MTCX 74ACT109MTCX 74AC109CW 74ACT109CW
OCR Text Flip-Flop November 1988 Revised August 2000 74AC109 * 74ACT109 Dual JK Positive Edge-Triggered Flip-Flop General Description The AC/ACT109 consists of two high-speed completely independent transition clocked JK flip-flops. The clock...
Description    Dual JK Positive Edge-Triggered Flip-Flop
From old datasheet system

File Size 98.77K  /  9 Page

View it Online

Download Datasheet





    80C51BH 80C51BHP D80C51 D87C51 P87C511 80C31BH 87C51

INTEL[Intel Corporation]
Part No. 80C51BH 80C51BHP D80C51 D87C51 P87C511 80C31BH 87C51
OCR Text ...itry is through a divide-by-two flip-flop but minimum and maximum high and low times specified on the data sheet must be observed An external oscillator may encounter as much as a 100 pF load at XTAL1 when it starts up This is due to intera...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 272.93K  /  21 Page

View it Online

Download Datasheet

    80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP

XP Power, Ltd.
Intel Corp.
INTEL[Intel Corporation]
Panasonic Semiconductor
Part No. 80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP83C51FA 83C51FA AN83C51FA AP80C51FA BN83C51FA BP80C51FA TP80C51FA1
OCR Text ...itry is through a divide-by-two flip-flop but minimum and maximum high and low times specified on the datasheet must be observed An external oscillator may encounter as much as a 100 pF load at XTAL1 when it starts up This is due to interac...
Description (193.00 k) 93.00十一
DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一
Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制
EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 190.31K  /  13 Page

View it Online

Download Datasheet

    80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB

INTEL[Intel Corporation]
Part No. 80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB
OCR Text ...itry is through a divide-by-two flip-flop but minimum and maximum high and low times specified on the data sheet must be observed PROGRAMMABLE COUNTER ARRAYS The Programmable Counter Arrays (PCA-PCA1) are each made up of a Counter Modul...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 300.18K  /  22 Page

View it Online

Download Datasheet

    GTLP36T612 GTLP36T612G GTLP36T612GX

Fairchild Semiconductor Corporation
FAIRCHILD[Fairchild Semiconductor]
Part No. GTLP36T612 GTLP36T612G GTLP36T612GX
OCR Text ...t optimizes PCB layout s D-type flip-flop, latch and transparent data paths s A Port source/sink -24mA/+24mA s B Port sink +50mA s For more information see AN-5026, Using BGA Packages Ordering Code: Order Number GTLP36T612G (Note 1)(Not...
Description 36-Bit LVTTL/GTLP Universal Bus Transceiver

File Size 77.84K  /  8 Page

View it Online

Download Datasheet

    ICM7224 ICM7224IPL

INTERSIL[Intersil Corporation]
Part No. ICM7224 ICM7224IPL
OCR Text ...lso included is an extra D-type flip-flop, clocked by the CARRY signal which controls the half-digit segment driver. This output driver can be used as either a true half-digit or as an overflow indicator. The counter will increment on the n...
Description 41/2 Digit LCD Display Counter

File Size 548.00K  /  7 Page

View it Online

Download Datasheet

    M74HC356B1R M74HC356 M74HC356C1R M74HC356M1R M54HC356 M54HC356F1R

STMICROELECTRONICS[STMicroelectronics]
Part No. M74HC356B1R M74HC356 M74HC356C1R M74HC356M1R M54HC356 M54HC356F1R
OCR Text ...0 to D7) is stored in the 8-bit flip-flop at the positive going edge of clock input (CLOCK). The information at the address inputs (S0 to S2) is stored in the 3-bit latch at the negative pulse on SC input. These outputs are disabled to be h...
Description 8 CHANNEL MULTIPLEXER/REGISTER WITH LATCHES (3-STATE)
WITH LATCHES 3-STATE 8 CHANNEL MULTIPLEXER/REGISTER

File Size 269.61K  /  12 Page

View it Online

Download Datasheet

For flip-flop. Found Datasheets File :: 6662    Search Time::1.187ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of flip-flop.

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.8612909317017