Part Number Hot Search : 
BR10100 MBR1060 78M05DT MB382 01102 MAX5978 MAX6164 ILX522K
Product Description
Full Text Search
  fiber-optic Datasheet PDF File

For fiber-optic Found Datasheets File :: 3735    Search Time::1.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD8651 AD8651AR AD8651ARM AD8651ARM-R2 AD8651AR-REEL AD8651AR-REEL7 AD8652 AD8652ARMZ-R2 AD8652ARMZ-REEL AD8652ARZ-REEL

AD[Analog Devices]
Part No. AD8651 AD8651AR AD8651ARM AD8651ARM-R2 AD8651AR-REEL AD8651AR-REEL7 AD8652 AD8652ARMZ-R2 AD8652ARMZ-REEL AD8652ARZ-REEL AD8652ARZ AD8652ARZ-REEL7 AD8651ARMZ-REEL
OCR Text ...one transmission power control, fiber optic networking, wireless networking, and video line drivers. The AD8651 features the newest generation of DigiTrim(R) in-package trimming. This new generation measures and corrects the offset over ...
Description 50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers Preliminary Technical Data

File Size 374.81K  /  20 Page

View it Online

Download Datasheet





    AM7968 AM7968-125DC AM7968-125DKC AM7968-125DMC AM7968-125JC AM7968-125LKC AM7968-125LMC AM7968-125VB3A AM7968-125VBXA A

AMD[Advanced Micro Devices]
Part No. AM7968 AM7968-125DC AM7968-125DKC AM7968-125DMC AM7968-125JC AM7968-125LKC AM7968-125LMC AM7968-125VB3A AM7968-125VBXA AM7968-175DC AM7968-175DKC AM7968-175DMC AM7968-175JC AM7968-175LKC AM7968-175LMC AM7969 AM7969-125 AM7969-125DC AM7969-125DKC AM7969-125DMC AM7969-125JC AM7969-125LKC AM7969-125LMC AM7969-125VB3A AM7969-125VBXA AM7969-175 AM7969-175DC AM7969-175DKC AM7969-175DMC AM7969-175JC AM7969-175LKC AM7969-175LMC 5962-9052701M3A 5962-9052701MXA 5962-9052801MXA 5962-9052801M3A
OCR Text ... . . . . . . 5.5 Interfacing to Fiber Optic Transmitters/Receivers . . . . . . . . . . . . . . . . . . . . . 5.5.1 DC-Coupled TAXl-Fiber Optic Transceiver Interface . . . . . . . . . . . . . 5.5.2 AC-Coupled TAXl-Fiber Optic Transceiver Int...
Description TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)

File Size 702.11K  /  127 Page

View it Online

Download Datasheet

    AM79761 AM79761YC-10 AM79761YC-14

AMD[Advanced Micro Devices]
Part No. AM79761 AM79761YC-10 AM79761YC-14
OCR Text ...aPHY-SD device can interface to fiber-optic media to support 1000BASE-LX and 1000BASE-SX applications and can interface to copper coax to support 1000BASE-CX applications. The functions performed by the device include serializing the 8B/10B...
Description Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY⑩-SD)
Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY-SD)

File Size 124.63K  /  20 Page

View it Online

Download Datasheet

    AM79C874 AM79C874VC

Advanced Micro Devices
Part No. AM79C874 AM79C874VC
OCR Text ...rnet PHY device with 100BASE-FX fiber optic support s Typical power consumption of 0.3 W s Sends/receives data reliably over cable lengths greater than 130 meters s MII mode supports 100BASE-X and 10BASE-T s 7-Wire (General Purpose Serial I...
Description NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver

File Size 507.05K  /  60 Page

View it Online

Download Datasheet

    BCM5208

ETC[ETC]
Broadcom Corporation.
Part No. BCM5208
OCR Text ...thernet on 62.5/125-m multimode fiber optic cable. The BCM5208 employs the use of digital signal processing and full custom circuit design techniques to create a highly integrated and robust physical layer solution for Fast Ethernet switche...
Description 10/100BASE-TX/FX Quad-PHY™ Transceiver
10/100 BASE-TX QUAD TRANSCEIVER

File Size 54.37K  /  2 Page

View it Online

Download Datasheet

    BCM5226 BCM5226R

ETC
Part No. BCM5226 BCM5226R
OCR Text ...uplex support * Twisted-pair or fiber support on any or all ports * Interrupt output capability * Loopback mode for diagnostics * 160-pin PQ...optic transceiver. * Permits transmission over fiber-optic cabling when * Compliant with IEEE 802...
Description 10/100 BASE TX/FX HEX TRANSCEIVER

File Size 160.42K  /  2 Page

View it Online

Download Datasheet

    BCM5228

ETC
Part No. BCM5228
OCR Text ...uplex support * Twisted-pair or fiber support on any or all ports * Interrupt output capability * 208-pin PQFP or 256-pin FBGA package * Pr...optic transceiver * Permits transmission over fiber-optic cabling when * Compliant with IEEE 802....
Description 10/100 BASE - TX/FX OCTAL TRANSCEIVER

File Size 154.99K  /  2 Page

View it Online

Download Datasheet

    BCM5461S

Electronic Theatre Controls, Inc.
ETC
Broadcom Corporation.
Part No. BCM5461S
OCR Text ...ce options Line-side copper and fiber interfaces On-chip low-voltage regulators Fully compliant with IEEE 802.3, 802.3u, and 802.3ab standar...optic module. Switching between copper and fiber media can be accomplished either automatically or t...
Description 10/100/1000 BASE T GIGABIT COPPER TRANSCEIVER
10/100/1000BASE-T Gigabit Copper Transceiver with Copper/Fiber Media Interface

File Size 118.53K  /  2 Page

View it Online

Download Datasheet

    S190-80 S190 S190-100 S190-120 S190-140 S190-150 S190-30 S190-40 S190-65

Fujitsu Component Limited.
Fujitsu Limited
FUJITSU[Fujitsu Media Devices Limited]
Fujitsu Microelectronics
Part No. S190-80 S190 S190-100 S190-120 S190-140 S190-150 S190-30 S190-40 S190-65
OCR Text ...nternal memory control unit via fiber-optic cable. Two optional GS battery units provide backup power to ensure that the data in the GS is not lost as a result of a mains power outage. The input/output system (dynamic channel subsystem) off...
Description Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV06; Number of Contacts:4; Connector Shell Size:13; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight
BUSINESS SERVERS

File Size 82.12K  /  4 Page

View it Online

Download Datasheet

    CXA1684M

SONY[Sony Corporation]
Part No. CXA1684M
OCR Text ...fier, particularly suitable for fiber-optic system. CXA1684M is fabricated using high-speed bipolar process. Features * High transimpedance: 8 pin SOP (Plastic) (Q) 3.9 k (Typ.) (QB) 3.7 k (Typ.) * Wide band width (-3dB): (Q) 630 MHz (Ty...
Description High-Speed Transimpedance Amplifier

File Size 93.82K  /  6 Page

View it Online

Download Datasheet

For fiber-optic Found Datasheets File :: 3735    Search Time::1.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of fiber-optic

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.2848751544952