Part Number Hot Search : 
1A101 TS120 74HCT04 EPA3679G 19CU300P R6000 MBR16H35 BDX45
Product Description
Full Text Search
  ferrules Datasheet PDF File

For ferrules Found Datasheets File :: 428    Search Time::2.797ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MITSUBISHI
Part No. GOT1000
OCR Text ...ng the wire directly using of ferrules with plastic sleeve refer to the drawing below for how to select the proper size ferrules. grounding make sure to ground the fg terminal of the got. the size for the grounding wire is given in the ab...
Description Operator Terminals

File Size 815.71K  /  12 Page

View it Online

Download Datasheet





    1803617 1803633 1205037 1840379 1840447 1840405 1840434 1840450 1840476 1840544 1803594 1803714 1803646 1803659 1803620

Microchip Technology
Part No. 1803617 1803633 1205037 1840379 1840447 1840405 1840434 1840450 1840476 1840544 1803594 1803714 1803646 1803659 1803620 1840382
OCR Text .../ conductor sizes stranded with ferrules without / with plastic collar multiple connection (2 conductors with same cross section) solid / stranded stranded with ferrules without plastic collar stranded with twin ferrules with plastic collar...
Description PLUG FREE 3.81MM 6WAY
PLUG FREE 3.81MM 8WAY
plug-in direction parallel to the conductor axis

File Size 96.42K  /  3 Page

View it Online

Download Datasheet

    TE Connectivity, Ltd.
Part No. 1715080 1715721 1715048
OCR Text .../ conductor sizes stranded with ferrules without / with plastic collar multiple connection (2 conductors with same cross section) solid / stranded stranded with ferrules without plastic collar stranded with twin ferrules with plastic collar...
Description TERM.BLOCK PCB 5.0MM 8WAY
KLEMMBLOCK PRINT SCHRAUB 2POL 22A
TERM.BLOCK PCB 5.0MM 4WAY TERM.BLOCK5.0MM 4

File Size 103.30K  /  3 Page

View it Online

Download Datasheet

    1720017

PHOENIX CONTACT
Part No. 1720017
OCR Text ...h same cross section, stranded, ferrules without plastic sleeve, min. 0.25 mm2 2 conductors with same cross section, stranded, ferrules without plastic sleeve, max. 0.75 mm2 18,5 a+9,52 7,5 9,52 a 4,76 21,5 5 1,3 9,52 a 4,76 7,5 https:/...
Description PCB terminal block - SMKDS 5/ 2-9,5 - 1720017

File Size 79.59K  /  5 Page

View it Online

Download Datasheet

    AK590 AK550 AK502 K590

Unknow
Electronic Theatre Controls, Inc.
ETC[ETC]
List of Unclassifed Manufacturers
Part No. AK590 AK550 AK502 K590
OCR Text ...e (flexible) Stranded wire with ferrules Dimensions Spacing PCB Hole Diameter Stripped Length Materials Insulating Material Flammability Class Temperature Range Terminal Block Wire Guard Colour grey 300 V 15 A AWG 22-14 * * UL 1059 R...
Description Polyester Film Radial Lead Capacitor; Capacitance: 4700uF; Voltage: 100V; Packaging: Bulk
AK SERIES VERTICAL
From old datasheet system

File Size 780.55K  /  3 Page

View it Online

Download Datasheet

    Omron
Part No. K8AB-TH
OCR Text ...rotection. Terminal Wiring with ferrules * Wire with 2 x 2.5 mm2 solid wire or 2 x 1.5 mm2 wiring ferrules. Third-party Certification of CE Mark Compliance, Certified UL Standard Compliance, and Certified TUV and SUD Standard Compliance ...
Description Temperature Monitoring Relay

File Size 540.07K  /  7 Page

View it Online

Download Datasheet

    Omron
Part No. K8AB-PW
OCR Text ...ed wires: AWG16, AWG18 Note: 1. ferrules with insulating sleeves must be used with twisted wires. 2. Two wires can be twisted together. Recommended ferrules Al 1,5-8BK (for AWG16) manufactured by Phoenix Contact Al 1-8RD (for AWG18) manufac...
Description Three-phase Voltage Relay

File Size 857.25K  /  10 Page

View it Online

Download Datasheet

For ferrules Found Datasheets File :: 428    Search Time::2.797ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of ferrules

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.67114400863647