Part Number Hot Search : 
ST6210 C15013 BFP519 HA122 M82C51 F7341Q NTRLPB IRFM9240
Product Description
Full Text Search
  female-male Datasheet PDF File

For female-male Found Datasheets File :: 3223    Search Time::1.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    1307032 ANPC-131 ANPC-128 ANPC-135

MA-Com
MACOM[Tyco Electronics]
Part No. 1307032 ANPC-131 ANPC-128 ANPC-135
OCR Text ... smb: jack, plug or right angle female no-show bracket osx: male, female or right angle jack visible bracket tnc: male or female suction cup n: male or female sma: male or female quickmount micro gps patch antennas 1307032 m/a-com divisio...
Description Quck mount micro GPS patch antenna
QuickMount Micro GPS Patch Antennas
Hook-Up Wire; Conductor Size AWG:10; No. Strands x Strand Size:65 x 28; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes

File Size 119.43K  /  2 Page

View it Online

Download Datasheet





    MAX1280EVC16 MAX1280EVKIT

Maxim Integrated Products
Part No. MAX1280EVC16 MAX1280EVKIT
OCR Text ..., use a straight-through, 9-pin female-to-male cable. If the only available serial port uses a 25-pin connector, a standard 25-pin to 9-pin adapter will be required. The EV kit software checks the modem status lines (CTS, DSR, DCD) to confi...
Description MAX1280 Evaluation System

File Size 151.83K  /  9 Page

View it Online

Download Datasheet

    MAX2825 MAX2825EVKIT MAX2826 MAX2826EVKIT MAX2827 MAX2827EVKIT

http://
MAXIM[Maxim Integrated Products]
Part No. MAX2825 MAX2825EVKIT MAX2826 MAX2826EVKIT MAX2827 MAX2827EVKIT
OCR Text ...ailable parallel port * Male-to-female 25-pin parallel cable, straight through 3) Set the register setting to the default values listed in the MAX2825/MAX2826/MAX2827 data sheet. Use the software to select between 802.11g and 802.11a modes....
Description MAX2825/MAX2826/MAX2827 Evaluation Kits
MAX2825/MAX2826/MAX2827 Evaluation Kits

File Size 1,011.40K  /  12 Page

View it Online

Download Datasheet

    ADAPTERS-TYPE-NSMA TYPE-NSMA TYPE-N_SMA ADAPTERS-TYPE-N_SMA NF-SF50 NF-SM50 NM-SF50 NM-SM50

RF连接
MINI[Mini-Circuits]
http://
Part No. ADAPTERS-TYPE-NSMA TYPE-NSMA TYPE-N_SMA ADAPTERS-TYPE-N_SMA NF-SF50 NF-SM50 NM-SF50 NM-SM50
OCR Text ... DJ824 22.95 NF-SM50 N-Female SMA-Male DC-18 1.15 1.20 1.25 50 DJ826 22.95 NF-SF50 N-Female SMA-Female DC-18 1.15 1.20 1.25 50 DJ827 22.95 NM-SF50 N-Male SMA-Female ...
Description 50OHM/ DC to 18 GHz
50OHM / DC to 18 GHz
50OHM, DC to 18 GHz
50OHM, DC to 18 GHz

File Size 54.07K  /  1 Page

View it Online

Download Datasheet

    TMC2069P7C TMC2069P7CG

FAIRCHILD[Fairchild Semiconductor]
Part No. TMC2069P7C TMC2069P7CG
OCR Text ...V 0V -5V 96 Way Edge Connector (female) Digital Inputs: 10 bit G/Y 10 bit B/U 10 bit R/V DAC Clock SYNC BLANK TMC3003 1 High Quality LPF ...MALE CONNECTOR WITH THE PIN NUMBERS BEING FLIPPED. EXAMPLE: P1A PIN 1 MATES WITH THE MALE CONNECTOR ...
Description Demonstration Board for the TMC3003 DAC

File Size 84.44K  /  12 Page

View it Online

Download Datasheet

    AT-510 AT-514 AT-420

Hirose Electric
Part No. AT-510 AT-514 AT-420
OCR Text ...or Body Insulator Male contacts Female contacts Attenuation element Material Brass PTFE Brass Beryllium copper Metal film Finish Nickel plating ---------- sOrdering Information AT - 4 01 1 2 3 3 Attenuation 01 06 : 1dB : 6dB Gol...
Description Fixed Attenuators (N,BNC,TNC)

File Size 82.74K  /  3 Page

View it Online

Download Datasheet

    SST58SM008 SST58SM008-70-C-FRI SST58SM008-70-C-FRJ SST58SM008-70-C-FSI SST58SM008-70-C-FSJ SST58LM192 SST58LM192-70-C-FR

SST[Silicon Storage Technology, Inc]
Part No. SST58SM008 SST58SM008-70-C-FRI SST58SM008-70-C-FRJ SST58SM008-70-C-FSI SST58SM008-70-C-FSJ SST58LM192 SST58LM192-70-C-FRI SST58LM192-70-C-FRJ SST58LM192-70-C-FSI SST58LM192-70-C-FSJ SST58LM064 SST58LM064-70-C-FRI SST58LM064-70-C-FRJ SST58LM064-70-C-FSI SST58LM064-70-C-FSJ SST58LM016 SST58LM016-70-C-FRI SST58LM016-70-C-FRJ SST58LM016-70-C-FSI SST58LM016-70-C-FSJ SST58LM032 SST58LM032-70-C-FRI SST58LM032-70-C-FRJ SST58LM032-70-C-FSI SST58LM032-70-C-FSJ SST58SM128 SST58LMXXX SST58SM128-70-C-FRI SST58SMXXX SST58LM008 SST58LM008-70-C-FRI SST58LM008-70-C-FRJ SST58LM008-70-C-FSI SST58LM008-70-C-FSJ SST58LM024 SST58LM024-70-C-FRI SST58LM024-70-C-FRJ SST58LM024-70-C-FSI SST58LM024-70-C-FSJ SST58LM048 SST58LM048-70-C-FRI SST58LM048-70-C-FRJ SST58LM048-70-C-FSI SST58LM048-70-C-FSJ SST58LM096 SST58LM096-70-C-FRI SST58LM096-70-C-FRJ SST58LM096-70-C-FSI SST58LM096-70-C-FSJ SST58LM128 SST58LM128-70-C-FRI SST58LM128-70-C-FRJ SST58LM128-70-C-FSI SST58LM128-70-C-FSJ SST58SM016 SST58SM016-70-C-FRI SST58SM016-70-C-FRJ SST58SM016-70-C-FSI SST58SM016-70-C-FSJ SST58SM024 SST58SM024-70-C-FRI SST58SM024-70-C-FRJ SST58SM024-70-C-FSI SST58SM024-70-C-FSJ SST58SM032 SST58SM032-70-C-FRI SST58SM032-70-C-FRJ SST5
OCR Text ...192 MByte capacities * Standard Female IDE Connector - 40-pin and 44-pin * Single Voltage Read and Write Operation - 5.0V-only for SST58SMxx...male connector commonly found on the system motherboards. ADM also offers user selectable Master/Sla...
Description ATA-Disk Module

File Size 340.17K  /  40 Page

View it Online

Download Datasheet

    SP691ANEB SP693A SP691A SP691ACN

SIPEX[Sipex Corporation]
Part No. SP691ANEB SP693A SP691A SP691ACN
OCR Text ... The pin receptacles are raised female pins which can accommodate easy-hook connection leads for power and meter connections, as well as sco...male pins (see List of Materials) may be soldered to the components and inserted into the receptacle...
Description Evaluation Board Manual

File Size 54.05K  /  7 Page

View it Online

Download Datasheet

    SP503AN SP503EB SP503CF

Black Box, Corp.
SIPEX[Sipex Corporation]
Part No. SP503AN SP503EB SP503CF
OCR Text ... Receivers RxD 1 RxC 20 Female Connector 25 14 SP503AN RTS(A) RTS(B) DTR(A) DTR(B) LL 66 67 68 69 35 36 CTS 80 13 1 DSR 78 DCD 19 RL 39 40 76 77 RI 21 SCT 79 RxD(A) RxD(B) DSR(A) to pin 22 fo...
Description Application Note 应用笔记

File Size 211.92K  /  13 Page

View it Online

Download Datasheet

    AT-320 AT-310 AT-115 AT-114 AT-206

HIROSE[Hirose Electric]
Part No. AT-320 AT-310 AT-115 AT-114 AT-206
OCR Text ...or Body Insulator Male contacts Female contacts Attenuation element Material Stainless steel PTFE Beryllium copper Beryllium copper Metal film Finish Passivated ---------- sOrdering Information AT - 1 00-(0) 1 2 3 3 Attenuation 01 ...
Description Fixed Attenuators (SMA Type)

File Size 62.40K  /  3 Page

View it Online

Download Datasheet

For female-male Found Datasheets File :: 3223    Search Time::1.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of female-male

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.48038601875305