Part Number Hot Search : 
ZMM5260 SMCJ51 927SEB 2SC394 PE33676 06151 UPD65 HEM483
Product Description
Full Text Search
  female-female Datasheet PDF File

For female-female Found Datasheets File :: 13124    Search Time::2.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    1307032 ANPC-131 ANPC-128 ANPC-135

MA-Com
MACOM[Tyco Electronics]
Part No. 1307032 ANPC-131 ANPC-128 ANPC-135
OCR Text ... smb: jack, plug or right angle female no-show bracket osx: male, female or right angle jack visible bracket tnc: male or female suction cup n: male or female sma: male or female quickmount micro gps patch antennas 1307032 m/a-com divisio...
Description Quck mount micro GPS patch antenna
QuickMount Micro GPS Patch Antennas
Hook-Up Wire; Conductor Size AWG:10; No. Strands x Strand Size:65 x 28; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes

File Size 119.43K  /  2 Page

View it Online

Download Datasheet





    Pasternack Enterprises, Inc.
Part No. PE7088-8
OCR Text ....92mm male connector 2 2.92mm female frequency range (ghz) dc to 40 body material and plating stainless steel, passivated design fixed electrical specifcations frequency range (ghz) dc to 40 impedance (ohms) 50 power, max input ...
Description 8 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 1 Watt Up To 40 GHz

File Size 375.55K  /  3 Page

View it Online

Download Datasheet

    Pasternack Enterprises, Inc.
Part No. PE7088-4
OCR Text ....92mm male connector 2 2.92mm female frequency range (ghz) dc to 40 body material and plating stainless steel, passivated design fixed electrical specifcations frequency range (ghz) dc to 40 impedance (ohms) 50 power, max input ...
Description 4 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 1 Watt Up To 40 GHz

File Size 376.42K  /  3 Page

View it Online

Download Datasheet

    Pasternack Enterprises, Inc.
Part No. PE7088-3
OCR Text ....92mm male connector 2 2.92mm female frequency range (ghz) dc to 40 body material and plating stainless steel, passivated design fixed electrical specifcations frequency range (ghz) dc to 40 impedance (ohms) 50 power, max input ...
Description 3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 1 Watt Up To 40 GHz

File Size 377.14K  /  3 Page

View it Online

Download Datasheet

    Pasternack Enterprises, Inc.
Part No. PE7088-30
OCR Text ....92mm male connector 2 2.92mm female frequency range (ghz) dc to 40 body material and plating stainless steel, passivated design fixed electrical specifcations frequency range (ghz) dc to 40 impedance (ohms) 50 power, max input ...
Description 30 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 1 Watt Up To 40 GHz

File Size 372.79K  /  3 Page

View it Online

Download Datasheet

    Pasternack Enterprises, Inc.
Part No. PE7088-2
OCR Text ....92mm male connector 2 2.92mm female frequency range (ghz) dc to 40 body material and plating stainless steel, passivated design fixed electrical specifcations frequency range (ghz) dc to 40 impedance (ohms) 50 power, max input ...
Description 2 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 1 Watt Up To 40 GHz

File Size 376.64K  /  3 Page

View it Online

Download Datasheet

    Pasternack Enterprises, Inc.
Part No. PE7088-20
OCR Text ....92mm male connector 2 2.92mm female frequency range (ghz) dc to 40 body material and plating stainless steel, passivated design fixed electrical specifcations frequency range (ghz) dc to 40 impedance (ohms) 50 power, max input ...
Description 20 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 1 Watt Up To 40 GHz

File Size 376.81K  /  3 Page

View it Online

Download Datasheet

    Pasternack Enterprises, Inc.
Part No. PE7088-1
OCR Text ....92mm male connector 2 2.92mm female frequency range (ghz) dc to 40 body material and plating stainless steel, passivated design fixed electrical specifcations frequency range (ghz) dc to 40 impedance (ohms) 50 power, max input ...
Description 1 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 1 Watt Up To 40 GHz

File Size 375.04K  /  3 Page

View it Online

Download Datasheet

    Pasternack Enterprises, Inc.
Part No. PE7088-15
OCR Text ....92mm male connector 2 2.92mm female frequency range (ghz) dc to 40 body material and plating stainless steel, passivated design fixed electrical specifcations frequency range (ghz) dc to 40 impedance (ohms) 50 power, max input ...
Description 15 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 1 Watt Up To 40 GHz

File Size 373.74K  /  3 Page

View it Online

Download Datasheet

    ADAPTERS-TYPE-NSMA TYPE-NSMA TYPE-N_SMA ADAPTERS-TYPE-N_SMA NF-SF50 NF-SM50 NM-SF50 NM-SM50

RF连接
MINI[Mini-Circuits]
http://
Part No. ADAPTERS-TYPE-NSMA TYPE-NSMA TYPE-N_SMA ADAPTERS-TYPE-N_SMA NF-SF50 NF-SM50 NM-SF50 NM-SM50
OCR Text ... DJ824 22.95 NF-SM50 N-Female SMA-Male DC-18 1.15 1.20 1.25 50 DJ826 22.95 NF-SF50 N-Female SMA-Female DC-18 1.15 1.20 1.25 50 DJ827 22.95 NM-SF50 N-Male SMA-Female ...
Description 50OHM/ DC to 18 GHz
50OHM / DC to 18 GHz
50OHM, DC to 18 GHz
50OHM, DC to 18 GHz

File Size 54.07K  /  1 Page

View it Online

Download Datasheet

For female-female Found Datasheets File :: 13124    Search Time::2.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of female-female

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.6082558631897