|
|
|
http:// POWER-ONE[Power-One] Jameco Electronics
|
Part No. |
12H1601-2R 24H1601-2R 48H1601-2R 24H2320-2 48H3040-2 12H1001-2R 12H1301-2R 12H1501-2R 12H1901-2R 12H2320-2 12H2540-2 12H3020-2 12H3040-2 24H1001-2R 24H1301-2R 24H1501-2R 24H1901-2R 24H2540-2 24H3020-2 24H3040-2 48H1001-2R 48H1301-2R 48H1501-2R 48H1901-2R 48H2320-2 48H2540-2 48H3020-2
|
OCR Text |
...e Electromagnetic field Electr. fast transients/bursts Surge Electromagnetic emissions
50 Watt DC-DC Converters
IEC/EN 61000-4-2, contact discharge, level 2 (4 kV) criterion A IEC/EN 61000-4-3, level x (20 V/m) criterion A IEC/EN 61000-... |
Description |
50WattDC-DCConverters Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:3; Features:Aluminium Foil/Polyester Tape; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:5; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:4; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:5; Leaded Process Compatible:Yes; Features:Aluminium Foil/Polyester Tape RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:4; Leaded Process Compatible:Yes; Features:Aluminium Foil/Polyester Tape RoHS Compliant: Yes CAP, 100PF 50V 10% X7R, 0603 SMD,CAP,CERA,0.01UF,0603 50V, X7R, 10% Paired, Cable, Number Of Pairs 2 RoHS Compliant: Yes 50瓦的DC - DC转换 50 Watt DC-DC Converters 50瓦的DC - DC转换 Paired Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Number of Pairs:1; Features:Unshielded; Impedance:72ohm; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes
|
File Size |
139.10K /
4 Page |
View
it Online |
Download Datasheet |
|
|
|
Microchip Technology, Inc. ITT, Corp. MicrochipTechnology Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
Part No. |
24C02A 24C02A-EP 24C02A-ESL 24C02A-ESM 24C02A-ESN 24C02A-IP 24C02A-ISM 24C02A-ISN 24C02A-P 24C02A-SL 24C02A-SM 24C02A-SN 24C04A-EP 24C04A-ESL 24C04A-ESM 24C04A-ESN 24C04A-IP 24C04A-ISL 24C04A-ISM 24C04A-ISN 24C04A-P 24C04A-SL 24C04A-SM 24C04A-SN 24C01A 24C01A-SM 24C01A-SL 24C01A-SN 24C01A-EP 24C01A-ESL 24C01A-ESM 24C01A-ESN 24C01A-IP 24C01A-ISL 24C01A-ISM 24C01A-ISN 24C01A-P 24C02A-ISL 24C04A
|
OCR Text |
...wo wire bus. This device offers fast (1ms) byte write and extended (-40C to 125C) temperature operation. It is recommended that all other ap...setting the bits A0, A1 and A2 of the slave address to the corresponding hard-wired logic levels of ... |
Description |
TELECOM BUS SERIALIZER 1K/2K/4K 5.0VI 2二氧化碳串行EEPROM IC, PM5381-BI 2.48 GB/S USER IF, UBGA-41 1K/2K/4K 5.0VI 2二氧化碳串行EEPROM SPECTRA 2488 SONET/SDH P 1K/2K/4K 5.0VI 2二氧化碳串行EEPROM 1K/2K/4K 5.0V I 2 C O Serial EEPROMs 1K/2K/4K 5.0VI 2二氧化碳串行EEPROM Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0 IC PM4354-NI PBGA 208 SPECTRA 2488 SONET/SDH P IC, PM5344 SPTX SM, 160PQFP SPECTRA 622 SONET/SDH PA IC, PM5343 STXC SMT, 160PQFP PM5355 S/UNI-622 NETW I/F 622MB/S QFP208 EOCTL, Octal E1 Framer, 128 Plastic Quad Flat Pack (PQFP), -40C to 85C BANANA/DBL BANANA PLUG CABLE ASSY, 36 INCHES 4K5.0VI2CSerialEEPROM 1K/2K/4K5.0VI2COSerialEEPROMs
|
File Size |
73.03K /
12 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|