|
|
|
Source Photonics, Inc.
|
Part No. |
C-13-14-f06-BD-SLCL-G5 C-13-14-f06-BD-SLCL-GR C-13-14-f06-BD-SSCL-G5 C-13-14-f06-BD-SSCL-GR C-13-14-f06-BD-SSCL C-13-14-f06-BD-SLCL C-13/14-f06-BD-SSCL-G5 C-13/14-f06-BD-SLCLGR
|
OCR Text |
f06-BD-SXXL-XX
Features * Single fiber bi-directional operation * Laser diode with multi-quantum- well structure * Low threshold current * InGaAs/InP PIN Photodiode with trans-impedance amplifier * High sensitivity with AGC* * Differenti... |
Description |
FIBER OPTIC DEVICE-DUPLEX MODULE, 1290-1330nm, THROUGH HOLE MOUNT-RIGHT ANGLE, LC CONNECTOR FIBER OPTIC DEVICE-DUPLEX MODULE, 1290-1330nm, THROUGH HOLE MOUNT-RIGHT ANGLE, SC CONNECTOR 1310nm Emitting , 1490nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
|
File Size |
536.61K /
4 Page |
View
it Online |
Download Datasheet |
|
|
|
Bourns, Inc. Glenair, Inc. FCI connector
|
Part No. |
98414-f06-18UA03 98414-f06-48UA03 98414-f06-38UA03 98414-f06-28UA03 98414-F08-18UA03 98414-f06-48UA03LF 98414-S10-36A03 98414-F10-36A03 98414-G08-40A03LF 98414-F08-35UA03LF 98414-S08-31UA03LF 98414-S08-30UA03 98414-F10-39A03 98414-F08-15UA03 98414-G06-10ULF
|
OCR Text |
pdm: rev:p released . status: printed: oct 07, 2010
pdm: rev:p released . status: printed: oct... |
Description |
18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER ROHS COMPLIANT 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 35 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 31 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 39 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SHR HEADER 2.00 VERTICAL TMT
|
File Size |
167.75K /
2 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|