Part Number Hot Search : 
TAR5S50U HT6350 SELS6 HYAAM EPM9320 N037M190 R000J SMBJ170
Product Description
Full Text Search
  extra Datasheet PDF File

For extra Found Datasheets File :: 9414    Search Time::1.11ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Winbond Electronics
Part No. W78L52/P/F
OCR Text ...directional parallel ports, one extra 4-bit bit-addressable i/o port (port 4) and two additional external interrupts ( int2 , int3 ), three 16-bit timer/counters, one watchdog timer and a serial port. these peripherals are supported by a e...
Description W78C52D Wide Voltage Version

File Size 174.31K  /  18 Page

View it Online

Download Datasheet





    Winbond Electronics
Part No. W78C52D/DP/DF
OCR Text ...directional parallel ports, one extra 4-bit bit-addressable i/o port (port 4) and two additional external interrupts ( int2 , int3 ), three 16-bit timer/counters, one watchdog timer and a serial port. these peripherals are supported by a e...
Description 8-bit MCU w/ 8Kx8 ROM, 256x8 RAM, 32 I/Os, 3 Timers, 1 Serial Port

File Size 181.31K  /  18 Page

View it Online

Download Datasheet

    TOS5121

List of Unclassifed Manufacturers
Part No. TOS5121
OCR Text ...ge i f =20ma bright 2.1 2.8 100 extra bright super bright 2.1 2.8 100 2.1 2.8 100 extra bright 2.2 2.8 100 extra bright 2.1 2.8 100 volts volts m a colour colour code brightness category red red red green yellow res gy peak wavelength i f =...
Description 7 SEGMENT LED DISPLAY

File Size 44.92K  /  1 Page

View it Online

Download Datasheet

    MIC5528-3.3YMT MIC5528-2.8YMX MIC5528-3.3YMX

Micrel Semiconductor
Part No. MIC5528-3.3YMT MIC5528-2.8YMX MIC5528-3.3YMX
OCR Text extra thin dfn packages general description the mic5528 is a low - power, cap, low dropout regulator designed for opt imal performance in a very - small footprint. it is capable of sourcing up to 500ma of outpu...
Description High-Performance 500mA LDO

File Size 600.15K  /  14 Page

View it Online

Download Datasheet

    WINBOND[Winbond]
Part No. W77IC32P-25 W77IC32-25 W77IC32
OCR Text ...51 * Four 8-bit I/O Ports * One extra 4-bit I/O port and Wait State control signal (available on 44-pin PLCC/QFP package) * Three 16-bit Timers * 12 interrupt sources with two levels of priority * On-chip oscillator and clock circuitry * Tw...
Description 8 BIT MICROCONTROLLER

File Size 380.37K  /  70 Page

View it Online

Download Datasheet

    FDMF6824C

Fairchild Semiconductor
Part No. FDMF6824C
OCR Text ...rev. 1 . 0 .1 fdmf6824c extra - small, high - performance, high - frequency drmos module fdmf 682 4 c ex tra - small, high - performance, high - frequency drmos module benefits ? ultra - compact 6x 6 mm pqfn...
Description FDMF6824C ?extra-Small, High-Performance, High-Frequency DrMOS Module

File Size 1,364.28K  /  19 Page

View it Online

Download Datasheet

    P87C42 P82C42 N80C42 N82C42PD N82C42PE S82C42PC P82C42PE P82C42PC P82C42PD N82C42PC N87C42 N82L42PC N82L42PD UPI-L42 N80

INTEL[Intel Corporation]
Part No. P87C42 P82C42 N80C42 N82C42PD N82C42PE S82C42PC P82C42PE P82C42PC P82C42PD N82C42PC N87C42 N82L42PC N82L42PD UPI-L42 N80L42 N87L42 P8042 P80C42 P82L42PC P82L42PD P87L42 S80C42 S80L42 S82C42PD S82C42PE S82L42PC S82L42PD S87C42 S87L42 UPI-C42
OCR Text ...t 3) has been designated as the extra address pin required to support the programming of the extra 2K of user programmable memory The new instruction SEL PMB1 (73h) allows for access to the upper 2K bank (locations 2048-4095) The additional...
Description UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER

File Size 333.27K  /  25 Page

View it Online

Download Datasheet

    FDMF6824A

Fairchild Semiconductor
Part No. FDMF6824A
OCR Text .... 1 . 0 .1 fdmf6 82 4 a extra - small, high - performance, high - frequency drmos module fdmf 682 4 a ex tra - small, high - performance, high - frequency drmos module benefits ? ultra - compact 6x 6mm pqfn, 7...
Description FDMF6824A ?extra-Small, High-Performance, High-Frequency DrMOS Module

File Size 1,364.84K  /  19 Page

View it Online

Download Datasheet

    MITSUBISHI[Mitsubishi Electric Semiconductor]
Part No. M37274EFSP E37274EF
OCR Text ...an be combined with 16 kinds of extra fonts) Character display area ........................ CC mode : 16 ! 26 dots OSD mode : 16 ! 20 dots EXOSD mode : 16 ! 26 dots Kinds of character sizes ............................... CC mode : 2 types...
Description From old datasheet system
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER

File Size 2,024.50K  /  147 Page

View it Online

Download Datasheet

    UDA1331H

Philips Semiconductors
Part No. UDA1331H
OCR Text ...rnal DSP can be used for adding extra sound processing features via the digital I/O-bus. The UDA1331H supports the standard I2S-bus data input format and the LSB-justified serial data input format with word lengths of 16, 18 and 20 bits. Th...
Description
File Size 169.72K  /  40 Page

View it Online

Download Datasheet

For extra Found Datasheets File :: 9414    Search Time::1.11ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of extra

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.76125311851501