Part Number Hot Search : 
621511 BU4934G N3006 4001B BAT754L1 ML4851 DFREE SA130
Product Description
Full Text Search
  ex-large Datasheet PDF File

For ex-large Found Datasheets File :: 975    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ICM7216A ICM7216ALJL ICM7216BLPL ICM7216D ICM7216DLPL ICM7216B FN3166

INTERSIL[Intersil Corporation]
Part No. ICM7216A ICM7216ALJL ICM7216BLPL ICM7216D ICM7216DLPL ICM7216B FN3166
OCR Text ...IGIT 8 OUTPUT 11 RESET INPUT 12 EX. DECIMAL POINT INPUT 13 RANGE INPUT 14 28 INPUT A 27 HOLD INPUT 26 OSC OUTPUT 25 OSC INPUT 24 EXT OSC INPUT 23 DECIMAL POINT OUTPUT 22 SEG g OUTPUT 21 SEG e OUTPUT 20 SEG a OUTPUT 19 SEG d OUTPUT 18 VDD...
Description Circular Connector; No. of Contacts:79; Series:MS27496; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:21-35 RoHS Compliant: No
(ICM7216x) 8-Digit / Multi-Function / Frequency Counters/Timers
8-Digit, Multi-Function, Frequency Counters/Timers
8-Digit Multi-Function Frequency Counters/Timers
From old datasheet system

File Size 140.34K  /  17 Page

View it Online

Download Datasheet





    LM224-LM324 LM324P LM124D LM124N LM224P LM324 LM224 LM224D LM324D LM124 LM124P LM324N LM224DT LM224N

意法半导
STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
Part No. LM224-LM324 LM324P LM124D LM124N LM224P LM324 LM224 LM224D LM324D LM124 LM124P LM324N LM224DT LM224N
OCR Text .... 5. Due t o the proxi mit y of ex ternal component s insure t hat coupl ing i s not ori gi nat ing vi a str ay capaci t ance betw een these ext ernal par t s. T hi s t ypi call y can be detect ed as t his t ype of capaci tance i ncreases a...
Description LOW POWER QUAD OPERATIONAL AMPLIFIERS

File Size 140.82K  /  14 Page

View it Online

Download Datasheet

    LM224A-LM324A LM124A LM124AD LM124AN LM324A LM224A LM324AD 4797 LM224AD -LM324AD

STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
Part No. LM224A-LM324A LM124A LM124AD LM124AN LM324A LM224A LM324AD 4797 LM224AD -LM324AD
OCR Text .... 5. Due t o the proxi mit y of ex ternal component s insure t hat coupl ing i s not ori gi nat ing vi a str ay capaci t ance betw een these ext ernal par t s. T hi s t ypi call y can be detect ed as t his t ype of capaci tance i ncreases a...
Description From old datasheet system
LOW POWER QUAD OPERATIONAL AMPLIFIERS

File Size 155.08K  /  13 Page

View it Online

Download Datasheet

    L3037QN L3037FN L3037

SGS Thomson Microelectronics
STMicroelectronics
Part No. L3037QN L3037FN L3037
OCR Text ...tolerance protection resistors (ex: PTC). This function allow the L3037 to be fully conform to BELLCORE power cross and surge test and meet also the Longitudinal Balance Specification without using matched PTC resistors. An integrated therm...
Description SUBSCRIBER LINE INTERFACE CIRCUIT

File Size 265.81K  /  22 Page

View it Online

Download Datasheet

    Z86C08 Z86C04

Zilog, Inc.
Part No. Z86C08 Z86C04
OCR Text ...aximum rating conditions for an ex- tended period may affect device reliability. Total power dissipation should not exceed 462 mW for the package. Power dissipation is calculated as follows: Total Power dissipation = VDD x [I DD - (sum o...
Description CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS

File Size 202.23K  /  34 Page

View it Online

Download Datasheet

    CS49400 CS494002-CQ CS494502-CQ

CIRRUS[Cirrus Logic]
Part No. CS49400 CS494002-CQ CS494502-CQ
OCR Text ...m Dolby Digital, Dolby Digital EX, AC-3, Dolby Pro Logic, Dolby Pro Logic II, Dolby Digital EX Pro Logic II, Dolby Surround, Dolby Surround Pro Logic II, Surround EX, Virtual Dolby Digital and the "AAC" logo are trademarks and the "Dolby" ...
Description Multi-Standard Audio Decoder Family

File Size 1,466.68K  /  100 Page

View it Online

Download Datasheet

    STLC60134 STLC60134S 6735

SGS Thomson Microelectronics
ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
Part No. STLC60134 STLC60134S 6735
OCR Text ...elect an attenuated(0, 10dB for ex.) version of the signal in case of short loop or large echo. The signal is amplified by a low noise gain stage (031dB) then low-pass filtered to avoid anti-aliasing and to ease further digital processing b...
Description TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
TOSCA TM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
From old datasheet system

File Size 165.24K  /  22 Page

View it Online

Download Datasheet

    UAA4713 UAA4713DP UAA4713FP 1530

STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
Part No. UAA4713 UAA4713DP UAA4713FP 1530
OCR Text ... required to trigger the Triac. ex. BTA06-600CW = IGT max (mA) = 35mA The UAA4713 Triac output provides a current of 65mA typical. ITout = 65mA(Typ) = IG In order to control the Triac properly IG should be greater than 1.5 x IGT or ITout > ...
Description From old datasheet system
MOTION DETECTOR INTERFACE

File Size 321.99K  /  14 Page

View it Online

Download Datasheet

    RH5RH501A RH5RH501A-T1 RH5RH501A-T2 RH5RH502B RH5RH502B-T1 RH5RH502B-T2 RH5RH503B RH5RH503B-T1 RH5RH503B-T2 RH5RH301A RH

RICOH[RICOH electronics devices division]
Part No. RH5RH501A RH5RH501A-T1 RH5RH501A-T2 RH5RH502B RH5RH502B-T1 RH5RH502B-T2 RH5RH503B RH5RH503B-T1 RH5RH503B-T2 RH5RH301A RH5RH301A-T1 RH5RH301A-T2 RH5RH302B RH5RH302B-T1 RH5RH302B-T2 RH5RH303B RH5RH303B-T1 RH5RH303B-T2 RH5RH333B-T1 RH5RH401A-T1 RH5RH401A-T2 RH5RH353B-T1 RH5RH353B-T2 RH5RH651A-T1 RH5RH582B-T1 RH5RH553B-T1 RH5RH533B-T1 RH5RH452B-T1 RH5RH381A-T1 RH5RH363B-T1 RH5RH331A-T1 RH5RH363B-T2 RH5RH552B-T1 RH5RH552B-T2 RH5RH753B-T2 RH5RH271A-T1 RH5RH271A-T2 RH5RH272B-T1 RH5RH272B-T2 RH5RH273B-T1 RH5RH273B-T2 RH5RH281A-T1 RH5RH281A-T2 RH5RH282B-T1 RH5RH282B-T2 RH5RH283B-T1 RH5RH283B-T2 RH5RH291A-T1 RH5RH291A-T2 RH5RH292B-T1 RH5RH292B-T2 RH5RH293B-T1 RH5RH293B-T2 RH5RH311A-T1 RH5RH312B-T1 RH5RH312B-T2 RH5RH313B-T1 RH5RH313B-T2 RH5RH321A-T1 RH5RH321A-T2 RH5RH322B-T1 RH5RH322B-T2 RH5RH323B-T1 RH5RH323B-T2 RH5RH331A-T2 RH5RH332B-T1 RH5RH332B-T2 RH5RH333B-T2 RH5RH341A-T1 RH5RH341A-T2 RH5RH342B-T1 RH5RH342B-T2 RH5RH343B-T1 RH5RH343B-T2 RH5RH351A-T1 RH5RH351A-T2 RH5RH352B-T1 RH5RH352B-T2 RH5RH361A-T1 RH5RH361A-T2 RH5RH362B-T1 RH5RH362B-T2 RH5RH371A-T1 RH5RH371A-T2 RH5RH372B-T1 RH5RH372B-T2 RH5RH373B-T1 RH5RH373B-T2 RH5RH381A-T2 RH5RH382B-T1 RH5RH382B-T2 RH5RH383B-T1 RH5RH383B-T2 RH5RH391A
OCR Text ...n) Designation of Taping Type : Ex. SOT-89 : T1, T2 SOT-89-5 : T1, T2 (refer to Taping Specifications) "T1" is prescribed as a standard. ...large or VIN is low. Furthermore, it is required that with respect to VOUT, Vf of the diode (about 0...
Description PWM STEP-UP DC/DC CONVERTER

File Size 196.63K  /  29 Page

View it Online

Download Datasheet

For ex-large Found Datasheets File :: 975    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of ex-large

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.74196290969849