Part Number Hot Search : 
SDR65CTZ AAA4FPLZ 170000 SA577D MB951 S2113 SCM1106M UPG2179T
Product Description
Full Text Search
  electrodes Datasheet PDF File

For electrodes Found Datasheets File :: 3167    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    DCR806SG27 DCR806SG28 DCR806SG DCR806SG24 DCR806SG25 DCR806SG26

DYNEX[Dynex Semiconductor]
Part No. DCR806SG27 DCR806SG28 DCR806SG DCR806SG24 DCR806SG25 DCR806SG26
OCR Text ...E. Hole O3.6x2.0 deep (in both electrodes) Cathode tab Cathode O58.5 max O34 nom O1.5 Gate 27.0 25.4 O34 nom Anode Nominal weight: 250g Clamping force: 12.5kN 10% Lead length: 420mm Lead terminal connector: M4 ring Package outl...
Description Phase Control Thyristor

File Size 114.80K  /  8 Page

View it Online

Download Datasheet





    DCR818SG47 DCR818SG46 DCR818SG48 DCR818SG DCR818SG44 DCR818SG45

Dynex Semiconductor Ltd.
DYNEX[Dynex Semiconductor]
Part No. DCR818SG47 DCR818SG46 DCR818SG48 DCR818SG DCR818SG44 DCR818SG45
OCR Text ...2 holes fl3.6x2.0 deep (in both electrodes) Cathode tab Cathode fl58.5 max fl34 nom fl1.5 Gate 27.0 25.4 fl34 nom Nominal weight: 250g Clamping force: 12kN 10% Lead lenght: 420mm Lead terminal connector: M4 ring Package outlin...
Description Phase Control Thyristor

File Size 108.66K  /  8 Page

View it Online

Download Datasheet

    DS1104SG27 DS1104SG30 DS1104SG DS1104SG26 DS1104SG28 DS1104SG29 DS1104SG25

Dynex Semiconductor, Ltd.
DYNEX[Dynex Semiconductor]
Part No. DS1104SG27 DS1104SG30 DS1104SG DS1104SG26 DS1104SG28 DS1104SG29 DS1104SG25
OCR Text .... Hole O3.6 x 2.0 deep (in both electrodes) Cathode O58.5 max O34 nom O34 nom Anode Nominal weight: 250g Clamping force: 12kN 10% Package outine type code: G Note: 1. Package maybe supplied with pins and/or tags. 6/7 27...
Description Rectifier Diode 1849 A, 2900 V, SILICON, RECTIFIER DIODE

File Size 94.85K  /  7 Page

View it Online

Download Datasheet

    DS1107SG37 DS1107SG39 DS1107SG40 DS1107SG38 DS1107SG36 DS1107SG35 DS1107SG

DYNEX SEMICONDUCTOR LTD
DYNEX[Dynex Semiconductor]
Part No. DS1107SG37 DS1107SG39 DS1107SG40 DS1107SG38 DS1107SG36 DS1107SG35 DS1107SG
OCR Text .... Hole O3.6 x 2.0 deep (in both electrodes) Cathode O58.5 max O34 nom O34 nom Anode Nominal weight: 250g Clamping force: 12kN 10% Package outine type code: G Note: 1. Package maybe supplied with pins and/or tags. 6/7 27...
Description Rectifier Diode

File Size 96.08K  /  7 Page

View it Online

Download Datasheet

    DS1109SG47 DS1109SG46 DS1109SG50 DS1109SG DS1109SG45 DS1109SG48 DS1109SG49

DYNEX[Dynex Semiconductor]
Part No. DS1109SG47 DS1109SG46 DS1109SG50 DS1109SG DS1109SG45 DS1109SG48 DS1109SG49
OCR Text .... Hole O3.6 x 2.0 deep (in both electrodes) Cathode O58.5 max O34 nom O34 nom Anode Nominal weight: 250g Clamping force: 12kN 10% Package outine type code: G Note: 1. Package maybe supplied with pins and/or tags. 6/7 27...
Description Rectifier Diode

File Size 96.53K  /  7 Page

View it Online

Download Datasheet

    DS1112SG57 DS1112SG DS1112SG55 DS1112SG56 DS1112SG58 DS1112SG59 DS1112SG60

DYNEX[Dynex Semiconductor]
Part No. DS1112SG57 DS1112SG DS1112SG55 DS1112SG56 DS1112SG58 DS1112SG59 DS1112SG60
OCR Text .... Hole O3.6 x 2.0 deep (in both electrodes) Cathode O58.5 max O34 nom O34 nom Anode Nominal weight: 250g Clamping force: 12kN 10% Package outine type code: G Note: 1. Package maybe supplied with pins and/or tags. 6/7 27...
Description Rectifier Diode

File Size 94.33K  /  7 Page

View it Online

Download Datasheet

    MSM6569 MSM5219B MSM6665-01 MSM6665B

OKI electronic components
OKI electronic componets
Part No. MSM6569 MSM5219B MSM6665-01 MSM6665B
OCR Text ...ld be diminished by plating the electrodes with a non-reactive conductive element, such as gold, for example; however, the high cost of gold and similar non-reactive elements makes this solution impractical for all but the most esoteric app...
Description Advanced LCD Controller/Driver Family

File Size 130.04K  /  13 Page

View it Online

Download Datasheet

    UPC8178TB UPC8179 UPC8179TB UPC8179TB-E3 UPC8128TB UPC8151TB UPC8152TB UPC8179TB1 PC8179TB-E3

NEC[NEC]
Part No. UPC8178TB UPC8179 UPC8179TB UPC8179TB-E3 UPC8128TB UPC8151TB UPC8152TB UPC8179TB1 PC8179TB-E3
OCR Text ...tride passivation film and gold electrodes. These materials can protect the chip surface from pollution and prevent corrosion/migration. Thus, this IC has excellent performance, uniformity and reliability. FEATURES * Low current consump...
Description SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS

File Size 150.83K  /  28 Page

View it Online

Download Datasheet

    UPC8179TK UPC8179TK-E3

NEC Corp.
California Eastern Labs
NEC[NEC]
Part No. UPC8179TK UPC8179TK-E3
OCR Text ...tride passivation film and gold electrodes. These materials can protect the chip surface from pollution and prevent corrosion/ migration. Thus this IC has excellent performance uniformity and reliability. NEC's stringent quality assurance a...
Description SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS

File Size 239.26K  /  6 Page

View it Online

Download Datasheet

    UPD16650 UPD16650N MPD16650N-TCP MPD16650N-TAB UPD16650N-XXX

NEC Corp.
NEC[NEC]
Part No. UPD16650 UPD16650N MPD16650N-TCP MPD16650N-TAB UPD16650N-XXX
OCR Text ...gnals to drive the TFT-LCD gate electrodes. The output changes when the shift clock X rises. The amplitude of the driver output is VDD - VEE1. See the timing charts shown later for details of how to switch between the 120output mode and 128...
Description 120-/128-OUTPUT TFT-LCD GATE DRIVER 120-/128-OUTPUT的TFT - LCD栅极驱动
Interface IC

File Size 60.27K  /  12 Page

View it Online

Download Datasheet

For electrodes Found Datasheets File :: 3167    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of electrodes

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.2757019996643