Part Number Hot Search : 
RMPA2263 2SC50 UT54AC H0013NL 2SC3440 HT45R AB005 2SC50
Product Description
Full Text Search
  elastomeric Datasheet PDF File

For elastomeric Found Datasheets File :: 91    Search Time::3.812ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 |   

    Belden, Inc.
Part No. 1673921
OCR Text ...t unprimed adhesion; heat cure; elastomeric two part; 1:1 mix; heat cure; minimal shrinkage; no exotherm during cure; no solvents or cure byproducts; repairable; good dielectric properties dow corning ? 3-6642 thermally cond...
Description SILICONE ELASTOMER SYLGARD 1.1KG 硅橡胶SYLGARD 1.1公斤

File Size 117.25K  /  8 Page

View it Online

Download Datasheet





    2240 2236 BMIS-201-F BMIS-204-C BMIS-205-F BMI-S-209-F BMIS-204-F 2960 2272 BMIS-210-F BMIS-206-F BMIS-209-F BMIS-210-C

List of Unclassifed Manufacturers
List of Unclassifed Manufac...
List of Unclassifed Man...
Part No. 2240 2236 BMIS-201-F BMIS-204-C BMIS-205-F BMI-S-209-F BMIS-204-F 2960 2272 BMIS-210-F BMIS-206-F BMIS-209-F BMIS-210-C
OCR Text ...s are thin, magnetically loaded elastomeric sheets designed to provide emi protection at high angles of incidence for surface wave attenuation. board level shields provide isolation of board level components, minimizes crosstalk and suscept...
Description Microwave Absorber Microwave Absorber

File Size 562.39K  /  3 Page

View it Online

Download Datasheet

    TFT-253R-SG

Tyco Electronics
Part No. TFT-253R-SG
OCR Text elastomeric medium voltage cable termination is available for both shielded and non-shielded indoor and outdoor applications. tft-r terminations are designed for customers who prefer cold applied terminations. the tft-r termination is...
Description Power Cable Terminations

File Size 1,425.30K  /  2 Page

View it Online

Download Datasheet

    VC1323A2R VC1323A4R VC1323A6R

SHIELD s.r.l.
Part No. VC1323A2R VC1323A4R VC1323A6R
OCR Text ...richiesta Built-in gasket of elastomeric material between screw and housing Guarnizione integrata in materiale elastomerico tra vite e custodia Built-in gasket of elastomeric material on the connector mating face for easy and safe ass...
Description For electrovalves, style A, 2p G or 3p G, female, field attachable

File Size 1,126.80K  /  4 Page

View it Online

Download Datasheet

    VC1104A20 VC1116H00 VC1104A60 VC1104A40 VC1103A00 VC1104A90 VC1202A00 VC1200A00 VC1203A00 VC1105A00 VC1319A3R VC1319A8R

SHIELD s.r.l.
Part No. VC1104A20 VC1116H00 VC1104A60 VC1104A40 VC1103A00 VC1104A90 VC1202A00 VC1200A00 VC1203A00 VC1105A00 VC1319A3R VC1319A8R VC1333H3R
OCR Text ...richiesta Built-in gasket of elastomeric material between screw and housing Guarnizione integrata in materiale elastomerico tra vite e custodia Built-in gasket of elastomeric material on the connector mating face for easy and safe ass...
Description For electrovalves, style A, 2p G or 3p G, female, field attachable
   For electrovalves, style A, 2p G or 3p G, female, field attachable

File Size 1,126.70K  /  4 Page

View it Online

Download Datasheet

    FSG15N1A

Honeywell Solid State Electronics Center
Part No. FSG15N1A
OCR Text ...2 26pc calibrated silicon die elastomeric technology 1.0 psi to 100 psi differential, gage mv linearity, hysteresis & repeatability 0.5% typ. compensated 0 c to 50 c [32 f to 122 f] 24pc bare sensor silicon die elastomeric technology 1.0 ...
Description Pressure Airflow Force

File Size 386.68K  /  10 Page

View it Online

Download Datasheet

    Qualiflow Therm
Part No. AFM360 AFM361 AFM55D AFM10 AFM302 AFC260 AFC261
OCR Text elastomeric seals and magnetic valve : - unique fast and reliable horizontal magnetic valve - low pressure drop option for teos sdc, ticl4, etc using large sensor diameter gives very low pressure drop and defeats contamination and cloggin...
Description MFCs & MFMs series
   MFCs & MFMs series

File Size 333.08K  /  2 Page

View it Online

Download Datasheet

    QDR

Qualtek Electronics Corporation
Part No. QDR
OCR Text elastomeric HEAT SHRINKABLE TUBING SHRINK RATIO 2:1 Features/Applications QDR is made from modified radiation cross-linked elastomers and has superior diesel, chemical and abrasion resistant properties. The special formulation makes the tub...
Description HEAT SHRINK THIN WALL TUBING

File Size 23.21K  /  1 Page

View it Online

Download Datasheet

    U86-D2427-10421 U86-D4427-10421 U86-D6427-10421 U86-D6427-10111 U86-D6427-10121 U86-D6427-10411 U86-D6427-20111 U86-D642

Amphenol Corporation
Part No. U86-D2427-10421 U86-D4427-10421 U86-D6427-10421 U86-D6427-10111 U86-D6427-10121 U86-D6427-10411 U86-D6427-20111 U86-D6427-20121 U86-D6427-20411 U86-D6427-20421 U86-D6427-30111 U86-D6427-30121 U86-D6427-30411 U86-D6427-30421 P-U86-DX427-X0XX1 U86-D2427-20111 U86-D4427-20111 U86-D4427-20421 U86-D2427-10111 U86-D4427-10121 U86-D4427-20411 U86-D4427-10111 U86-D4427-10411 U86-D4427-20121 U86-D4427-30111 U86-D2427-30111 U86-D4427-30421 U86-D2427-30421 U86-D2427-20411 U86-D2427-30411 U86-D2427-10121 U86-D2427-10411 U86-D2427-20421 U86-D2427-20121 U86-D2427-30121 U86-D4427-30121 U86-D4427-30411
OCR Text ...SSPORTTM COMBO WITH LIGHT PIPE (elastomeric GASKET) N/A REF. QA APPD IE APP'D X 03554 A4 DWG. NO. P-U86-DX427-X0XX1 PROJECT SHEET REV. H CODE IDENT. NO. DWG APP'D SCALE 1:1 1 OF 6 1 2 3 ...
Description 2XN SFP EXPRESSPORT垄芒 COMBO WITH LIGHT PIPE (elastomeric GASKET)
2XN SFP EXPRESSPORT COMBO WITH LIGHT PIPE (elastomeric GASKET)

File Size 381.13K  /  6 Page

View it Online

Download Datasheet

    P-U86-D1427-10421 P-U86-D1427-10121 P-U86-D1427-20121 P-U86-D1427-20421 P-U86-D1427-30121 P-U86-D1427-30421 P-U86-D1427-

Amphenol Corporation
Part No. P-U86-D1427-10421 P-U86-D1427-10121 P-U86-D1427-20121 P-U86-D1427-20421 P-U86-D1427-30121 P-U86-D1427-30421 P-U86-D1427-X0XX1
OCR Text ...TRA-PORT COMBO WITH LIGHT PIPE (elastomeric EMI GASKET) DO NOT SCALE DRAWING THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT P...
Description 2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (elastomeric EMI GASKET)

File Size 156.48K  /  4 Page

View it Online

Download Datasheet

For elastomeric Found Datasheets File :: 91    Search Time::3.812ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of elastomeric

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.66640901565552